データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SFR101 データシート(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

部品番号 SFR101
部品情報  1.0 AMP. Soft Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
ホームページ  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SFR101 データシート(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SFR101 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SFR101 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
SFR101 - SFR107
1.0 AMP. Soft Fast Recovery Rectifiers
DO-41
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Fast switching for high efficiency
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Polarity: Color band denotes cathode end
High temperature soldering guaranteed:
260 oC /10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs.,(2.3kg) tension
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol SFR
101
SFR
102
SFR
103
SFR
104
SFR
105
SFR
106
SFR
107
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current .375”(9.5mm) Lead Length
@TA = 55
oC
I(AV)
1.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
30
A
Maximum Instantaneous Forward Voltage
@ 1.0A
VF
1.2
V
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
5.0
150
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
120
200
350
nS
Typical Junction Capacitance ( Note 2 )
Cj
10
pF
Typical Thermal Resistance (Note 3)
RθJA
65
oC/W
Operating Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Notes:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
3. Mount on Cu-Pad Size 5mm x 5mm on P.C.B.
Weight: 0.35 gram
http://www.luguang.cn
mail:lge@luguang.cn


同様の部品番号 - SFR101

メーカー部品番号データシート部品情報
logo
Won-Top Electronics
SFR101 WTE-SFR101 Datasheet
47Kb / 3P
   1.0A SOFT FAST RECOVERY RECTIFIER
logo
Taiwan Semiconductor Co...
SFR101 TSC-SFR101 Datasheet
248Kb / 2P
   1.0 AMP. Soft Fast Recovery Rectifiers
logo
MIC GROUP RECTIFIERS
SFR101 MIC-SFR101 Datasheet
51Kb / 2P
   SOFT RECOVERY FAST SWITCHING RECTIFIER
logo
Diode Semiconductor Kor...
SFR101 DSK-SFR101 Datasheet
292Kb / 2P
   FAST RECOVERY RECTIFIERS
SFR101L DSK-SFR101L Datasheet
249Kb / 2P
   FAST RECOVERY RECTIFIERS
More results

同様の説明 - SFR101

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
SFR101S TSC-SFR101S_1 Datasheet
241Kb / 2P
   1.0 AMP. Soft Fast Recovery Rectifiers
SFR1T1 TSC-SFR1T1_1 Datasheet
258Kb / 2P
   1.0 AMP. Soft Fast Recovery Rectifiers
SFR101 TSC-SFR101_1 Datasheet
248Kb / 2P
   1.0 AMP. Soft Fast Recovery Rectifiers
SFR1T1 TSC-SFR1T1 Datasheet
61Kb / 2P
   1.0 AMP. Soft Fast Recovery Rectifiers
logo
Jinan Gude Electronic D...
SFR1A1 JGD-SFR1A1 Datasheet
138Kb / 2P
   1.0 AMP. SOFT FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
SFR101S TSC-SFR101S Datasheet
62Kb / 2P
   1.0 AMP. Soft Fast Recovery Rectifiers
logo
Bytes
BA157 BYTES-BA157 Datasheet
152Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
FR101 BYTES-FR101 Datasheet
152Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
RL101F BYTES-RL101F Datasheet
152Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
F1T1 TSC-F1T1_10 Datasheet
526Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com