データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM1D-NZ データシート(PDF) 3 Page - AIMTEC

部品番号 AM1D-NZ
部品情報  1 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AIMTEC [AIMTEC]
ホームページ  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1D-NZ データシート(HTML) 3 Page - AIMTEC

  AM1D-NZ Datasheet HTML 1Page - AIMTEC AM1D-NZ Datasheet HTML 2Page - AIMTEC AM1D-NZ Datasheet HTML 3Page - AIMTEC AM1D-NZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series AM1D-NZ
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(926 6832)
F 051e R6.H
3 of 4
North America only
Output Specifications (continued)
Parameters
Conditions
Typical
Maximum
Units
Temperature coefficient
±0.03
%/oC
Ripple & Noise
At 20MHz Bandwidth
75
mV p-p
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
150
KHz
Max Case temperature
+95
oC
Operating temperature
-40 to +85
oC
Storage temperature
-55 to +125
oC
Derating
Not-Required
Cooling
Free air convection
Humidity
90
%
Case material
Non-conductive black plastic UL 94 V-0
Weight
2
g
Dimensions (L x W x H)
1000 & 3000VDC
0.76 x 0.24 x 0.39 inch
19.5 x 6.00 x 10.00 mm
6000VDC
0.76 x 0.39 x 0.49 inch
19.50 x 9.80 x 12.5 mm
MTBF
>1 100 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25oC)
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified
Safety Specifications
Parameters
Standards
IEC 60950-1: 2001
Agency approvals
cULus (for 1000, 3000 & some 6000VDC Isolated models);
CE (for 3000VDC Isolation models and single 1000VDC Isolation models)
NOTE: all other models not referenced above are designed to meet standard IEC 60950-1:2001
Pin Out Specifications
Pin
1000 VDC
3000 , 6000 VDC
Single
Dual
Single
Dual
1
+ V Input
+ V Input
+ V Input
+ V Input
2
- V Input
- V Input
- V Input
- V Input
4
- V Output
- V Output
No pin
No pin
5
No pin
Common
- V Output
- V Output
6
+ V Output
+ V Output
No pin
Common
7
No pin
No pin
+ V Output
+ V Output
External capacitor – Single output
External capacitor – Dual output
Vin
(VDC)
External
capacitor
(μF)
Vout
(VDC)
External
capacitor
(μF)
5
4.7
5
10
12
2.2
9
4.7
24
1
12
2.2
-
-
15
1
Vin
(VDC)
External
capacitor
(μF)
Vout
(VDC)
External
capacitor
(μF)
5
4.7
5
10
12
2.2
9
4.7
24
1
12
2.2
-
-
15
1


同様の部品番号 - AM1D-NZ

メーカー部品番号データシート部品情報
logo
AIMTEC
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
More results

同様の説明 - AM1D-NZ

メーカー部品番号データシート部品情報
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com