データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD590JH データシート(PDF) 11 Page - Analog Devices

部品番号 AD590JH
部品情報  Two-Terminal IC Temperature Transducer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD590JH データシート(HTML) 11 Page - Analog Devices

Back Button AD590JH Datasheet HTML 7Page - Analog Devices AD590JH Datasheet HTML 8Page - Analog Devices AD590JH Datasheet HTML 9Page - Analog Devices AD590JH Datasheet HTML 10Page - Analog Devices AD590JH Datasheet HTML 11Page - Analog Devices AD590JH Datasheet HTML 12Page - Analog Devices AD590JH Datasheet HTML 13Page - Analog Devices AD590JH Datasheet HTML 14Page - Analog Devices AD590JH Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD590
Rev. C | Page 11 of 16
30pF
V+
4mA = 17°C
12mA = 25°C
20mA = 33°C
+
+
AD581
VOUT
RT
5k
10
10k
12.7k
35.7k
5k
500
AD590
AD707A
+
0.01
µF
V–
Figure 18. 4 mA to 20 mA Current Transmitter
Figure 19 is an example of a variable temperature control circuit
(thermostat) using the AD590. RH and RL are selected to set the
high and low limits for RSET. RSET could be a simple pot, a
calibrated multiturn pot, or a switched resistive divider.
Powering the AD590 from the 10 V reference isolates the
AD590 from supply variations while maintaining a reasonable
voltage (~7 V) across it. Capacitor C1 is often needed to filter
extraneous noise from remote sensors. RB is determined by the
β of the power transistor and the current requirements of the
load.
LM311
+
C1
2
3
4
1
7
10k
RSET
RL
RB
RH
V–
V+
V+
AD590
+
AD581
OUT
HEATING
ELEMENTS
GND
10V
Figure 19. Simple Temperature Control Circuit
Figure 20 shows that the AD590 can be configured with an 8-bit
DAC to produce a digitally controlled set point. This particular
circuit operates from 0°C (all inputs high) to 51.0°C (all inputs
low) in 0.2°C steps. The comparator is shown with 1.0°C
hysteresis, which is usually necessary to guard-band for
extraneous noise. Omitting the 5.1 MΩ resistor results in no
hysteresis.
MC
1408/1508
DAC OUT
–15V
+5V
REF
OUTPUT HIGH-
TEMPERATURE ABOVE SET POINT
OUTPUT LOW-
TEMPERATURE BELOW SET POINT
1.25k
+5V
+2.5V
AD580
20pF
BIT 1
BIT 8
BIT 2
BIT 7
BIT 3
BIT 6
BIT 4
BIT 5
1.15k
200
200
Ω, 15T
6.98k
1k
Ω, 15T
–15V
AD590
+
–15V
+5V
+5V
1
4
2
3
8
7
LM311
1k
5.1M
6.8k
Figure 20. DAC Set Point
The voltage compliance and the reverse blocking characteristic
of the AD590 allows it to be powered directly from 5 V CMOS
logic. This permits easy multiplexing, switching, or pulsing for
minimum internal heat dissipation. In Figure 21, any AD590
connected to a logic high passes a signal current through the
current measuring circuitry, while those connected to a logic
zero pass insignificant current. The outputs used to drive the
AD590s may be employed for other purposes, but the additional
capacitance due to the AD590 should be taken into account.
5V
CMOS
GATES
AD590
1k
Ω (0.1%)
+
+
+
+
Figure 21. AD590 Driven from CMOS Logic
CMOS analog multiplexers can also be used to switch AD590
current. Due to the AD590’s current mode, the resistance of
such switches is unimportant as long as 4 V is maintained
across the transducer. Figure 22 shows a circuit that combines
the principle demonstrated in Figure 21 with an 8-channel
CMOS multiplexer. The resulting circuit can select 1–80 sensors
over only 18 wires with a 7-bit binary word.


同様の部品番号 - AD590JH

メーカー部品番号データシート部品情報
logo
Intersil Corporation
AD590JH INTERSIL-AD590JH Datasheet
95Kb / 10P
   2-Wire, Current Output Temperature Transducer
August 1997
logo
Analog Devices
AD590JH AD-AD590JH Datasheet
3Mb / 16P
   Two-Twrminal IC Temperature Transducer
REV. C
logo
Intersil Corporation
AD590JH INTERSIL-AD590JH Datasheet
334Kb / 10P
   2-Wire, Current Output Temperature Transducer
logo
Analog Devices
AD590JH AD-AD590JH Datasheet
346Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. E
AD590JH AD-AD590JH Datasheet
423Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
More results

同様の説明 - AD590JH

メーカー部品番号データシート部品情報
logo
Sensitron
AD590 SENSITRON-AD590 Datasheet
32Kb / 2P
   TWO-TERMINAL TEMPERATURE TRANSDUCER
logo
Analog Devices
AD590JCHIPS AD-AD590JCHIPS Datasheet
3Mb / 16P
   Two-Twrminal IC Temperature Transducer
REV. C
AD590JH AD-AD590JH Datasheet
417Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590JH883B AD-AD590JH883B Datasheet
411Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590KF AD-AD590KF Datasheet
423Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590JRZ AD-AD590JRZ Datasheet
346Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. E
AD592 AD-AD592 Datasheet
302Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592ANZ AD-AD592ANZ Datasheet
778Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592BNZ AD-AD592BNZ Datasheet
778Kb / 8P
   LOW COST, PRECISION IC TEMPERATURE TRANSDUCER
REV. A
AD592 AD-AD592_15 Datasheet
778Kb / 8P
   LOW COST PRECISION IC TEMPERATURE TRANSDUCER
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com