データシートサーチシステム |
|
AM15E-1205DH30IZ データシート(PDF) 3 Page - AIMTEC |
|
AM15E-1205DH30IZ データシート(HTML) 3 Page - AIMTEC |
3 / 5 page Series AM15E-IZ 15 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R12.C 3 of 5 North America only Free Air Convection - 40 - 20 0 20 40 60 80 100 100 80 60 40 20 0 Safe Operating Area 85 Ambient Temperature º C 75 C º General Specifications Parameters Conditions Typical Maximum Units Switching frequency 100% load 200 KHz Operating temperature With derating above +75 -40 to+75 oC Storage temperature -55 to +115 oC Maximum Case temperature 95 oC Cooling Free air convection Humidity 95 % Case material Nickel coated copper Weight 33 g Dimensions (L x W x H) 2.00 x 1.00 x 0.40 inches 50.80 x 25.40 x 10.50 mm MTBF > 800 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25oC) Safety Specifications Parameters Agency approvals CE Standards EN 55022, EN 55024 class B Pin Out Specifications Derating 1500 vdc Isolation 3000VDC Isolation Pin Single Dual 1 On/Off Control On/Off Control 2 -V Input -V Input 3 +V Input +V Input 4 -V Output -V Output 5 No pin Common 6 +V Output +V Output - 40 - 20 0 20 40 60 80 100 100 80 60 40 20 0 Safe Operating Area 85 Ambient Temperature º C Free Air Convection 50ºC |
同様の部品番号 - AM15E-1205DH30IZ |
|
同様の説明 - AM15E-1205DH30IZ |