データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

744778115 データシート(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 744778115
部品情報  POWER-CHOKE WE-PD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744778115 データシート(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744778115 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744778115 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744778115 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
A
9,00 ± 0,1
mm
B
16,0 ± 0,2
mm
+ 0,1
- 0,0
D
4,00 ± 0,1
mm
E
2,00 ± 0,1
mm
F
1,75 ± 0,1
mm
G
9,00 ± 0,1
mm
H
3,50 ± 0,1
mm
a
330,0 ± 2,0
mm
b
21,00 ± 0,8
mm
c
13,00 ± 0,5
mm
d
100,0 ± 1,0
mm
MST
04-10-11
MST
03-12-10
RT
03-02-24
MST
02-02-27
JH
00-12-06
Name
Datum / date
Version 2
Version 3
Version 4
Version 5
mm
1,50
C
Spezifikation für Freigabe / specification for release
Kunde / customer :
Artikelnummer / part number :
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Datum / date
Unterschrift / signature
Würth Elektronik
Kunde / customer
http://www.we-online.de
...................................................
............................................
Geprüft / checked
Kontrolliert / approved
Änderung / modification
Version 1
..............................................................................
Würth Elektronik eiSos GmbH & Co. KG
...............................................................................
SPEICHERDROSSEL WE-PD
POWER-CHOKE WE-PD
I Rollenspezifikation / Tape and reel specification :
Gurtspezifikation / Tape specification:
DATUM / DATE : 2004-10-11
Rollenspezifikation / Reel specification:
Freigabe erteilt / general release:
744778115
H
G
Ø c
a
d
b
A
B
F
E
D
øC
The force for tearing off cover tape is
10 to 130 grams in arrow direction
165 to 180°
feeding direction
This electronic component is designed and developed with the intention for use in general electronics equipments. Before incorporating the components into any equipments in the field such
as aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information
network etc. where higher safety and reliability are especially required or if there is possibility of direct damage or injury to human body. In addition, even electronic component in general
electronic equipments, when used in electrical circuits that require high safety, reliability functions or performance, the sufficient reliability evaluation-check for the safety must be performed
before use. It is essential to give consideration when to install a protective circuit at the design stage
RoHS
compliant
LF
SEITE 3 VON 3


同様の部品番号 - 744778115

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
744778112 WURTH-744778112 Datasheet
154Kb / 3P
   POWER-CHOKE WE-PD
744778118 WURTH-744778118 Datasheet
154Kb / 3P
   POWER-CHOKE WE-PD
More results

同様の説明 - 744778115

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
7447709002 WURTH-7447709002 Datasheet
189Kb / 3P
   POWER-CHOKE WE-PD
7447715180 WURTH-7447715180 Datasheet
128Kb / 4P
   POWER-CHOKE WE-PD
7447715330 WURTH-7447715330 Datasheet
128Kb / 4P
   POWER-CHOKE WE-PD
7447715470 WURTH-7447715470 Datasheet
128Kb / 4P
   POWER-CHOKE WE-PD
7447715906 WURTH-7447715906 Datasheet
122Kb / 4P
   POWER-CHOKE WE-PD
7447779003 WURTH-7447779003 Datasheet
104Kb / 3P
   POWER-CHOKE WE-PD
7447779004 WURTH-7447779004 Datasheet
104Kb / 3P
   POWER-CHOKE WE-PD
7447785133 WURTH-7447785133 Datasheet
598Kb / 3P
   POWER-CHOKE WE-PD
7447789147W WURTH-7447789147W Datasheet
279Kb / 3P
   POWER-CHOKE WE-PD
744770282 WURTH-744770282 Datasheet
154Kb / 3P
   POWER-CHOKE WE-PD
744770222 WURTH-744770222 Datasheet
154Kb / 3P
   POWER-CHOKE WE-PD
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com