データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD586LR データシート(PDF) 5 Page - Analog Devices

部品番号 AD586LR
部品情報  High Precision 5 V Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD586LR データシート(HTML) 5 Page - Analog Devices

  AD586LR Datasheet HTML 1Page - Analog Devices AD586LR Datasheet HTML 2Page - Analog Devices AD586LR Datasheet HTML 3Page - Analog Devices AD586LR Datasheet HTML 4Page - Analog Devices AD586LR Datasheet HTML 5Page - Analog Devices AD586LR Datasheet HTML 6Page - Analog Devices AD586LR Datasheet HTML 7Page - Analog Devices AD586LR Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD586
REV. C
–5–
Output turn-on time is modified when an external noise reduc-
tion capacitor is used. When present, this capacitor acts as an
additional load to the internal Zener diode’s current source, re-
sulting in a somewhat longer turn-on time. In the case of a 1
µF
capacitor, the initial turn-on time is approximately 400 ms to
0.01% (see Figure 5c).
Figure 5. Turn-On Characteristics
DYNAMIC PERFORMANCE
The output buffer amplifier is designed to provide the AD586
with static and dynamic load regulation superior to less com-
plete references.
Many A/D and D/A converters present transient current loads
to the reference, and poor reference response can degrade the
converter’s performance.
Figure 6 displays the characteristics of the AD586 output ampli-
fier driving a 0 mA to 10 mA load.


同様の部品番号 - AD586LR

メーカー部品番号データシート部品情報
logo
Analog Devices
AD586LR AD-AD586LR Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
AD586LR AD-AD586LR Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
AD586LR-REEL AD-AD586LR-REEL Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
AD586LR-REEL AD-AD586LR-REEL Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
AD586LR-REEL7 AD-AD586LR-REEL7 Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
More results

同様の説明 - AD586LR

メーカー部品番号データシート部品情報
logo
Analog Devices
5962-8982401PA AD-5962-8982401PA Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
AD586 AD-AD586_15 Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
AD586 AD-AD586_05 Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
AD688 AD-AD688_15 Datasheet
490Kb / 16P
   High Precision 10 V Reference
REV. B
REF02 AD-REF02_05 Datasheet
584Kb / 16P
   5 V Precision Voltage Reference/Temperature Transducer
Rev. I
REF02 AD-REF02 Datasheet
454Kb / 16P
   5 V Precision Voltage Reference/Temperature Transducer
Rev. F
AD688 AD-AD688 Datasheet
406Kb / 8P
   High Precision -10 V Reference
REV. A
AD587 AD-AD587_15 Datasheet
361Kb / 12P
   High Precision 10 V Reference
Rev. H
AD587 AD-AD587 Datasheet
177Kb / 12P
   High Precision 10 V Reference
REV. F
5962-8982502PA AD-5962-8982502PA Datasheet
361Kb / 12P
   High Precision 10 V Reference
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com