データシートサーチシステム |
|
744778520 データシート(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
744778520 データシート(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
1 / 3 page Bezeichnung : description : Amm Bmm Cmm Dmm Emm @@FRM 1@@ = Start of winding Marking = Inductance code Eigenschaften / properties Wert / value Einheit / unit tol. Induktivität / inductance DC-Widerstand / DC-resistance DC-Widerstand / DC-resistance Nennstrom / rated current Sättigungsstrom / saturation current Eigenres.-Frequenz / self-res.-fequency 33% Umgebungstemperatur / temperature: +20°C 100% Sn MST 04-10-11 ME 04-06-15 Name Datum / date HP 34401 A für/for IDC und/and RDC HP 4274 A für/for L und/and Q A Mechanische Abmessungen / dimensions : 100 kHz / 0,25V @ 20°C L 100,00 744778520 Luftfeuchtigkeit / humidity: SPEICHERDROSSEL WE-PD POWER-CHOKE WE-PD RDC typ 0,950 typ. IDC typ. Spezifikation für Freigabe / specification for release DATUM / DATE : 2004-10-11 max. C Lötpad / soldering spec. : B Elektrische Eigenschaften / electrical properties : µH Artikelnummer / part number : Testbedingungen / test conditions 0,65 max. Ω 1,060 ± 25% A RDC max typ. D Prüfgeräte / test equipment : Datum / date .................................................................................. Unterschrift / signature E Testbedingungen / test conditions : Betriebstemp. / operating temperature: -40°C - + 125°C Ferrit/ferrite MHz Ω |∆L/L|<10% A SRF Isat 0,50 11,0 ∆T=40 K @ 20°C Würth Elektronik http://www.we-online.de Würth Elektronik eiSos GmbH & Co. KG D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400 Kontrolliert / approved Freigabe erteilt / general release: Kunde / customer F Werkstoffe & Zulassungen / material & approvals : G Eigenschaften / general specifications : It is recommended that the temperature of the part does not exceed 125°C under worst case operating conditions. Draht / wire: 2SFBW; 155° Anbindung an Elektrode / soldering wire to plating: Basismaterial / base material: Geprüft / checked ................................................... ............................................ Umgebungstemp. / ambient temperature: -40°C - + 85°C Endoberfläche / finishing electrode: Kunde / customer : .................................................................................. Sn/Ag/Cu - 96.5/3.0/0.5% Typ XS 2,8 ref. 6,2 ± 0,3 5,9 ± 0,3 3,3 max. 1,5 ref. Änderung / modification Version 1 Version 2 [mm] C A B D E 1,9 2,5 6,2 Marking RoHS compliant LF SEITE 1 VON 3 |
同様の部品番号 - 744778520 |
|
同様の説明 - 744778520 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |