データシートサーチシステム |
|
AD633JN データシート(PDF) 5 Page - Analog Devices |
|
AD633JN データシート(HTML) 5 Page - Analog Devices |
5 / 8 page REV. B AD633 –5– the basis of voltage controlled integrators and oscillators as will be shown later in this Applications section. The transfer func- tion of this circuit has the form I R XX Y Y V O = − ( ) − ( ) 1 10 12 1 2 (Equation 7) Linear Amplitude Modulator The AD633 can be used as a linear amplitude modulator with no external components. Figure 10 shows the circuit. The car- rier and modulation inputs to the AD633 are multiplied to produce a double-sideband signal. The carrier signal is fed forward to the AD633’s Z input where it is summed with the double-sideband signal to produce a double-sideband with carrier output. Voltage Controlled Low-Pass and High-Pass Filters Figure 11 shows a single multiplier used to build a voltage con- trolled low-pass filter. The voltage at output A is a result of filtering, ES. The break frequency is modulated by EC, the con- trol input. The break frequency, f2, equals f E VRC C 2 20 = ( )π (Equation 8) and the rolloff is 6 dB per octave. This output, which is at a high impedance point, may need to be buffered. The voltage at output B, the direct output of the AD633, has same response up to frequency f1, the natural breakpoint of RC filter, f RC 1 1 2 = π (Equation 9) then levels off to a constant attenuation of f1/f2 = EC/10. 0.1 F +15V MODULATION INPUT EM W = 1+ EM 10V 8 7 6 5 1 2 3 4 AD633JN 0.1 F X1 X2 Y1 Y2 –VS +VS W Z –15V CARRIER INPUT ECsin t ECsin t Figure 10. Linear Amplitude Modulator For example, if R = 8 k Ω and C = 0.002 µF, then output A has a pole at frequencies from 100 Hz to 10 kHz for EC ranging from 100 mV to 10 V. Output B has an additional zero at 10 kHz (and can be loaded because it is the multiplier’s low impedance output). The circuit can be changed to a high-pass filter Z inter- changing the resistor and capacitor as shown in Figure 12 below. 0.1 F +15V OUTPUT B = 1 + T1P 8 7 6 5 1 2 3 4 AD633JN 0.1 F X1 X2 Y1 Y2 –VS +VS W Z –15V SIGNAL INPUT ES CONTROL INPUT EC 1 + T2P R C OUTPUT A = 1 1 + T2P T1 == RC 1 W1 T2 == 1 W2 10 ECRC 0 dB f f2 f1 OUTPUTB –6dB/OCTAVE OUTPUTA Figure 11. Voltage Controlled Low-Pass Filter 0.1 F +15V OUTPUT B 8 7 6 5 1 2 3 4 AD633JN 0.1 F X1 X2 Y1 Y2 –VS +VS W Z –15V SIGNAL INPUT ES CONTROL INPUT EC R C OUTPUT A 0 dB f f2 f1 OUTPUTB +6dB/OCTAVE OUTPUTA Figure 12. Voltage Controlled High-Pass Filter Voltage Controlled Quadrature Oscillator Figure 13 shows two multipliers being used to form integrators with controllable time constants in a 2nd order differential equation feedback loop. R2 and R5 provide controlled current output operation. The currents are integrated in capacitors C1 and C2, and the resulting voltages at high impedance are applied to the X inputs of the “next” AD633. The frequency control input, EC, connected to the Y inputs, varies the integrator gains with a calibration of 100 Hz/V. The accuracy is limited by the Y-input offsets. The practical tuning range of this circuit is 100:1. C2 (proportional to C1 and C3), R3, and R4 provide regenerative feedback to start and maintain oscillation. The diode bridge, D1 through D4 (1N914s), and Zener diode D5 provide economical temperature stabilization and amplitude stabilization at ±8.5 V by degenerative damping. The out- put from the second integrator (10 V sin ωt) has the lowest distortion. AGC AMPLIFIERS Figure 14 shows an AGC circuit that uses an rms-dc converter to measure the amplitude of the output waveform. The AD633 and A1, 1/2 of an AD712 dual op amp, form a voltage con- trolled amplifier. The rms dc converter, an AD736, measures the rms value of the output signal. Its output drives A2, an integrator/comparator, whose output controls the gain of the voltage controlled amplifier. The 1N4148 diode prevents the output of A2 from going negative. R8, a 50 k Ω variable resistor, sets the circuit’s output level. Feedback around the loop forces the voltages at the inverting and noninverting inputs of A2 to be equal, thus the AGC. |
同様の部品番号 - AD633JN |
|
同様の説明 - AD633JN |