データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

K10104E データシート(PDF) 1 Page - COSMO Electronics Corporation

部品番号 K10104E
部品情報  High Reliability Photocoupler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COSMO [COSMO Electronics Corporation]
ホームページ  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

K10104E データシート(HTML) 1 Page - COSMO Electronics Corporation

  K10104E Datasheet HTML 1Page - COSMO  Electronics Corporation K10104E Datasheet HTML 2Page - COSMO  Electronics Corporation K10104E Datasheet HTML 3Page - COSMO  Electronics Corporation K10104E Datasheet HTML 4Page - COSMO  Electronics Corporation K10104E Datasheet HTML 5Page - COSMO  Electronics Corporation K10104E Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT SPECIFICATION
DATE:06/04/2012
NO.61P00054
cosmo
ELECTRONICS CORPORATION
Photocoupler:
K1010S
SHEET 1 OF 6
REV.
6
High Reliability Photocoupler
Features
1. Current transfer ratio
( CTR:Min. 50% at IF=5mA VCE=5V )
2. High isolation voltage between input and output
( Viso:5000Vrms )
3. Compact surface mount type package.
4. Pb free and RoHS compliant.
5. Agency Approvals
• UL UL1577 / CUL C22.2 No.1 & NTC No.5, File No. E169586
• VDE EN60747, File No.101347
• FIMKO EN60065, File No.FI23149
• FIMKO EN60950, File No.FI24584
• SEMKO EN60065, File No.1016484
• SEMKO EN60950, File No.1016433
• CQC GB4943 / GB8898, File No.CQC10001049555/CQC08001023986
Application:
1. Registers, copies, automatic vending machines.
2. System appliances, measuring instruments.
3. Computer terminals, programmable controllers.
4. Communications, telephone, etc.
5. Electric home appliances, such as oil fan heaters, Microwave
Oven, Washer, Refrigerator, Air conditioner, etc.
6. Medical instruments, physical and chemical equipment.
7. Signal transmission between circuits of different potentials
and impedances.
8. Facsimile equipment, Audio, Video.
9. Switching power supply, Laser beam printer.


同様の部品番号 - K10104E

メーカー部品番号データシート部品情報
logo
COSMO Electronics Corp...
K10104ETLD COSMO-K10104ETLD Datasheet
472Kb / 11P
   4PIN PHOTOTRANSISTOR PHOTOCOUPLER
K10104ETRU COSMO-K10104ETRU Datasheet
472Kb / 11P
   4PIN PHOTOTRANSISTOR PHOTOCOUPLER
More results

同様の説明 - K10104E

メーカー部品番号データシート部品情報
logo
COSMO Electronics Corp...
KTLP160J COSMO-KTLP160J Datasheet
359Kb / 2P
   HIGH RELIABILITY PHOTOCOUPLER
KMOC3041 COSMO-KMOC3041 Datasheet
376Kb / 2P
   High Reliability photocoupler
logo
List of Unclassifed Man...
P4010 ETC1-P4010 Datasheet
152Kb / 5P
   HIGH RELIABILITY PHOTOCOUPLER
logo
COSMO Electronics Corp...
KTLP166J COSMO-KTLP166J Datasheet
385Kb / 2P
   High Reliability Photocoupler
KPC815 COSMO-KPC815 Datasheet
371Kb / 2P
   High Reliability Photocoupler
KPC825 COSMO-KPC825 Datasheet
372Kb / 2P
   High Reliability Photocoupler
KPS2832 COSMO-KPS2832 Datasheet
234Kb / 2P
   High Reliability Photocoupler
KPC815S COSMO-KPC815S Datasheet
139Kb / 6P
   High Reliability Photocoupler
KPC4N33L COSMO-KPC4N33L Datasheet
95Kb / 6P
   High Reliability Photocoupler
K3010 COSMO-K3010_12 Datasheet
96Kb / 6P
   High Reliability Photocoupler
KP2210L COSMO-KP2210L Datasheet
121Kb / 6P
   High Reliability Photocoupler
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com