データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KAQV210 データシート(PDF) 5 Page - COSMO Electronics Corporation

部品番号 KAQV210
部品情報  Electro-optical Characteristics
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COSMO [COSMO Electronics Corporation]
ホームページ  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQV210 データシート(HTML) 5 Page - COSMO Electronics Corporation

  KAQV210_11 Datasheet HTML 1Page - COSMO  Electronics Corporation KAQV210_11 Datasheet HTML 2Page - COSMO  Electronics Corporation KAQV210_11 Datasheet HTML 3Page - COSMO  Electronics Corporation KAQV210_11 Datasheet HTML 4Page - COSMO  Electronics Corporation KAQV210_11 Datasheet HTML 5Page - COSMO  Electronics Corporation KAQV210_11 Datasheet HTML 6Page - COSMO  Electronics Corporation KAQV210_11 Datasheet HTML 7Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PRODUCT SPECIFICATION
DATE:05/02/2011
NO.60M10008
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY - MOSFET OUTPUT
KAQV210
SHEET 5 OF 7
REV.
3
LED forward current vs. Turn On Time
Across terminals 4 and 6pin
Load voltage:350V(DC)
Continuous load current:130mA(DC)
Ambient temperature:25℃
Off state leakage current
Across terminals 4and 6 pin
Ambient temperature:25℃
0
0
10
20
30
405060
0.5
1.0
1.5
2.0
10
40
0
20
60
80
100
-12
-9
10
-6
10
-3
10
LED forward current(mA)
Load voltage(V)
LED forward current vs. reverse(ON) time
Across terminals 4 and 6 pin
Load voltage:350V(DC)
Continuous load current:130mA(DC)
Ambient temperature:25℃
Applied voltage vs. output capacitance
Across terminals 4 and 6 pin
Frequency:1MHz
Ambient temperature:25℃
0
010
20
30
40
50
1.5
0.5
1.0
2.5
2.0
60
0
010
20
30
40
50
60
10
20
30
40
50
LED forward current(mA)
Applied voltage(V)


同様の部品番号 - KAQV210_11

メーカー部品番号データシート部品情報
logo
COSMO Electronics Corp...
KAQV210 COSMO-KAQV210_15 Datasheet
270Kb / 12P
   6PIN 350V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results

同様の説明 - KAQV210_11

メーカー部品番号データシート部品情報
logo
COSMO Electronics Corp...
KAQV210A COSMO-KAQV210A Datasheet
171Kb / 7P
   Electro-optical Characteristics
logo
LUMEX INC.
SSP-01TWB3SW12 LUMEX-SSP-01TWB3SW12 Datasheet
45Kb / 1P
   ELECTRO-OPTICAL CHARATERISTICS
logo
Hamamatsu Corporation
R9220 HAMAMATSU-R9220 Datasheet
142Kb / 4P
   PHOTOMULTIPLIER TUBE High QE Multialkali Photocathode New Electro-Optical Design
logo
List of Unclassifed Man...
LT7821-81 ETC-LT7821-81 Datasheet
455Kb / 1P
   SQUARE TYPE Electrical/Optical Characteristics at TA=25℃
logo
Projects Unlimited, Inc...
SMT-1427-S-R PUI-SMT-1427-S-R Datasheet
190Kb / 1P
   Transducer (Electro-Mech)
logo
Samsung semiconductor
RC2012F106CS SAMSUNG-RC2012F106CS Datasheet
82Kb / 2P
   Samsung electro-mechanics
logo
Projects Unlimited, Inc...
SMT-0827-TW-5V-R PUI-SMT-0827-TW-5V-R Datasheet
150Kb / 1P
   Transducer (Electro-Mech)
SMT-1028-T-R PUI-SMT-1028-T-R Datasheet
154Kb / 1P
   Transducer (Electro-Mech)
SMT-1427-S-3-R PUI-SMT-1427-S-3-R Datasheet
209Kb / 1P
   Transducer (Electro-Mech)
logo
Samsung semiconductor
RC0603J474CS SAMSUNG-RC0603J474CS Datasheet
82Kb / 2P
   Samsung electro-mechanics
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com