データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KAQV217H データシート(PDF) 3 Page - COSMO Electronics Corporation

部品番号 KAQV217H
部品情報  PRODUCT SPECIFICATION
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COSMO [COSMO Electronics Corporation]
ホームページ  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQV217H データシート(HTML) 3 Page - COSMO Electronics Corporation

  KAQV217H_11 Datasheet HTML 1Page - COSMO  Electronics Corporation KAQV217H_11 Datasheet HTML 2Page - COSMO  Electronics Corporation KAQV217H_11 Datasheet HTML 3Page - COSMO  Electronics Corporation KAQV217H_11 Datasheet HTML 4Page - COSMO  Electronics Corporation KAQV217H_11 Datasheet HTML 5Page - COSMO  Electronics Corporation KAQV217H_11 Datasheet HTML 6Page - COSMO  Electronics Corporation KAQV217H_11 Datasheet HTML 7Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PRODUCT SPECIFICATION
DATE:02/22/2011
NO.60M10023
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY - MOSFET OUTPUT
KAQV217H
SHEET 3 OF 7
REV.
2
Data Curve
Load current vs. ambient temperature
Allowable ambient Temperature︰
-40℃ to +85℃
On resistance vs. ambient temperature
across terminals 4 and 6 pin
LED current:5mA
Continuous load current:180mA(DC)
0
-40 -20
0
20 40 60 80 100
210
60
30
90
120
150
180
0
20
-20
-40
0
60
40
80
25
5
10
20
15
Ambient temperature Ta(℃)
Ambient temperature Ta(℃)
Turn On Time vs. ambient temperature
Load voltage 200V(DC)
LED current︰5mA
Continuous load current:180mA(DC)
Turn Off Time vs. ambient temperature
Load voltage 200V(DC)
LED current︰5mA
Continuous load current:180mA(DC)
80
60
40
0
-40 -20
20
0
1.2
0.4
0.6
0.8
1.0
0
100
80
60
40
20
0
-20
-40
0
1.2
0.4
0.6
0.8
1.0
Ambient temperature Ta(℃)
Ambient temperature Ta(℃)


同様の部品番号 - KAQV217H_11

メーカー部品番号データシート部品情報
logo
COSMO Electronics Corp...
KAQV217HA COSMO-KAQV217HA Datasheet
172Kb / 7P
   PRODUCT SPECIFICATION
More results

同様の説明 - KAQV217H_11

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
D1B050D00 ETC-D1B050D00 Datasheet
216Kb / 2P
   PRODUCT SPECIFICATION
logo
P-tec Corporation
PCOGJ12864A P-TEC-PCOGJ12864A Datasheet
94Kb / 3P
   PRODUCT SPECIFICATION
logo
COSMO Electronics Corp...
KSA215AC8 COSMO-KSA215AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA225AC8 COSMO-KSA225AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA240AC8 COSMO-KSA240AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA425AC8 COSMO-KSA425AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSD205AC3 COSMO-KSD205AC3_11 Datasheet
120Kb / 2P
   PRODUCT SPECIFICATION
logo
Omron Electronics LLC
G5SB-1A4-DC12 OMRON-G5SB-1A4-DC12 Datasheet
1Mb / 9P
   PRODUCT SPECIFICATION
logo
Quanzhou Jinmei Electro...
BU941P_2015 JMNIC-BU941P_2015 Datasheet
47Kb / 3P
   Product Specification
logo
List of Unclassifed Man...
3963 ETC2-3963 Datasheet
134Kb / 2P
   PRODUCT SPECIFICATION
UG-2828GDEDF11 ETC2-UG-2828GDEDF11 Datasheet
2Mb / 26P
   Product Specification
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com