データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KAQW614S データシート(PDF) 2 Page - COSMO Electronics Corporation

部品番号 KAQW614S
部品情報  PRODUCT SPECIFICATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COSMO [COSMO Electronics Corporation]
ホームページ  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQW614S データシート(HTML) 2 Page - COSMO Electronics Corporation

  KAQW614S_12 Datasheet HTML 1Page - COSMO  Electronics Corporation KAQW614S_12 Datasheet HTML 2Page - COSMO  Electronics Corporation KAQW614S_12 Datasheet HTML 3Page - COSMO  Electronics Corporation KAQW614S_12 Datasheet HTML 4Page - COSMO  Electronics Corporation KAQW614S_12 Datasheet HTML 5Page - COSMO  Electronics Corporation KAQW614S_12 Datasheet HTML 6Page - COSMO  Electronics Corporation KAQW614S_12 Datasheet HTML 7Page - COSMO  Electronics Corporation KAQW614S_12 Datasheet HTML 8Page - COSMO  Electronics Corporation KAQW614S_12 Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PRODUCT SPECIFICATION
DATE:08/20/2012
NO.62M22002
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY - MOSFET OUTPUT
KAQW614S
SHEET 2 OF 10
REV.
3
Absolute Maximum Ratings
Ta=25℃)
Emitter(Input)
Detector(Output)
Reverse Voltage ………………………………
5.0V Output Breakdown Voltage ………………
± 400V
Continuous Forward Current ……………...
50mA Continuous Load Current ………………
± 130mA
Peak Forward Current …………………………
1A Power Dissipation …………………………
500mW
Power Dissipation …………………………
100mW
Derate Linearly from 25℃ ……………
1.3Mw/℃
General Characteristics
Isolation Test Voltage ………………
1500VACrms Storage Temperature Range …… -40℃ to +125℃
Operating Temperature Range …
-40℃ to +85℃
Isolation Resistance
Viso=500V,Ta=25℃ ……………………
1010Ω Junction Temperature ………………………
100℃
Total Power Dissipation …………………
550mW
Derate Linearly from 25℃ ……………
2.5mW/℃
Soldering Temperature,
2mm from case,10 sec ……………………
260℃
Electro-optical Characteristics
Ta=25℃)
Parameter
Symbol
Conditions
Min.
Typ.
Max. Unit
Emitter ( Input )
Forward Voltage
VF
IF=10mA
1.2
1.5
V
Operation Input Current
IFON ( N.O )
IFOFF ( N.C )
VL=±20V, IL=100mA ( N.O )
VL=±20V, IL≦5μA ( N.C )
t=10mS
5
mA
Recovery Input Current
IFOFF ( N.O )
IFON ( N.C )
VL=±20V, IL≦5μA ( N.C )
VL=±20V, IL=100mA ( N.O )
t=10mS
0.2
mA
Detector ( Output ) normally open
Output Breakdown Voltage
VB
IB=50μA
400
V
Output Off-State Leakage
ITOFF
VT=100V, IF=0mA
0.2
1
μA
I/O Capacitance
CISO
IF=0, f=1MHz
6
pF
ON Resistance
RON
IL=100mA, IF=10mA
20
30
Turn-On Time
TON
IF=10mA, VL=±20V
0.3
1.0
ms
Turn-Off Time
TOFF
t=10mS, IL=±100mA
0.7
1.5
ms
Detector ( Output ) normally close
Output Breakdown Voltage
VB
IB=50μA
400
V
Output Off-State Leakage
ITOFF
VT=100V, IF=5mA
0.2
2
μA
I/O Capacitance
CISO
IF=0, f=1MHz
6
pF
ON Resistance
RON
IL=100mA, IF=0mA
40
50
Operate ( OFF) Time
TOFF
IF=10mA, VL=±20V
0.6
1.5
ms
Reverse ( ON ) Time
TON
t=10mS, IL=±100mA
0.3
1.0
ms


同様の部品番号 - KAQW614S_12

メーカー部品番号データシート部品情報
logo
COSMO Electronics Corp...
KAQW614STL COSMO-KAQW614STL Datasheet
257Kb / 12P
   8PIN 400V N.O. N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW614STR COSMO-KAQW614STR Datasheet
257Kb / 12P
   8PIN 400V N.O. N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results

同様の説明 - KAQW614S_12

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
D1B050D00 ETC-D1B050D00 Datasheet
216Kb / 2P
   PRODUCT SPECIFICATION
logo
P-tec Corporation
PCOGJ12864A P-TEC-PCOGJ12864A Datasheet
94Kb / 3P
   PRODUCT SPECIFICATION
logo
COSMO Electronics Corp...
KSA215AC8 COSMO-KSA215AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA225AC8 COSMO-KSA225AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA240AC8 COSMO-KSA240AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA425AC8 COSMO-KSA425AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSD205AC3 COSMO-KSD205AC3_11 Datasheet
120Kb / 2P
   PRODUCT SPECIFICATION
logo
Omron Electronics LLC
G5SB-1A4-DC12 OMRON-G5SB-1A4-DC12 Datasheet
1Mb / 9P
   PRODUCT SPECIFICATION
logo
Quanzhou Jinmei Electro...
BU941P_2015 JMNIC-BU941P_2015 Datasheet
47Kb / 3P
   Product Specification
logo
List of Unclassifed Man...
3963 ETC2-3963 Datasheet
134Kb / 2P
   PRODUCT SPECIFICATION
UG-2828GDEDF11 ETC2-UG-2828GDEDF11 Datasheet
2Mb / 26P
   Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com