データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA00CC0WHFPE2 データシート(PDF) 9 Page - Rohm

部品番号 BA00CC0WHFPE2
部品情報  2A/1A Variable Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA00CC0WHFPE2 データシート(HTML) 9 Page - Rohm

Back Button BA00CC0WHFPE2 Datasheet HTML 5Page - Rohm BA00CC0WHFPE2 Datasheet HTML 6Page - Rohm BA00CC0WHFPE2 Datasheet HTML 7Page - Rohm BA00CC0WHFPE2 Datasheet HTML 8Page - Rohm BA00CC0WHFPE2 Datasheet HTML 9Page - Rohm BA00CC0WHFPE2 Datasheet HTML 10Page - Rohm BA00CC0WHFPE2 Datasheet HTML 11Page - Rohm BA00CC0WHFPE2 Datasheet HTML 12Page - Rohm BA00CC0WHFPE2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9/22
Datasheet
Datasheet
BD60A00NUX
BD60A60NUX
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0G3G0C200320-1-2
27.SEP.2012 Rev.001
●Protection - continued
LED terminal over voltage protection
When FB terminal becomes higher than 5.9V (Typ.), IC senses the situation trouble after 100µs and then stops constant
current driver and DC/DC. Therefore IC becomes never heated, even if output and FB are both shorted. Moreover, if FB
terminal becomes lower than 5.9V (Typ.), IC senses normal condition and activates constant current driver.
Prevention of LED terminal over voltage protection malfunction
As the below diagrams show, voltage drop of FB terminal becomes slow when PWM operates by connecting capacitor on
a parallel with LED and decreasing LED current. At that time, LED terminal voltage protection works after condition of FB
terminal > 5.9V keeps more than 100µs. LED terminal voltage protection might stop current driver and DC/DC and also
turns off LEDs, so that please set up coil selection and LED current setting less than 100µs until FB terminal < 5.9V.
Low voltage detect protection (UVLO)
Supply voltage(VIN) becomes lower than low voltage detect voltage 2.2V(Typ.), IC stops DC/DC and constant current
driver. Moreover, this function can be off by boosting supply voltage up to more than hysteresis voltage.
DC/DC
Current Driver
VIN
reset
2.20 V
5%
0V
Active
Active
2.32 V
FB
VOUT
Current Driver
FB
reset
5.9 V
Active
DC/DC
Active
100µs
reset
reset
reset
PWM
L
H
EN
L
H
Current Driver
FB
reset
5.9V
0.7V
Active
DC/DC
Active
100µs
reset
reset
reset
PWM
L
H


同様の部品番号 - BA00CC0WHFPE2

メーカー部品番号データシート部品情報
logo
Rohm
BA00CC0WHFP-E2 ROHM-BA00CC0WHFP-E2 Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00CC0WHFP-V5 ROHM-BA00CC0WHFP-V5 Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
More results

同様の説明 - BA00CC0WHFPE2

メーカー部品番号データシート部品情報
logo
Rohm
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
BD00D0AWHFP ROHM-BD00D0AWHFP_11 Datasheet
357Kb / 12P
   2A Standard Variable Output LDO Regulator
BA033CC0WFP-E2 ROHM-BA033CC0WFP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00IC0WEFJ ROHM-BD00IC0WEFJ Datasheet
517Kb / 26P
   1A Variable Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com