データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU1840AMUV-E データシート(PDF) 4 Page - Rohm

部品番号 BU1840AMUV-E
部品情報  For 2Cell Solar,Synchronous Switch-Mode Charger IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU1840AMUV-E データシート(HTML) 4 Page - Rohm

  BU1840AMUV-E Datasheet HTML 1Page - Rohm BU1840AMUV-E Datasheet HTML 2Page - Rohm BU1840AMUV-E Datasheet HTML 3Page - Rohm BU1840AMUV-E Datasheet HTML 4Page - Rohm BU1840AMUV-E Datasheet HTML 5Page - Rohm BU1840AMUV-E Datasheet HTML 6Page - Rohm BU1840AMUV-E Datasheet HTML 7Page - Rohm BU1840AMUV-E Datasheet HTML 8Page - Rohm BU1840AMUV-E Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Datasheet
Datasheet
.
4/14
BU1840AMUV
TSZ02201-0Q1Q0AJ00130-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
2.AUG.2012 Rev.001
TSZ22111・15・001
www.rohm.com
1. Writing protocol
A register address is transferred by the next 1 byte that transferred the slave address and the write-in command. The
3rd byte writes data in the internal register written in by the 2nd byte, and after 4th byte or, the increment of register
address is carried out automatically. However, when a register address turns into the last address, it is set to 00h by
the next transmission. After the transmission end, the increment of the address is carried out.
S
A
A
A P
register address
slave address
from master to slave
from slave to master
R/W=0(write)
DATA
A
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
A7 A6 A5 A4 A3 A2 A1 A0
0
X X X X X X X
*1
*1
DATA
A=acknowledge(SDA LOW)
A=not acknowledge(SDA HIGH)
S=START condition
P=STOP condition
*1: Write Timing
register address
increment
register address
increment
2. Reading protocol
It reads from the next byte after writing a slave address and R/W bit. The register to read considers as the following
address accessed at the end, and the data of the address that carried out the increment is read after it. If an address
turns into the last address, the next byte will read out 00h. After the transmission end, the increment of the address is
carried out.
1
S
A
P
from master to slave
from slave to master
R/W=1(read)
DATA
A
DATA
slave address
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
register address
increment
X X X X X X X
A=acknowledge(SDA LOW)
A=not acknowledge(SDA HIGH)
S=START condition
P=STOP condition
register address
increment
A
3. Multiple reading protocols
After specifying an internal address, it reads by repeated START condition and changing the data transfer direction.
The data of the address that carried out the increment is read after it. If an address turns into the last address, the
next byte will read out 00h. After the transmission end, the increment of the address is carried out.
R/W=0(write)
R/W=1(read)
slave address
register address
slave address
DATA
DATA
S
A
A
A
Sr
1
0
A7 A6 A5 A4 A3 A2 A1 A0
X X X X X X X
X X X X X X X
A=acknowledge(SDA LOW)
A=not acknowledge(SDA HIGH)
S=START condition
P=STOP condition
from master to slave
from slave to master
register address
increment
register address
increment
P
A
D7D6D5 D4D3D2D1D0
D7D6D5D4D3D2D1D0 A
Sr=repeated START condition
As for reading protocol and multiple reading protocols, please do A(not acknowledge) after doing the final reading
operation. It stops with read when ending by A (acknowledge), and SDA stops in the state of Low when the reading
data of that time is 0. However, this state returns usually when SCL is moved, data is read, and A (not acknowledge) is
done.


同様の部品番号 - BU1840AMUV-E

メーカー部品番号データシート部品情報
logo
Rohm
BU1840AMUV ROHM-BU1840AMUV Datasheet
710Kb / 17P
   For 2Cell Solar, Synchronous Switch-Mode Charger IC
More results

同様の説明 - BU1840AMUV-E

メーカー部品番号データシート部品情報
logo
Rohm
BU1840AMUV ROHM-BU1840AMUV Datasheet
710Kb / 17P
   For 2Cell Solar, Synchronous Switch-Mode Charger IC
logo
Anpec Electronics Corop...
APW7262 ANPEC-APW7262 Datasheet
799Kb / 41P
   3MHz Synchronous Switch-Mode Battery Charger
logo
Texas Instruments
BQ24640 TI-BQ24640 Datasheet
703Kb / 25P
[Old version datasheet]   High-Efficiency Synchronous Switch-Mode Super Capacitor Charger
BQ24650 TI-BQ24650 Datasheet
2Mb / 33P
[Old version datasheet]   Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
BQ24650EVM-639 TI1-BQ24650EVM-639 Datasheet
2Mb / 33P
[Old version datasheet]   Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
logo
SparkFun Electronics
PRT-16835 SPARKFUN-PRT-16835 Datasheet
144Kb / 2P
   Solar Panel Charger - 10W
8??1??0
logo
Toshiba Semiconductor
TC7710AWBG TOSHIBA-TC7710AWBG Datasheet
1Mb / 56P
   IC for Battery Charger
2014-10-01
logo
Shenzhen Huazhimei Semi...
HM4071 HMSEMI-HM4071 Datasheet
710Kb / 11P
   Lithium Ion Battery Charger for Solar-Powered Systems
logo
Shanghai Consonance Ele...
CN3065 CONSONANCE-CN3065 Datasheet
298Kb / 11P
   Lithium Ion Battery Charger for Solar-Powered Systems
CN3063 CONSONANCE-CN3063 Datasheet
148Kb / 11P
   Lithium Ion Battery Charger for Solar-Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com