データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OP0805XR8R2B250 データシート(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

部品番号 OP0805XR8R2B250
部品情報  Multilayer Ceramic Capacitors OPEN-MODE DESIGN
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MERITEK [MERITEK ELECTRONICS CORPORATION]
ホームページ  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

OP0805XR8R2B250 データシート(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  OP0805XR8R2B250 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MERITEK
Multilayer Ceramic Capacitors
OP Series
FEATURES
Minimize the short curcuit probability due to flex cracks
High current applications
Input side filtering
PART NUMBER SYSTEM
OP
0805
XR
101
500
K
Meritek Series
Size
Dielectric
CODE
XR
X7R
Capacitance
Expressed in picofarads. First 2 digits are significant digits. Third digit denotes number
of zeros to follow. Use R for decimal point for values less than 10pF.
CODE
8R2
101
pF
8.2
100
Tolerance
CODE
B
C
D
G
J
±.10pF
±.25pF
±.50pF
±2%
±5%
For values less than 10 pF use C or D
Rated Voltage
2 significant digits + number of zeros.
CODE
250
500
25V
50V
INNER CONSTRUCTION OF OPEN-MODE DESIGN
Fig. 1 Normal design (CP<MB) – circuit
leakage during cracking.
Fig. 2 Open-mode design (CP>MB) – circuit
open during cracking.
Fig. 3 Floating design (one kind of
open-mode design)– circuit open
during cracking.
OPEN-MODE DESIGN
Specifications are subject to change without notice.
rev.6a


同様の部品番号 - OP0805XR8R2B250

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
OP08 ETC1-OP08 Datasheet
351Kb / 7P
   PRECISION LOW-INPUT-CURRENT OPERATIONAL AMPLIFIER
OP08A ETC1-OP08A Datasheet
351Kb / 7P
   PRECISION LOW-INPUT-CURRENT OPERATIONAL AMPLIFIER
OP08E ETC1-OP08E Datasheet
351Kb / 7P
   PRECISION LOW-INPUT-CURRENT OPERATIONAL AMPLIFIER
OP08G ETC1-OP08G Datasheet
351Kb / 7P
   PRECISION LOW-INPUT-CURRENT OPERATIONAL AMPLIFIER
OP08GR ETC1-OP08GR Datasheet
351Kb / 7P
   PRECISION LOW-INPUT-CURRENT OPERATIONAL AMPLIFIER
More results

同様の説明 - OP0805XR8R2B250

メーカー部品番号データシート部品情報
logo
Kemet Corporation
C1812F105K1RAC KEMET-C1812F105K1RAC Datasheet
473Kb / 2P
   CERAMIC OPEN MODE CAPACITORS
C0805F102K1RAC KEMET-C0805F102K1RAC Datasheet
1Mb / 7P
   CERAMIC OPEN MODE CAPACITORS
logo
Murata Manufacturing Co...
GCD188R72A272KA01 MURATA1-GCD188R72A272KA01 Datasheet
788Kb / 28P
   MLSC Design Chip Multilayer Ceramic Capacitors for Automotive
18/21/31
logo
Murata Manufacturing Co...
GCD188R71H102KA01 MURATA-GCD188R71H102KA01 Datasheet
788Kb / 28P
   MLSC Design Chip Multilayer Ceramic Capacitors for Automotive
GCD21BR72A104KA01 MURATA-GCD21BR72A104KA01 Datasheet
792Kb / 28P
   MLSC Design Chip Multilayer Ceramic Capacitors for Automotive
GCD188R72A102KA01 MURATA-GCD188R72A102KA01 Datasheet
792Kb / 28P
   MLSC Design Chip Multilayer Ceramic Capacitors for Automotive
logo
Exxelia Group
OPSERIES EXXELIA-OPSERIES Datasheet
616Kb / 16P
   Open Mode Chips Capacitors
02/21
logo
Murata Manufacturing Co...
GCE21BR71H104KA01 MURATA-GCE21BR71H104KA01 Datasheet
733Kb / 26P
   Soft Termination MLSC Design Chip Multilayer Ceramic Capacitors for Automotive
GCE21BR72A104KA01 MURATA-GCE21BR72A104KA01 Datasheet
737Kb / 26P
   Soft Termination MLSC Design Chip Multilayer Ceramic Capacitors for Automotive
logo
Kemet Corporation
C0805F473M1RAC KEMET-C0805F473M1RAC Datasheet
95Kb / 2P
   Open Mode Surface Mount Ceramic Chip Capacitors - X7R Dielectric
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com