データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST0603CG104D101 データシート(PDF) 7 Page - MERITEK ELECTRONICS CORPORATION

部品番号 ST0603CG104D101
部品情報  Soft Termination Multilayer Ceramic Chip Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MERITEK [MERITEK ELECTRONICS CORPORATION]
ホームページ  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

ST0603CG104D101 データシート(HTML) 7 Page - MERITEK ELECTRONICS CORPORATION

Back Button ST0603CG104D101 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION ST0603CG104D101 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION ST0603CG104D101 Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION ST0603CG104D101 Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION ST0603CG104D101 Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION ST0603CG104D101 Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION ST0603CG104D101 Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION ST0603CG104D101 Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION ST0603CG104D101 Datasheet HTML 10Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CARDBOARD TAPE DIMESIO
EMBOSSED TAPE DIMENSIONS
Size
0603
0805
1206
1210
Chip
Thickness
0.80+0.15/-0.10 0.80+0.15/-0.10
1.25±0.10
1.25±0.20
0.80±0.10
0.95±±±±0.10
1.25±±±±0.10
1.60±±±±0.20
0.95±±±±0.10
1.25±±±±0.10
1.60±±±±0.20
2.00±±±±0.20
2.50±±±±0.40
A0
1.02+0.05/-0.10
1.50±0.10
<1.65
2.00±0.10
<2.00
<2.00
<3.05
<3.10
B0
1.80±0.10
2.30±0.10
<2.40
3.50±0.10
<3.60
<3.70
<3.80
<4.00
T
0.97±0.05
0.95±0.05
0.23±0.05
0.95±0.05
0.23±0.05
0.23±0.05
0.23±0.05
0.23±0.05
K0
-
-
<2.50
-
<2.50
<2.50
<2.50
<3.50
W
8.00±0.10
8.00±0.10
8.00±0.10
8.00±0.10
8.00±0.10
8.00±0.10
8.00±0.10
8.00±0.10
P0
4.00±0.10
4.00±0.10
4.00±0.10
4.00±0.10
4.00±0.10
4.00±0.10
4.00±0.100
4.00±0.10
10xP0
40.00±0.20
40.00±0.20
40.00±0.20
40.00±0.20
40.00±0.20
40.00±0.20
40.00±0.20
40.00±0.20
P1
4.00±0.10
4.00±0.10
4.00±0.10
4.00±0.10
4.00±0.10
4.00±0.10
4.00±0.10
4.00±0.10
P2
2.00±0.05
2.00±0.05
2.00±0.05
2.00±0.05
2.00±0.05
2.00±0.05
2.00±0.05
2.00±0.05
D0
1.55±0.05
1.55±0.05
1.50±0.10/-0
1.55±0.05
1.50±0.10/-0
1.50±0.10/-0
1.50±0.10/-0
1.50±0.10/-0
D1
-
-
1.00±0.10
-
1.00±0.10
1.00±0.10
1.00±0.10
1.00±0.10
E
1.75±0.05
1.75±0.05
1.75±0.10
1.75±0.10
1.75±0.10
1.75±0.10
1.75±0.10
1.75±0.10
F
3.50±0.05
3.50±0.05
3.50±0.05
3.50±0.05
3.50±0.05
3.50±0.05
3.50±0.05
3.50±0.05
Size
1812
1825
2220
2225
Chip
Thickness
1.25±±±±0.10
1.60±±±±0.20
2.00±±±±0.20
2.50±±±±0.30
1.60±±±±0.20
2.00±±±±0.20
2.50±±±±0.30
1.60±±±±0.20
2.00±±±±0.20
2.50±±±±0.30
2.00±±±±0.20
2.50±±±±0.30
A0
<3.90
<3.90
<6.80
<6.80
<5.80
<5.80
<6.80
<6.80
B0
<5.30
<5.30
<5.30
<5.30
<6.50
<6.50
<6.50
<6.50
T
0.25±0.05
0.25±0.05
0.30±0.10
0.30±0.10
0.30±0.10
0.30±0.10
0.30±0.10
0.30±0.10
K0
<2.50
<3.00
<2.50
<3.10
<2.50
<3.10
<2.50
<3.10
W
12.0±0.20
12.0±0.20
12.0±0.20
12.0±0.20
12.0±0.20
12.0±0.20
12.0±0.20
12.0±0.20
P0
4.00±0.10
4.00±0.10
4.00±0.10
4.00±0.10
4.00±0.10
4.00±0.10
4.00±0.10
4.00±0.10
10xP0
40.00±0.20
40.00±0.20
40.00±0.20
40.00±0.20
40.00±0.20
40.00±0.20
40.00±0.20
40.00±0.20
P1
8.00±0.10
8.00±0.10
8.00±0.10
8.00±0.10
8.00±0.10
8.00±0.10
8.00±0.10
8.00±0.10
P2
2.00±0.05
2.00±0.05
2.00±0.05
2.00±0.05
2.00±0.05
2.00±0.05
2.00±0.05
2.00±0.05
D0
1.50+0.10/-0
1.50+0.10/-0
1.50+0.10/-0
1.50+0.10/-0
1.50+0.10/-0
1.50+0.10/-0
1.50+0.10/-0
1.50+0.10/-0
D1
1.50±0.10
1.50+/-0.10
1.50±0.10
1.50±0.10
1.50±0.10
1.50±0.10
1.50±0.10
1.50±0.10
E
1.75±0.10
1.75+/-0.1
1.75±0.1
1.75±0.10
1.75±0.1
1.75±0.10
1.75±0.10
1.75±0.10
F
5.50±0.05
5.50+/-0.05
5.50±0.05
5.50±0.05
5.50±0.05
5.50±0.05
5.50±0.05
5.50±0.05
Fig. 2 The dimension of paper tape
Fig. 3 The dimension of plastic tape
Soft Termination Multilayer
Ceramic Chip Capacitors
RoHS
MERITEK
ST Series
Rev.7


同様の部品番号 - ST0603CG104D101

メーカー部品番号データシート部品情報
logo
Shindengen Electric Mfg...
ST06-18CE SHINDENGEN-ST06-18CE Datasheet
1Mb / 6P
   TVS 26A, 600W
ST06-27CE SHINDENGEN-ST06-27CE Datasheet
1Mb / 6P
   TVS 17.3A, 600W
ST06-30CE SHINDENGEN-ST06-30CE Datasheet
1Mb / 6P
   TVS 15A, 600W
ST06-33CE SHINDENGEN-ST06-33CE Datasheet
1Mb / 6P
   TVS 14A, 600W
ST06-36CE SHINDENGEN-ST06-36CE Datasheet
1Mb / 6P
   TVS 12.4A, 600W
More results

同様の説明 - ST0603CG104D101

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
GCJ31CR72A105KA01 MURATA-GCJ31CR72A105KA01 Datasheet
754Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188C70J475KE02 MURATA-GCJ188C70J475KE02 Datasheet
762Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R92A333KA01 MURATA-GCJ188R92A333KA01 Datasheet
760Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ21BL81H104KA01 MURATA-GCJ21BL81H104KA01 Datasheet
758Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R92A473KA01 MURATA-GCJ188R92A473KA01 Datasheet
760Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ31CC71H475KA01 MURATA-GCJ31CC71H475KA01 Datasheet
755Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R71E105KA01 MURATA-GCJ188R71E105KA01 Datasheet
764Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ21BC72A105KE02 MURATA-GCJ21BC72A105KE02 Datasheet
757Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ219R71H334KA12 MURATA-GCJ219R71H334KA12 Datasheet
763Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R71H224KA01 MURATA-GCJ188R71H224KA01 Datasheet
767Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com