データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8016ARP-EVAL データシート(PDF) 8 Page - Analog Devices

部品番号 AD8016ARP-EVAL
部品情報  Low Power, High Output Current xDSL Line Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8016ARP-EVAL データシート(HTML) 8 Page - Analog Devices

Back Button AD8016ARP-EVAL Datasheet HTML 4Page - Analog Devices AD8016ARP-EVAL Datasheet HTML 5Page - Analog Devices AD8016ARP-EVAL Datasheet HTML 6Page - Analog Devices AD8016ARP-EVAL Datasheet HTML 7Page - Analog Devices AD8016ARP-EVAL Datasheet HTML 8Page - Analog Devices AD8016ARP-EVAL Datasheet HTML 9Page - Analog Devices AD8016ARP-EVAL Datasheet HTML 10Page - Analog Devices AD8016ARP-EVAL Datasheet HTML 11Page - Analog Devices AD8016ARP-EVAL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
REV. A
AD8016
–8–
FREQUENCY – MHz
1
10
100
500
3
0
–3
–6
–9
–12
–15
–18
–21
–24
–27
VIN = 40mV p-p
G = +5
RL = 100
1,1
1,0
0,1
0,0
Figure 21. Frequency Response; VS =
±12 V,
@ PWDN1, PWDN0 Codes
FREQUENCY – MHz
1
–16
–19
10
100
500
G = +5
RL = 100
RF = 499
–13
–10
–7
–4
–1
2
5
8
11
Figure 22. Output Voltage vs. Frequency; VS =
±12 V
FREQUENCY – MHz
20
0.03
0.1
1
10
100
500
10
0
–10
–20
–30
–40
–50
–60
–70
–80
VIN = 2V rms
RF = 602
1,1
1,0
0,1
0,0
Figure 23. CMRR vs. Frequency; VS =
±12 V
@ PWDN1, PWDN0 Codes
FREQUENCY – MHz
1
10
100
500
3
0
–3
–6
–9
–12
–15
–18
–21
–24
6
VIN = 40mV p-p
G = +5
RL = 100
1,1
0,1
1,0
0,0
Figure 24. Frequency Response; VS =
±6 V,
@ PWDN1, PWDN0 Codes
FREQUENCY – MHz
1
–16
–19
10
100
500
–13
–10
–7
–4
–1
2
5
8
11
G = +5
RL = 100
RF = 499
Figure 25. PSRR vs. Frequency; VS =
±6 V
FREQUENCY – MHz
–10
0.01
–20
–30
–40
–50
–60
–70
–80
–90
0.1
1
10
100
500
+PSRR
–PSRR
RF = 499
Figure 26. PSRR vs. Frequency; VS =
±12 V


同様の部品番号 - AD8016ARP-EVAL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8016ARP-EVAL AD-AD8016ARP-EVAL Datasheet
369Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. B
More results

同様の説明 - AD8016ARP-EVAL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8016 AD-AD8016_15 Datasheet
707Kb / 21P
   Low Power, High Output Current xDSL Line Driver
REV. C
AD8016 AD-AD8016_03 Datasheet
369Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. B
logo
STMicroelectronics
STLC60133 STMICROELECTRONICS-STLC60133 Datasheet
91Kb / 9P
   XDSL LINE DRIVER
logo
Maxim Integrated Produc...
MAX4147 MAXIM-MAX4147 Datasheet
81Kb / 8P
   300MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 1; 11/96
MAX4142 MAXIM-MAX4142 Datasheet
120Kb / 12P
   250MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 0; 7/98
logo
Intersil Corporation
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
   xDSL Differential Line Driver
February 26, 2008
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
   xDSL Differential Line Driver
logo
Intersil Corporation
ISL1556 INTERSIL-ISL1556 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517B INTERSIL-EL1517B Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1558 INTERSIL-ISL1558 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com