データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8023ACHIPS データシート(PDF) 10 Page - Analog Devices

部品番号 AD8023ACHIPS
部品情報  High Current Output, Triple Video Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8023ACHIPS データシート(HTML) 10 Page - Analog Devices

Back Button AD8023ACHIPS Datasheet HTML 3Page - Analog Devices AD8023ACHIPS Datasheet HTML 4Page - Analog Devices AD8023ACHIPS Datasheet HTML 5Page - Analog Devices AD8023ACHIPS Datasheet HTML 6Page - Analog Devices AD8023ACHIPS Datasheet HTML 7Page - Analog Devices AD8023ACHIPS Datasheet HTML 8Page - Analog Devices AD8023ACHIPS Datasheet HTML 9Page - Analog Devices AD8023ACHIPS Datasheet HTML 10Page - Analog Devices AD8023ACHIPS Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AD8023
REV. A
–10–
Figure 33. 50% Overload Recovery, Gain = +10,
(RF = 300
Ω, RL = 1 kΩ, VS = ±7.5 V)
As noted in the warning under Maximum Power Dissipation, a
high level of input overdrive in a high noninverting gain circuit
can result in a large current flow in the input stage. Though this
current is internally limited to about 30 mA, its effect on the
total power dissipation may be significant.
Disable Mode Operation
Pulling the voltage on any one of the Disable pins about 1.6 V up
from the negative supply will put the corresponding amplifier
into a disabled, powered down, state. In this condition, the
amplifier’s quiescent current drops to about 1.3 mA, its output
becomes a high impedance, and there is a high level of isolation
from input to output. In the case of a gain of two line driver for
example, the impedance at the output node will be about the
same as for a 1.5 k
Ω resistor (the feedback plus gain resistors)
in parallel with a 12 pF capacitor.
Leaving the Disable pin disconnected (floating) will leave the
corresponding amplifier operational, in the enabled state. The
input impedance of the disable pin is about 25 k
Ω in parallel
with a few picofarads. When driven to 0 V, with the negative
supply at –7.5 V, about 100
µA flows into the disable pin.
When the disable pins are driven by complementary output
CMOS logic, on a single 5 V supply, the disable and enable
times are about 50 ns. When operated on dual supplies, level
shifting will be required from standard logic outputs to the
Disable pins. Figure 33 shows one possible method, which
results in a negligible increase in switching time.
+7.5V
10k
TO DISABLE PIN
VI
VI HIGH => AMPLIFIER ENABLED
VI LOW => AMPLIFIER DISABLED
–7.5V
4k
15k
+5
Figure 34. Level Shifting to Drive Disable Pins on Dual
Supplies
The AD8023’s input stages include protection from the large
differential input voltages that may be applied when disabled.
Internal clamps limit this voltage to about
±3 V. The high input to
output isolation will be maintained for voltages below this limit.
Figure 31. Circuit for Driving a Capacitive Load
Table II. Recommended Feedback and Series Resistors vs.
Capacitive Load and Gain
RS – Ohms
CL – pF
RF – Ohms
G = 2
G
≥ 3
20
2k
0
0
50
2k
10
10
100
2k
15
15
200
3k
10
10
300
3k
10
10
≥500
3k
10
10
Figure 32. Pulse Response Driving a Large Load Capacitor.
CL = 300 pF, G = +3, RF = 750
Ω, RS = 16.9 Ω, RL = 10 kΩ
Overload Recovery
The three important overload conditions are: input common-
mode voltage overdrive, output voltage overdrive, and input
current overdrive. When configured for a low closed-loop gain,
this amplifier will quickly recover from an input common-mode
voltage overdrive; typically in under 25 ns. When configured for
a higher gain, and overloaded at the output, the recovery time
will also be short. For example, in a gain of +10, with 50%
overdrive, the recovery time of the AD8023 is about 20 ns (see
Figure 31). For higher overdrive, the response is somewhat
slower. For 100% overdrive, (in a gain of +10), the recovery
time is about 80 ns.
V
IN
V
O
V
IN
V
O
4
+VS
AD8023
1.0 F
0.1 F
11
1.0 F
0.1 F
–VS
RG
RT
VIN
15
CL
VO
RF
RS


同様の部品番号 - AD8023ACHIPS

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8023ARZ AD-AD8023ARZ Datasheet
555Kb / 11P
   High Current Output, Triple Video Amplifier
REV. A
More results

同様の説明 - AD8023ACHIPS

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8023ARZ AD-AD8023ARZ Datasheet
555Kb / 11P
   High Current Output, Triple Video Amplifier
REV. A
AD8023 AD-AD8023_15 Datasheet
555Kb / 11P
   High Current Output, Triple Video Amplifier
REV. A
logo
National Semiconductor ...
CLC5623 NSC-CLC5623 Datasheet
182Kb / 12P
   Triple, High Output, Video Amplifier
logo
NXP Semiconductors
TDA6103Q PHILIPS-TDA6103Q Datasheet
100Kb / 16P
   Triple video output amplifier
March 1994
TDA6107Q PHILIPS-TDA6107Q Datasheet
85Kb / 16P
   Triple video output amplifier
1999 Oct 26
TDA6107JF PHILIPS-TDA6107JF Datasheet
95Kb / 20P
   Triple video output amplifier
2002 Oct 18
TDA6108AJF NXP-TDA6108AJF Datasheet
101Kb / 16P
   Triple video output amplifier
Rev. 03-20 April 2005
TDA6107AJF NXP-TDA6107AJF Datasheet
77Kb / 16P
   Triple video output amplifier
Rev. 02-28 April 2005
TDA6108JF PHILIPS-TDA6108JF Datasheet
315Kb / 16P
   Triple video output amplifier
1999 Oct 29
logo
Integral Corp.
ILA6107Q INTEGRAL-ILA6107Q Datasheet
151Kb / 5P
   Triple video output amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com