データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8044AN データシート(PDF) 8 Page - Analog Devices

部品番号 AD8044AN
部品情報  Quad 150 MHz Rail-to-Rail Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8044AN データシート(HTML) 8 Page - Analog Devices

Back Button AD8044AN Datasheet HTML 4Page - Analog Devices AD8044AN Datasheet HTML 5Page - Analog Devices AD8044AN Datasheet HTML 6Page - Analog Devices AD8044AN Datasheet HTML 7Page - Analog Devices AD8044AN Datasheet HTML 8Page - Analog Devices AD8044AN Datasheet HTML 9Page - Analog Devices AD8044AN Datasheet HTML 10Page - Analog Devices AD8044AN Datasheet HTML 11Page - Analog Devices AD8044AN Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AD8229
Data Sheet
Rev. B | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
T = 25°C, VS = ±15, VREF = 0, RL = 2 kΩ, unless otherwise noted.
60
50
40
30
20
10
0
–60
–40
–20
20
0
VOSI ±15V (µV)
40
60
N: 200
MEAN: 12.2
σ: 8.2
Figure 5. Typical Distribution of Input Offset Voltage
VOSO ±15V (µV)
35
30
20
25
15
5
10
0
800
–600
–400
–200
0
200
400
600
N: 200
MEAN: 0.9
σ: 161.2
Figure 6. Typical Distribution of Output Offset Voltage
40
35
30
20
25
15
5
10
0
–50
–40
–20
–10
–30
10
0
IBIAS (nA)
20
30
INVERTING
NONINVERTING
N: 200
MEAN: –6.1
σ: 6.7
N: 200
MEAN: –10.1
σ: 6.9
Figure 7. Typical Distribution of Input Bias Current
IBIAS OFFSET (nA)
N: 201
MEAN: 4.0
σ: 0.7
60
50
30
40
20
10
0
0
2
4
6
8
Figure 8. Typical Distribution of Input Offset Current
–40
–60
–20
0
20
40
60
20
0
40
60
80
100
120
CMRR G1 (µV/V)
N: 200
MEAN: 10.9
σ: 3.7
Figure 9. Typical Distribution of Common Mode Rejection, G = 1
–60
–40
–20
0
20
0
5
10
15
20
25
30
35
NINV G ERROR G1 10K ±15V (µV/V)
N: 198
MEAN: –9.1
σ: 9.9
Figure 10. Typical Distribution of Gain Error, G = 1


同様の部品番号 - AD8044AN

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8044AN AD-AD8044AN Datasheet
450Kb / 16P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044AN AD-AD8044AN Datasheet
602Kb / 17P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044AN AD-AD8044AN Datasheet
483Kb / 16P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044ANZ AD-AD8044ANZ Datasheet
483Kb / 16P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
More results

同様の説明 - AD8044AN

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8044 AD-AD8044_15 Datasheet
679Kb / 17P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044AR AD-AD8044AR Datasheet
602Kb / 17P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044AR-14 AD-AD8044AR-14 Datasheet
679Kb / 17P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044 AD-AD8044_04 Datasheet
450Kb / 16P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044ANZ AD-AD8044ANZ Datasheet
483Kb / 16P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
logo
Richtek Technology Corp...
RT9134 RICHTEK-RT9134 Datasheet
227Kb / 11P
   Rail-to-Rail Quad Operational Amplifier
logo
STMicroelectronics
TS914IDT STMICROELECTRONICS-TS914IDT Datasheet
1Mb / 17P
   Rail-to-rail CMOS quad operational amplifier
logo
Advanced Linear Devices
ALD4704 ALD-ALD4704_10 Datasheet
85Kb / 9P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4704A ALD-ALD4704A Datasheet
62Kb / 6P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS914 STMICROELECTRONICS-TS914_07 Datasheet
189Kb / 19P
   Rail-to-rail CMOS quad operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com