データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA-32-03 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 TA-32-03
部品情報  Through-Hole Transformers Audio, Telephone Coupling
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TA-32-03 データシート(HTML) 1 Page - Vishay Siliconix

  TA-32-03 Datasheet HTML 1Page - Vishay Siliconix TA-32-03 Datasheet HTML 2Page - Vishay Siliconix TA-32-03 Datasheet HTML 3Page - Vishay Siliconix TA-32-03 Datasheet HTML 4Page - Vishay Siliconix TA-32-03 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TA
www.vishay.com
Vishay Dale
Revision: 06-Dec-11
1
Document Number: 34076
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Through-Hole Transformers Audio, Telephone Coupling
FEATURES
• Designed to meet FCC Part 68.
• Underwriters
Laboratories
recognized
component (UL Standard 1459, File E147915)
• Canadian
Standards
Association
certified
component (CSA Standard C22.2, File LR77313)
• Provide line isolation, impedance matching and
line balance
• Designed and built to meet telephone company
requirements for data and voice access on leased private
telephone lines or through dial-up switched telephone
networks
• Compliant to RoHS Directive 2002/95/EC
Note
(1) Reference for TA-40-01 is 1.8 kHz. Model TA-3 is the low-cost alternative to Model TA-1. For HOLDING COIL information, refer to MODEL
TE, TD.
ELECTRICAL SPECFICATIONS
Power Level: - 45 dBm to + 7 dBm except TA-40-01
(- 45 dBm to + 10 dBm)
Longitudinal Balance: Per FCC 68.310
60 dB minimum = 200 Hz to 1000 Hz
45 dB minimum = 1000 Hz to 4000 Hz
Dielectric Strength: 1500 VRMS
Frequency Range: Data/voice = 300 Hz to 3500 Hz
Data = 800 Hz to 3500 Hz
MECHANICAL SPECIFICATIONS
Coating: Impregnated with polyester varnish
Terminals: Precision spaced PC type plug-in terminals
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
IMPEDANCE (
)
COUPLING
APPLICATION
UNBALANCED
DC CURRENT
(mA)
RETURN
LOSS
MIN.
(dB)
INSERTION
LOSSES
AT 1 kHz
(dB)
FREQUENCY
RESPONSE
REF. AT
1 kHz (dB)
IMPEDANCE
MATCHING
DISTORTION STYLE
SCHEMATIC
NUMBER
PRI
SEC
TA-10-08
600
600
DATA/VOICE
0
26
1.0
± 0.5
± 10 %
0.5 %
C
5
TA-10-07
600
600
DATA/VOICE
0
26
1.0
± 0.5
± 10 %
0.5 %
J
5
TA-30-06
600
600
DATA/VOICE
0 to 5
14
1.5
± 1.5
± 25 %
5.0 %
J
5
TA-10-05
600
600
DATA/VOICE
0
26
0.6
± 0.5
± 10 %
0.5 %
B
5
TA-30-02
600
600
DATA/VOICE
0 to 5
15
1.4
± 1.5
± 25 %
5.0 %
B
5
TA-30-03
600
600
DATA
0 to 90
8
2.4
± 1.0
± 25 %
5.0 %
G
5
TA-32-02
600
600
DATA/VOICE
0 to 80
11
1.2
± 1.5
± 25 %
5.0 %
M
13
TA-40-01(1)
600
600
DATA/VOICE
0 to 90
14
1.7
± 2.0
± 20 %
0.5 %
N
13
TA-33-02
600
600
DATA/VOICE
0 to 100
8
1.6
± 1.5
± 25 %
5.0 %
E
15
TA-30-04
600
600 CT
DATA
0 to 90
8
2.4
± 1.0
± 25 %
5.0 %
H
9
TA-10-04 600 CT
600 CT
DATA/VOICE
0
26
0.6
± 0.5
± 10 %
0.5 %
A
4
TA-30-01 600 CT
600 CT
DATA/VOICE
0 to 5
15
1.4
± 1.5
± 25 %
5.0 %
A
4
TA-31-01 600 SPLIT
600
DATA/VOICE
0 to 50
8
1.4
± 1.5
± 25 %
5.0 %
K
11
TA-32-03 600 SPLIT
600
DATA/VOICE
0 to 80
11
1.2
± 1.5
± 25 %
5.0 %
L
14
TA-13-01
600
600 SPLIT DATA/VOICE
0 to 75
13
1.2
± 0.5
± 10 %
0.5 %
E
7
TA-33-01
600
600 SPLIT DATA/VOICE
0 to 100
8
1.6
± 1.5
± 25 %
5.0 %
E
7
TA-10-01
600
600/600
DATA/VOICE
HYBRID
0
26
0.8
± 0.5
± 10 %
0.5 %
A
1
TA-30-05
600
600/600
DATA/VOICE
HYBRID
0 to 5
14
1.4
± 1.5
± 25 %
5.0 %
A
10
TA-11-01
600
600/600
DATA/VOICE
HYBRID
0
26
0.8
± 0.5
± 10 %
0.5 %
D
1
TA-30-07
600
900
DATA/VOICE
0 to 5
14
1.5
± 1.5
± 25 %
5.0 %
J
2
TA-10-02
600
900
DATA/VOICE
0
26
0.7
± 0.5
± 10 %
0.5 %
B
2
TA-32-01 600/900
600
DATA/VOICE 0 to 100/0 to 120
8
1.4
± 1.5
± 25 %
5.0 %
L
12
TA-14-01
600
600/900 DATA/VOICE 0 to 100/0 to 120
14
0.5
± 0.5
± 10 %
0.5 %
F
8
TA-10-06
900
900
DATA/VOICE
0
26
0.7
± 0.5
± 10 %
0.5 %
A
6
TA-10-03
4K
600
DATA/VOICE
0
22
0.7
± 0.5
± 10 %
0.5 %
B
3
TA-23-01
600
600 SPLIT DATA/VOICE
0 to 75
13
1.2
± 0.5
± 10 %
0.5 %
E
16


同様の部品番号 - TA-32-03

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TA-32-03 VISHAY-TA-32-03 Datasheet
163Kb / 5P
   Transformers Audio, elephone Coupling
Revision: 06-Dec-11
More results

同様の説明 - TA-32-03

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TA VISHAY-TA Datasheet
153Kb / 5P
   Through-Hole Transformers Audio, Telephone Coupling
Revision: 06-Dec-11
TA-10-08 VISHAY-TA-10-08 Datasheet
163Kb / 5P
   Transformers Audio, elephone Coupling
Revision: 06-Dec-11
logo
Abracon Corporation
APT-104 ABRACON-APT-104 Datasheet
412Kb / 4P
   LAN COUPLING TRANSFORMERS
logo
Bi technologies
HT84 BITECH-HT84 Datasheet
71Kb / 5P
   ADSL Coupling Transformers
HT82-99627 BITECH-HT82-99627 Datasheet
85Kb / 4P
   VDSL Coupling Transformers
logo
Vishay Siliconix
TC-10-01B VISHAY-TC-10-01B Datasheet
477Kb / 4P
   Through Hole Transformers Converter
Revision: 02-Mar-12
TC VISHAY-TC Datasheet
477Kb / 4P
   Through Hole Transformers Converter
Revision: 02-Mar-12
logo
Cornell Dubilier Electr...
TDL335006S1A CDE-TDL335006S1A Datasheet
166Kb / 1P
   General Purpose Coupling Transformers
logo
Bi technologies
HT81 BITECH-HT81 Datasheet
118Kb / 5P
   HDSL, HDSL2 Coupling Transformers
logo
XFMRS Inc.
XF2256AT XFMRS-XF2256AT Datasheet
624Kb / 2P
   AUDIO Transformers Digital Audio Transformers
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com