データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CX16 データシート(PDF) 1 Page - EUROQUARTZ limited

部品番号 CX16
部品情報  Ultra-miniature SMD design, 2.0 x 1.2 x 0.4mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EUROQUARTZ [EUROQUARTZ limited]
ホームページ  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

CX16 データシート(HTML) 1 Page - EUROQUARTZ limited

  CX16 Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
DESCRIPTION
CX16 crystals are manufactured with an unique pholithographic and
chemical milling process and are then sealed within a ceramic
package for high stability and low ageing. The parts are available
with tight calibration tolerances and high stability over temperature.
With a fast start-up time the crystal is ideally suited to applications
with space constraint and require components with low profiles.
FEATURES
Ultra-miniature SMD design, 2.0 x 1.2 x 0.4mm
Frequency Range 24MHz ~ 50MHz
High shock and vibration resistance
Hermetically sealed
Ceramic lid
Excellent ageing characteristics
Full military testing available
CX16 TELEMETARY CRYSTAL
Ultra-Miniature SMD Crystal
24MHz to 50MHz
HOW TO ORDER LOW PROFILE CX16L CRYSTALS
CX16 - S
-
C
-
SM1
-
24.0M,
30
/
30 /
- /
I
,
3pF
'S' if special,
custom design.
Otherwise leave
blank
C = Ceramic lid
Frequency
M = MHz
Calibration
Tolerance
@25°C
(in ppm)*
Temp. Range
C = -10° ~ +70°C
I = -40° ~ +85°C
M = -55° ~ +125°C
S = Customer specified
Frequency
Stability over
Temp. Range
(in ppm)*
*Alternative 'total' tolerance (in ppm)
CRYSTAL EQUIVALENT CIRCUIT
R1 Motional Resistance
L1 Motional Inductance
C1 Motional Capacitance
C0 Shunt Capacitance
PACKAGING
CX16 crystals are supplied tray packed
Specifications stated are typical at 25°C unless otherwise indicated.
Specifications may change without notice.
SPECIFICATION
1.
Other tolerances available, contact Euroquartz sales
2.
Does not include calibration tolerance. (Frequency stability
characteristics follow that of the AT-Cut thickness-shear mode.)
3.
Per MIL-STD-202G, Method 204D, Condition D. Random
vibration testing also available.
Standard Calibration Tolerance1: ±100ppm or tighter as required.
Load Capacitance:
10pF (or as specified)
Drive Level:
200µW maximum
Frequency Stability1,2
-10° to +70°C:
±50ppm to ±10ppm
-40° to +85°C:
±100ppm to ±20ppm
-55° to +125°C:
±100ppm to ±30ppm
Ageing, First Year:
±5ppm maximum
(Better than ±1ppm available)
Shock, Survival:
5000g, 0.3ms, ½ sine
Vibration, Survival3:
20g rms, 10~2000Hz swept sine
Operating Temperature Range:
-10°C to +70°C (Commercial)
-40°C to +85°C (Industrial)
-55°C to +125°C (Military)
Storage Temperature Range:
-55° to +125°C
Maximum Process Temperature:
+260°C for 20 seconds
OUTLINE & DIMENSIONS
Terminations
SM1 = Gold plated,
Lead free
Fundamental Frequency:
24.0MHz
26.5MHz
Motional Resistance R (Ω):
100
90
Motional Capacitance C1 (fF):
1.3
1.4
QualityFactor Q (k):
30
30
Shunt Capacitance C0 (pF):
0.6
0.6
TERMINATION - PLATING
SM1
Gold Plated (Lead Free)
Designation
Termination
Load
Capacitance
(Customer
specified)


同様の部品番号 - CX16

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
CX16 VISHAY-CX16 Datasheet
73Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 17-Apr-02
logo
STATEK CORPORATION
CX16 STATEK-CX16 Datasheet
189Kb / 2P
   Low Profile, Ultra-Miniature Surface Mount Quartz Crystal
logo
IQD Frequency Products ...
CX16-AT IQD-CX16-AT Datasheet
112Kb / 2P
   Quartz Crystal Specification
logo
Kyocera Kinseki Corpota...
CX1612DB KSS-CX1612DB Datasheet
66Kb / 1P
   Crystal units surface mount type
CX1612DB36000B0GEJ KSS-CX1612DB36000B0GEJ Datasheet
66Kb / 1P
   Crystal units surface mount type
More results

同様の説明 - CX16

メーカー部品番号データシート部品情報
logo
Transko Electronics, In...
CS16 TRANSKO-CS16 Datasheet
177Kb / 1P
   ULTRA MINIATURE CERAMIC SMD CRYSTAL (1.6 x 1.2 x 0.4mm)
Rev. 7: 10-10-19
logo
EUROQUARTZ limited
EQ212 EUROQUARTZ-EQ212 Datasheet
140Kb / 1P
   2.0 x 1.2 x 0.6mm Ultra-miniature SMD
logo
Transko Electronics, In...
CS2012 TRANSKO-CS2012 Datasheet
253Kb / 1P
   MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (2.0 x 1.2 x 0.6mm)
Rev. 4: 11-06-2020
CS2012J TRANSKO-CS2012J Datasheet
149Kb / 1P
   MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (2.0 x 1.2 x 0.35mm)
Rev.0: Sep. 2019
CS12 TRANSKO-CS12 Datasheet
165Kb / 1P
   ULTRA MINIATURE CERAMIC SMD CRYSTAL (1.2 x 1.0 x 0.33mm)
Rev. 1: 10-10-19
TSM16 TRANSKO-TSM16 Datasheet
292Kb / 1P
   ULTRA MINIATURE SMD HCMOS OSCILLATOR (1.6 x 1.2 x 0.7mm)
Rev 1: 02-24-2022
T4FC2012F TRANSKO-T4FC2012F Datasheet
1Mb / 5P
   Common Mode Choke SMD (2.0 X 1.2 X 1.2 mm)
Rev 1: 05-09-2018
CS21 TRANSKO-CS21 Datasheet
258Kb / 1P
   ULTRA MINIATURE CERAMIC SMD CRYSTAL (2.0 x 1.6 x 0.46mm)
Rev. 7: 03-07-22
CS22 TRANSKO-CS22 Datasheet
172Kb / 1P
   ULTRA MINIATURE CERAMIC SMD CRYSTAL (2.5 x 2.0 x 0.55mm)
Rev. 6: 10-10-19
TSM21 TRANSKO-TSM21 Datasheet
292Kb / 1P
   ULTRA MINIATURE SMD HCMOS OSCILLATOR (2.0 x 1.6 x 0.9mm)
Rev 4: 02-24-2022
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com