データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TAZSERIES データシート(PDF) 8 Page - AVX Corporation

部品番号 TAZSERIES
部品情報  CWR09 - MIL-PRF-55365/4 Established Reliability, COTS-Plus & Space Level
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVX [AVX Corporation]
ホームページ  http://www.avx.com
Logo AVX - AVX Corporation

TAZSERIES データシート(HTML) 8 Page - AVX Corporation

Back Button TAZSERIES Datasheet HTML 4Page - AVX Corporation TAZSERIES Datasheet HTML 5Page - AVX Corporation TAZSERIES Datasheet HTML 6Page - AVX Corporation TAZSERIES Datasheet HTML 7Page - AVX Corporation TAZSERIES Datasheet HTML 8Page - AVX Corporation TAZSERIES Datasheet HTML 9Page - AVX Corporation TAZSERIES Datasheet HTML 10Page - AVX Corporation TAZSERIES Datasheet HTML 11Page - AVX Corporation TAZSERIES Datasheet HTML 12Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
14
TAZ Series
CWR19 - MIL-PRF-55365/11 Established Reliability, COTS-Plus & Space Level
Parametric Specifications by Rating per MIL-PRF-55365/11
Typical Ripple Data by Rating
Cap
DC Rated
ESR @
DCL max
DF Max
Power
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
@ 120Hz
Voltage
100kHz
+25ºC
+85ºC
+125ºC
+25ºC
+(85/125)ºC
-55ºC
Dissipation
Ripple
Ripple
Ripple
Ripple
Ripple
Ripple
CWR19 P/N
AVX MIL & COTS-Plus P/N
AVX SRC9000 P/N
Case
μF
V
Ohms
(μA)
(μA)
(μA)
(%)
(%)
(%)
W
AAA
V
V
V
@ 25ºC
@ +85ºC
@ +25ºC
(100kHz)
(100kHz)
(100kHz)
(100kHz)
(100kHz)
(100kHz)
CWR19H^105*@A+
TAZ A 105 * 015 C # @ 0 ^ ++ TAZ A 105 * 015 C L @ 9 ^ ++
A
1
15
15
1
10
12
6
8
8
0.050
0.06
0.05
0.02
0.87
0.78
0.35
CWR19H^155*@A+
TAZ A 155 * 015 C # @ 0 ^ ++ TAZ A 155 * 015 C L @ 9 ^ ++
A
1.5
15
15
1
10
12
6
8
8
0.050
0.06
0.05
0.02
0.87
0.78
0.35
CWR19H^225*@A+
TAZ A 225 * 015 C # @ 0 ^ ++ TAZ A 225 * 015 C L @ 9 ^ ++
A
2.2
15
15
1
10
12
6
8
8
0.050
0.06
0.05
0.02
0.87
0.78
0.35
CWR19H^335*@B+
TAZ B 335 * 015 C # @ 0 ^ ++ TAZ B 335 * 015 C L @ 9 ^ ++
B
3.3
15
9
1
10
12
6
8
8
0.070
0.09
0.08
0.04
0.79
0.71
0.32
CWR19H^475*@B+
TAZ B 475 * 015 C # @ 0 ^ ++ TAZ B 475 * 015 C L @ 9 ^ ++
B
4.7
15
5
1
10
12
6
8
8
0.070
0.12
0.11
0.05
0.59
0.53
0.24
CWR19H^475*@C+
TAZ C 475 * 015 C # @ 0 ^ ++ TAZ C 475 * 015 C L @ 9 ^ ++
C
4.7
15
5.5
1
10
12
6
8
8
0.075
0.12
0.11
0.05
0.64
0.58
0.26
CWR19H^475*@D+
TAZ D 475 * 015 C # @ 0 ^ ++ TAZ D 475 * 015 C L @ 9 ^ ++
D
4.7
15
6
1
10
12
6
8
8
0.080
0.12
0.10
0.05
0.69
0.62
0.28
CWR19H^685*@D+
TAZ D 685 * 015 C # @ 0 ^ ++ TAZ D 685 * 015 C L @ 9 ^ ++
D
6.8
15
6
1
10
12
6
8
8
0.080
0.12
0.10
0.05
0.69
0.62
0.28
CWR19H^106*@D+
TAZ D 106 * 015 C # @ 0 ^ ++ TAZ D 106 * 015 C L @ 9 ^ ++
D
10
15
6
2
20
24
6
8
8
0.080
0.12
0.10
0.05
0.69
0.62
0.28
CWR19H^685*@E+
TAZ E 685 * 015 C # @ 0 ^ ++ TAZ E 685 * 015 C L @ 9 ^ ++
E
6.8
15
3
1
10
12
8
10
12
0.090
0.17
0.16
0.07
0.52
0.47
0.21
CWR19H^106*@E+
TAZ E 106 * 015 C # @ 0 ^ ++ TAZ E 106 * 015 C L @ 9 ^ ++
E
10
15
4
2
20
24
6
8
8
0.090
0.15
0.14
0.06
0.60
0.54
0.24
CWR19H^156*@E+
TAZ E 156 * 015 C # @ 0 ^ ++ TAZ E 156 * 015 C L @ 9 ^ ++
E
15
15
4
2
20
24
6
8
8
0.090
0.15
0.14
0.06
0.60
0.54
0.24
CWR19H^156*@F+
TAZ F 156 * 015 C # @ 0 ^ ++ TAZ F 156 * 015 C L @ 9 ^ ++
F
15
15
3
2
20
24
8
10
10
0.100
0.18
0.16
0.07
0.55
0.49
0.22
CWR19H^226*@F+
TAZ F 226 * 015 C # @ 0 ^ ++ TAZ F 226 * 015 C L @ 9 ^ ++
F
22
15
3
3
30
36
8
10
10
0.100
0.18
0.16
0.07
0.55
0.49
0.22
CWR19H^336*@F+
TAZ F 336 * 015 C # @ 0 ^ ++ TAZ F 336 * 015 C L @ 9 ^ ++
F
33
15
3
5
50
60
6
8
8
0.100
0.18
0.16
0.07
0.55
0.49
0.22
CWR19H^336*@G+
TAZ G 336 * 015 C # @ 0 ^ ++ TAZ G 336 * 015 C L @ 9 ^ ++
G
33
15
1.1
6
60
72
8
10
10
0.125
0.34
0.30
0.13
0.37
0.33
0.15
CWR19H^476*@G+
TAZ G 476 * 015 C # @ 0 ^ ++ TAZ G 476 * 015 C L @ 9 ^ ++
G
47
15
1.1
10
100
120
8
10
10
0.125
0.34
0.30
0.13
0.37
0.33
0.15
CWR19H^686*@G+
TAZ G 686 * 015 C # @ 0 ^ ++ TAZ G 686 * 015 C L @ 9 ^ ++
G
68
15
1.1
10
100
120
8
10
10
0.125
0.34
0.30
0.13
0.37
0.33
0.15
CWR19H^476*@H+
TAZ H 476 * 015 C # @ 0 ^ ++ TAZ H 476 * 015 C L @ 9 ^ ++
H
47
15
0.9
10
100
120
8
10
10
0.150
0.41
0.37
0.16
0.37
0.33
0.15
CWR19H^686*@H+
TAZ H 686 * 015 C # @ 0 ^ ++ TAZ H 686 * 015 C L @ 9 ^ ++
H
68
15
0.9
10
100
120
8
10
10
0.150
0.41
0.37
0.16
0.37
0.33
0.15
CWR19H^107*@H+
TAZ H 107 * 015 C # @ 0 ^ ++ TAZ H 107 * 015 C L @ 9 ^ ++
H
100
15
0.9
15
150
180
10
12
12
0.150
0.41
0.37
0.16
0.37
0.33
0.15
CWR19J^684*@A+
TAZ A 684 * 020 C # @ 0 ^ ++ TAZ A 684 * 020 C L @ 9 ^ ++
A
0.68
20
15
1
10
12
6
8
8
0.050
0.06
0.05
0.02
0.87
0.78
0.35
CWR19J^105*@A+
TAZ A 105 * 020 C # @ 0 ^ ++ TAZ A 105 * 020 C L @ 9 ^ ++
A
1
20
15
1
10
12
6
8
8
0.050
0.06
0.05
0.02
0.87
0.78
0.35
CWR19J^155*@B+
TAZ B 155 * 020 C # @ 0 ^++ TAZ B 155 * 020 C L @ 9 ^++
B
1.5
20
9
1
10
12
6
8
8
0.070
0.09
0.08
0.04
0.79
0.71
0.32
CWR19J^225*@B+
TAZ B 225 * 020 C # @ 0 ^ ++ TAZ B 225 * 020 C L @ 9 ^ ++
B
2.2
20
9
1
10
12
6
8
8
0.070
0.09
0.08
0.04
0.79
0.71
0.32
CWR19J^335*@D+
TAZ D 335 * 020 C # @ 0 ^ ++ TAZ D 335 * 020 C L @ 9 ^ ++
D
3.3
20
6
1
10
12
6
8
8
0.080
0.12
0.10
0.05
0.69
0.62
0.28
CWR19J^475*@E+
TAZ E 475 * 020 C # @ 0 ^ ++ TAZ E 475 * 020 C L @ 9 ^ ++
E
4.7
20
6
1
10
12
6
8
8
0.090
0.12
0.11
0.05
0.73
0.66
0.29
CWR19J^685*@E+
TAZ E 685 * 020 C # @ 0 ^ ++ TAZ E 685 * 020 C L @ 9 ^ ++
E
6.8
20
5
2
20
24
6
8
8
0.090
0.13
0.12
0.05
0.67
0.60
0.27
CWR19J^106*@E+
TAZ E 106 * 020 C # @ 0 ^ ++ TAZ E 106 * 020 C L @ 9 ^ ++
E
10
20
5
2
20
24
6
8
8
0.090
0.13
0.12
0.05
0.67
0.60
0.27
CWR19J^106*@F+
TAZ F 106 * 020 C # @ 0 ^ ++ TAZ F 106 * 020 C L @ 9 ^ ++
F
10
20
3
2
20
24
6
8
8
0.100
0.18
0.16
0.07
0.55
0.49
0.22
CWR19J^156*@F+
TAZ F 156 * 020 C # @ 0 ^ ++ TAZ F 156 * 020 C L @ 9 ^ ++
F
15
20
3
3
30
36
6
8
8
0.100
0.18
0.16
0.07
0.55
0.49
0.22
CWR19J^226*@G+
TAZ G 226 * 020 C # @ 0 ^ ++ TAZ G 226 * 020 C L @ 9 ^ ++
G
22
20
2.5
4
40
48
6
8
8
0.125
0.22
0.20
0.09
0.56
0.50
0.22
CWR19J^336*@H+
TAZ H 336 * 020 C # @ 0 ^ ++ TAZ H 336 * 020 C L @ 9 ^ ++
H
33
20
0.9
6
60
72
8
10
10
0.150
0.41
0.37
0.16
0.37
0.33
0.15
CWR19J^476*@H+
TAZ H 476 * 020 C # @ 0 ^ ++ TAZ H 476 * 020 C L @ 9 ^ ++
H
47
20
0.9
10
100
120
8
10
10
0.150
0.41
0.37
0.16
0.37
0.33
0.15
CWR19J^476*@X+
TAZ X 476 * 020 C # @ 0 ^ ++ TAZ X 476 * 020 C L @ 9 ^ ++
X
47
20
0.9
10
100
120
8
10
10
0.200
0.47
0.42
0.19
0.42
0.38
0.17
CWR19K^474*@A+
TAZ A 474 * 025 C # @ 0 ^ ++ TAZ A 474 * 025 C L @ 9 ^ ++
A
0.47
25
15
1
10
12
6
8
8
0.050
0.06
0.05
0.02
0.87
0.78
0.35
CWR19K^105*@B+
TAZ B 105 * 025 C # @ 0 ^ ++ TAZ B 105 * 025 C L @ 9 ^ ++
B
1
25
10
1
10
12
6
8
8
0.070
0.08
0.08
0.03
0.84
0.75
0.33
CWR19K^225*@D+
TAZ D 225 * 025 C # @ 0 ^ ++ TAZ D 225 * 025 C L @ 9 ^ ++
D
2.2
25
6
1
10
12
6
8
8
0.080
0.12
0.10
0.05
0.69
0.62
0.28
CWR19K^335*@E+
TAZ E 335 * 025 C # @ 0 ^ ++ TAZ E 335 * 025 C L @ 9 ^ ++
E
3.3
25
4
1
10
12
6
8
8
0.090
0.15
0.14
0.06
0.60
0.54
0.24
CWR19K^685*@F+
TAZ F 685 * 025 C # @ 0 ^ ++ TAZ F 685 * 025 C L @ 9 ^ ++
F
6.8
25
3
2
20
24
6
8
8
0.100
0.18
0.16
0.07
0.55
0.49
0.22
CWR19K^156*@G+
TAZ G 156 * 025 C # @ 0 ^ ++ TAZ G 156 * 025 C L @ 9 ^ ++
G
15
25
1.4
4
40
48
6
8
8
0.125
0.30
0.27
0.12
0.42
0.38
0.17
CWR19K^226*@G+
TAZ G 226 * 025 C # @ 0 ^ ++ TAZ G 226 * 025 C L @ 9 ^ ++
G
22
25
1.4
6
60
72
6
8
8
0.125
0.30
0.27
0.12
0.42
0.38
0.17
CWR19K^226*@H+
TAZ H 226 * 025 C # @ 0 ^ ++ TAZ H 226 * 025 C L @ 9 ^ ++
H
22
25
0.9
6
60
72
6
8
8
0.150
0.41
0.37
0.16
0.37
0.33
0.15
CWR19K^336*@H+
TAZ H 336 * 025 C # @ 0 ^ ++ TAZ H 336 * 025 C L @ 9 ^ ++
H
33
25
0.9
10
100
120
8
10
10
0.150
0.41
0.37
0.16
0.37
0.33
0.15
CWR19M^334*@A+
TAZ A 334 * 035 C # @ 0 ^ ++ TAZ A 334 * 035 C L @ 9 ^ ++
A
0.33
35
22
1
10
12
6
8
8
0.050
0.05
0.04
0.02
1.05
0.94
0.42
CWR19M^685*@G+ TAZ G 685 * 035 C # @ 0 ^ ++ TAZ G 685 * 035 C L @ 9 ^ ++
G
6.8
35
1.5
3
30
36
6
8
8
0.125
0.29
0.26
0.12
0.43
0.39
0.17
CWR19M^106*@H+
TAZ H 106 * 035 C # @ 0 ^ ++ TAZ H 106 * 035 C L @ 9 ^ ++
H
10
35
0.9
4
40
48
8
10
10
0.150
0.41
0.37
0.16
0.37
0.33
0.15
RATING & PART NUMBER REFERENCE
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.


同様の部品番号 - TAZSERIES

メーカー部品番号データシート部品情報
logo
Kyocera Kinseki Corpota...
TAZ KSS-TAZ Datasheet
1Mb / 14P
   CWR09 - MIL-PRF-55365/4 Established Reliability
logo
AVX Corporation
TAZA225004C AVX-TAZA225004C Datasheet
895Kb / 51P
   Introduction AVX Tantalum
TAZB475004C AVX-TAZB475004C Datasheet
895Kb / 51P
   Introduction AVX Tantalum
TAZD106004C AVX-TAZD106004C Datasheet
895Kb / 51P
   Introduction AVX Tantalum
TAZE156004C AVX-TAZE156004C Datasheet
895Kb / 51P
   Introduction AVX Tantalum
More results

同様の説明 - TAZSERIES

メーカー部品番号データシート部品情報
logo
AVX Corporation
CWR19FC107KBGB AVX-CWR19FC107KBGB Datasheet
303Kb / 14P
   TAZ Series CWR09 - MIL-PRF-55365/4 Established Reliability, COTS-Plus & Space Level
CWR11HH106KCB AVX-CWR11HH106KCB Datasheet
145Kb / 4P
   CWR11 - MIL-PRF-55365/8 Established Reliability, COTS-Plus & Space Level
CWR11KK106KBB AVX-CWR11KK106KBB Datasheet
233Kb / 10P
   CWR11 - MIL-PRF-55365/8 Established Reliability, COTS-Plus & Space Level
logo
Kyocera Kinseki Corpota...
TAZ KSS-TAZ Datasheet
1Mb / 14P
   CWR09 - MIL-PRF-55365/4 Established Reliability
logo
AVX Corporation
TBCSERIES AVX-TBCSERIES Datasheet
154Kb / 3P
   CWR15 MIL-PRF-55365/12 Established Reliability, COTS-Plus & Space Level
CWR11DH106KB AVX-CWR11DH106KB Datasheet
146Kb / 4P
   CWR11 - MIL-PRF-55365/8 Established Reliability, COTS-Plus & Space Level
logo
Vishay Siliconix
DLA06013 VISHAY-DLA06013 Datasheet
174Kb / 19P
   Wet Tantalum Capacitors, Space Level, Established Reliability
ERH VISHAY-ERH Datasheet
230Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
Revision: 29-May-08
RER VISHAY-RER Datasheet
172Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
Revision: 23-Jun-16
ESS VISHAY-ESS_08 Datasheet
170Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39007 Qualified, Type RWR, R Level
Revision: 22-Oct-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com