データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LZ9-00CW00 データシート(PDF) 5 Page - List of Unclassifed Manufacturers

部品番号 LZ9-00CW00
部品情報  High Luminous Efficacy Cool White LED Emitter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

LZ9-00CW00 データシート(HTML) 5 Page - List of Unclassifed Manufacturers

  LZ9-00CW00 Datasheet HTML 1Page - List of Unclassifed Manufacturers LZ9-00CW00 Datasheet HTML 2Page - List of Unclassifed Manufacturers LZ9-00CW00 Datasheet HTML 3Page - List of Unclassifed Manufacturers LZ9-00CW00 Datasheet HTML 4Page - List of Unclassifed Manufacturers LZ9-00CW00 Datasheet HTML 5Page - List of Unclassifed Manufacturers LZ9-00CW00 Datasheet HTML 6Page - List of Unclassifed Manufacturers LZ9-00CW00 Datasheet HTML 7Page - List of Unclassifed Manufacturers LZ9-00CW00 Datasheet HTML 8Page - List of Unclassifed Manufacturers LZ9-00CW00 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
LZ9-00CW00 (1.2-02/07/13)
LED Engin | 651 River Oaks Parkway | San Jose, CA 95134 USA | ph +1 408 922 7200 | fax +1 408 922 0158 | em sales@ledengin.com | www.ledengin.com
Luminous Flux Bins
Table 1:
Bin Code
Minimum
Radiant Flux (Φv)
@ IF = 700mA
[1,2]
(lm)
Maximum
Radiant Flux (Φv)
@ IF = 700mA
[1,2]
(lm)
Y
1357
1696
Z
1696
2120
Notes for Table 1:
1.
Luminous flux performance guaranteed within published operating conditions. LED Engin maintains a tolerance of ± 10% on flux measurements.
Forward Voltage Range per String
Table 2:
Bin Code
Minimum
Forward Voltage (VF)
@ IF = 700mA
[1,2]
(V)
Maximum
Forward Voltage (VF)
@ IF = 700mA
[1,2]
(V)
0
9.0
10.8
Notes for Table 2:
1.
LED Engin maintains a tolerance of ± 0.04V for forward voltage measurements.
2.
Forward Voltage per string of 3 LED dies in series.


同様の部品番号 - LZ9-00CW00

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LZ9-00NW00 ETC-LZ9-00NW00 Datasheet
1Mb / 22P
   High Luminous Efficacy Neutral White LED Emitter
LZ9-00W900 ETC-LZ9-00W900 Datasheet
1Mb / 23P
   High Luminous Efficacy Warm White LED Emitter
LZ9-00WW00 ETC-LZ9-00WW00 Datasheet
1Mb / 23P
   High Luminous Efficacy Warm White LED Emitter
More results

同様の説明 - LZ9-00CW00

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LZC-00CW00 ETC2-LZC-00CW00 Datasheet
286Kb / 12P
   High Luminous Efficacy Cool White LED Emitter
LZ9-00NW00 ETC-LZ9-00NW00 Datasheet
1Mb / 22P
   High Luminous Efficacy Neutral White LED Emitter
LZ9-00WW00 ETC-LZ9-00WW00 Datasheet
1Mb / 23P
   High Luminous Efficacy Warm White LED Emitter
LZ1-00UA00 ETC2-LZ1-00UA00 Datasheet
983Kb / 19P
   High Efficacy VIOLET LED Emitter
logo
OptoSupply Internationa...
OSXXFLLFE1E OPTOSUPPLY-OSXXFLLFE1E Datasheet
93Kb / 1P
   High Luminous Efficacy Star MCPCB COB 6W LED
OSXXFLLFE1E_VER.A.2 OPTOSUPPLY-OSXXFLLFE1E_VER.A.2 Datasheet
93Kb / 1P
   high luminous efficacy star mcpcb cob 6w led
logo
American Bright OPTOELE...
AB-2016E2-KKF80 AMERICANBRIGHT-AB-2016E2-KKF80 Datasheet
792Kb / 11P
   High efficacy 2016 EMC white LED
Rev. 1.0
logo
OptoSupply Internationa...
OSW5DK5111A-1MA OPTOSUPPLY-OSW5DK5111A-1MA Datasheet
109Kb / 1P
   5mm Round Cool White LED
logo
Cree, Inc
CLN6A-WKW CREE-CLN6A-WKW Datasheet
672Kb / 12P
   COOL AND WARM WHITE LED
logo
OptoSupply Internationa...
OSW5DK3Q51A-1MA OPTOSUPPLY-OSW5DK3Q51A-1MA Datasheet
109Kb / 1P
   3mm Tower Cool White LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com