データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74VHCT245A データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 74VHCT245A
部品情報  74VHCT245A Octal Buffer/Line Driver with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHCT245A データシート(HTML) 4 Page - Fairchild Semiconductor

  74VHCT245A_07 Datasheet HTML 1Page - Fairchild Semiconductor 74VHCT245A_07 Datasheet HTML 2Page - Fairchild Semiconductor 74VHCT245A_07 Datasheet HTML 3Page - Fairchild Semiconductor 74VHCT245A_07 Datasheet HTML 4Page - Fairchild Semiconductor 74VHCT245A_07 Datasheet HTML 5Page - Fairchild Semiconductor 74VHCT245A_07 Datasheet HTML 6Page - Fairchild Semiconductor 74VHCT245A_07 Datasheet HTML 7Page - Fairchild Semiconductor 74VHCT245A_07 Datasheet HTML 8Page - Fairchild Semiconductor 74VHCT245A_07 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
©1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHCT245A Rev. 1.3
4
DC Electrical Characteristics
Noise Characteristics
Note:
6. Parameter guaranteed by design.
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
TA = –40°C
to +85°C
Units
Min.
Typ.
Max.
Min.
Max.
VIH
HIGH Level Input
Voltage
4.5
2.0
2.0
V
5.5
2.0
2.0
VIL
LOW Level Input
Voltage
4.5
0.8
0.8
V
5.5
0.8
0.8
VOH
HIGH Level Output
Voltage
4.5
VIN = VIH
or VIL
IOH = –50µA
4.40
4.50
4.40
V
IOH = –8mA
3.94
3.80
VOL
LOW Level Output
Voltage
4.5
VIN = VIH
or VIL
IOL = 50µA
0.0
0.1
0.1
V
IOL = 8mA
0.36
0.44
IOZ
3-STATE Output
Off-State Current
5.5
VIN = VIH or VIL,
VOUT = VCC or GND
±0.25
±2.5
µA
IIN
Input Leakage
Current
0–5.5
VIN = 5.5V or GND
±0.1
±1.0
µA
ICC
Quiescent Supply
Current
5.5
VIN = VCC or GND
4.0
40.0
µA
ICCT
Maximum ICC/Input
5.5
VIN = 3.4V, Other
Input
= V
CC or GND
1.35
1.50
mA
IOFF
Output Leakage
Current (Power
Down State)
0.0
VOUT = 5.5V
0.5
5.0
µA
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
Units
Typ.
Limits
VOLP
(6)
Quiet Output Maximum
Dynamic VOL
5.0
CL = 50pF
1.2
1.6
V
VOLV
(6)
Quiet Output Minimum
Dynamic VOL
5.0
CL = 50pF
–1.2
–1.6
V
VIHD
(6)
Minimum HIGH Level
Dynamic Input Voltage
5.0
CL = 50pF
2.0
V
VILD
(6)
Maximum LOW Level
Dynamic Input Voltage
5.0
CL = 50pF
0.8
V


同様の部品番号 - 74VHCT245A_07

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A_04 Datasheet
299Kb / 13P
   OCTAL BUS TRANSCEIVER (3-STATE)
More results

同様の説明 - 74VHCT245A_07

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com