データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3-B0-10-450-121-C データシート(PDF) 9 Page - Carling Technologies

部品番号 CA3-B0-10-450-121-C
部品情報  Circuit Breaker
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CARLINGTECH [Carling Technologies]
ホームページ  http://www.carlingtech.com/
Logo CARLINGTECH - Carling Technologies

CA3-B0-10-450-121-C データシート(HTML) 9 Page - Carling Technologies

Back Button CA3-B0-10-450-121-C Datasheet HTML 5Page - Carling Technologies CA3-B0-10-450-121-C Datasheet HTML 6Page - Carling Technologies CA3-B0-10-450-121-C Datasheet HTML 7Page - Carling Technologies CA3-B0-10-450-121-C Datasheet HTML 8Page - Carling Technologies CA3-B0-10-450-121-C Datasheet HTML 9Page - Carling Technologies CA3-B0-10-450-121-C Datasheet HTML 10Page - Carling Technologies CA3-B0-10-450-121-C Datasheet HTML 11Page - Carling Technologies CA3-B0-10-450-121-C Datasheet HTML 12Page - Carling Technologies CA3-B0-10-450-121-C Datasheet HTML 13Page - Carling Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
60 Johnson Avenue • Plainville, CT 06062–1177 • Phone: (860) 793–9281 • Fax: (860) 793–9231
Email: sales@carlingtech.com • www.carlingtech.com
60 Johnson Avenue • Plainville, CT 06062–1177 • Phone: (860) 793–9281 • Fax: (860) 793–9231
Email: sales@carlingtech.com • www.carlingtech.com
C-Series Handle UL489 Listed – Ordering Scheme | 9
1
Series
2
Actuator
3
Poles
5
Aux/Alarm
Switch
6
Frequency
& Delay
7
Current Rating
8
Terminal
9
Actuator
Color
10
Mounting/
Barriers
11
Max. App.
Rating
12Agency
Approval
4
Circuit
Notes:
1
2
3
4
5
6
7
8
9
10
11
12
Actuator Code:
A: Handle tie pin spacer(s) and retainers provided assembled with multi-pole units.
B: Handle located, as viewed from front of breaker in left pole. 2 pole maximum.
S: Handle moves to mid-position only upon electrical trip of the breaker.
T: Handle moves to mid-position and alarm switch activates only upon electrical trip of
the breaker.
Standard multipole units have all poles identical except when specifying auxiliary switch
and/or mixed poles.
2 & 3 pole circuit breakers required for 120/240 VAC (Maximum application rating code
C) applications, have all poles identical except when specifying auxiliary / alarm switch
which is normally supplied in extreme right pole per figure B. Terminal barriers are
required on all multipole breakers.
Third pole is for 120/240 VAC applications requiring neutral disconnect. The 3rd pole has
the same construction as poles 1 & 2.
On multi-pole breakers, one auxiliary. switch is supplied, mounted in the extreme right
pole.
VDE approval on auxiliary switch codes 2, 3 & 4 only.
Auxiliary / Alarm Switch with Independent Circuit ie: separate from breaker circuit,
only available with circuit breakers rated 50 amp maximum at 80 VDC, 125 VDC, and
120 VAC. Auxiliary / Alarm Switch with Dependent Circuit ie: same as circuit breaker,
is supplied from factory with common terminal of auxiliary / alarm switch connected to
line terminal on 120/240 and 240 VAC ratings. Circuit breakers rated 120 VAC 50 amp
maximum can be supplied with Auxiliary/Alarm switch common terminal connected to
breaker line terminal. Consult factory for special catalog number.
Available up to 50 amps maximum.
Current ratings 71 - 100 with VDE approvals are available up to two poles maximum.
Terminal Codes 8, 9 & C are not VDE approved.
Terminal Code 1 available to 60 amps maximum.
Terminal Codes 2, 4, 5 & C available to 50 amps maximum.
Terminal Codes 3, 6 & 9 available to 100 amps maximum.
Terminal Code A available to 100 amps maximum.
VDE and TUV approvals require Dual (I-O, ON-OFF) markings on all handles.
Barriers supplied on multi-pole units only.
C A
B
1
1
3
0
2
K G
14 450
1 SERIES
C
2 ACTUATOR1
A
Handle, one per pole
B
Handle, one per multipole unit
S
Mid-Trip Handle, one per pole
T
Mid-Trip, one per pole & Alarm Switch
8 TERMINAL6
17
Stud 10-32, threaded
28
Screw 10-32
39
Screw 1/4-20, threaded
48
Screw M5 x 0.8, threaded
58
Screw M5 x 0.8
69
Screw M6, threaded
8
1/4” Clip Terminal
99
7/16” Clip Terminal
A10
Plug-In Stud
C
5/16” Clip Terminal
3 POLES2
1
One
2
Two
3
Three
4 CIRCUIT
B
Series Trip (current)
6 FREQUENCY & DELAY
11
DC Ultra Short
12
DC Short
14
DC Medium
16
DC Long
21
50/60Hz Ultra Short
22
50/60Hz Short
24
50/60Hz Medium
26
50/60Hz Long
424
50/60Hz Short, Hi-Inrush
444
50/60Hz Medium, Hi-Inrush
464
50/60Hz Long, Hi-Inrush
524
DC Short, Hi-Inrush
544
DC Medium, Hi-Inrush
564
DC Long, Hi-Inrush
7 CURRENT RATING (AMPERES)5
210 0.100
215 0.150
220 0.200
225 0.250
230 0.300
235 0.350
240 0.400
245 0.450
250 0.500
255 0.550
260 0.600
265 0.650
270 0.700
275 0.750
280 0.800
285 0.850
290 0.900
295 0.950
410 1.000
512 1.250
415 1.500
517 1.750
420 2.000
522 2.250
425 2.500
527 2.750
430 3.000
435 3.500
440 4.000
445 4.500
450 5.000
455 5.500
460 6.000
465 6.500
470 7.000
475 7.500
480 8.000
485 8.500
490 9.000
495 9.500
610 10.000
710 10.500
611 11.000
711 11.500
612 12.000
712 12.500
613 13.000
614 14.000
615 15.000
616 16.000
617 17.000
618 18.000
620 20.000
622 22.000
624 24.000
625 25.000
630 30.000
635 35.000
640 40.000
660 60.000
670 70.000
680 80.000
685 85.000
690 90.000
695 95.000
810 100.000
CODE AMPERES
9 ACTUATOR COLOR & LEGEND11
Actuator Color
White
Black
Red
Green
Blue
Yellow
Gray
Orange
ON-OFF
B
D
G
J
L
N
Q
S
Dual
1
2
3
4
5
6
7
8
Legend Color
Black
White
White
White
White
Black
Black
Black
10 MOUNTING/BARRIERS
MOUNTING STYLE
Threaded Insert
6-32 x 0.195 inches
ISO M3 x 5mm
BARRIERS12
yes
yes
1
2
11 MAXIMUM APPLICATION RATING
A
65 DC
B
125 DC
C
120/240 AC2
D
240 AC
F
277 AC
K
120 AC
M
80 DC
12 AGENCY APPROVAL11
A
F
G
J
without approvals
UL489 Listed, VDE Certified, CSA Accepted
UL489 Listed, CSA Accepted
UL489 Listed, TUV Certified, CSA Accepted
5 AUXILIARY/ALARM SWITCH3
0
without Aux Switch
2
S.P.D.T., 0.110 Q.C. Terminal
3
S.P.D.T., 0.139 Solder Lug
4
S.P.D.T., 0.110 Q.C. Terminal
(Gold Contacts)
6
S.P.S.T., 0.139 Solder Lug
8
S.P.S.T., 0.187 Q.C. Terminal
9
S.P.D.T., 0.187 Q.C. Terminal


同様の部品番号 - CA3-B0-10-450-121-C

メーカー部品番号データシート部品情報
logo
RCD COMPONENTS INC.
CA3-100-KB RCD-CA3-100-KB Datasheet
253Kb / 1P
   FILTER CHOKES, 1 to 25 AMP
CA3-100-KBQ RCD-CA3-100-KBQ Datasheet
253Kb / 1P
   FILTER CHOKES, 1 to 25 AMP
CA3-100-KBW RCD-CA3-100-KBW Datasheet
253Kb / 1P
   FILTER CHOKES, 1 to 25 AMP
CA3-271-KB RCD-CA3-271-KB Datasheet
253Kb / 1P
   FILTER CHOKES, 1 to 25 AMP
CA3-271-KBQ RCD-CA3-271-KBQ Datasheet
253Kb / 1P
   FILTER CHOKES, 1 to 25 AMP
More results

同様の説明 - CA3-B0-10-450-121-C

メーカー部品番号データシート部品情報
logo
Carling Technologies
MA1-B-34-615-1A26 CARLINGTECH-MA1-B-34-615-1A26 Datasheet
4Mb / 24P
   Circuit Breaker
logo
Qualtek Electronics Cor...
QMB-032-00ENN-3BA QUALTEK-QMB-032-00ENN-3BA Datasheet
382Kb / 1P
   CIRCUIT BREAKER
QMB-102-11C3N-3BA QUALTEK-QMB-102-11C3N-3BA Datasheet
387Kb / 1P
   CIRCUIT BREAKER
QLB-053-00DNN-3BA QUALTEK-QLB-053-00DNN-3BA Datasheet
392Kb / 1P
   CIRCUIT BREAKER
QLB-153-11B3N-3BA QUALTEK-QLB-153-11B3N-3BA Datasheet
396Kb / 1P
   CIRCUIT BREAKER
QMB-053-00ENN-3BA QUALTEK-QMB-053-00ENN-3BA Datasheet
404Kb / 1P
   CIRCUIT BREAKER
QMB-033-00ENN-3BA QUALTEK-QMB-033-00ENN-3BA Datasheet
404Kb / 1P
   CIRCUIT BREAKER
QMB-053-11C3N-3BA QUALTEK-QMB-053-11C3N-3BA Datasheet
413Kb / 1P
   CIRCUIT BREAKER
QMB-103-11C3N-3BA QUALTEK-QMB-103-11C3N-3BA Datasheet
413Kb / 1P
   CIRCUIT BREAKER
logo
Carling Technologies
EA2-B0-24-450-12A-CB CARLINGTECH-EA2-B0-24-450-12A-CB Datasheet
3Mb / 9P
   Circuit Breaker
FA2-B0-14-820-12A-BG CARLINGTECH-FA2-B0-14-820-12A-BG Datasheet
3Mb / 12P
   Circuit Breaker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com