データシートサーチシステム |
|
AD9888KS-140 データシート(PDF) 8 Page - Analog Devices |
|
AD9888KS-140 データシート(HTML) 8 Page - Analog Devices |
8 / 32 page REV. A AD9888 –8– PIN FUNCTION DESCRIPTIONS (continued) Pin Description FILT External Filter Connection For proper operation, the pixel clock generator PLL requires an external filter. Connect the filter shown in Figure 6 to this pin. For optimal performance, minimize noise and parasitics on this node. Power Supply VD Main Power Supply These pins supply power to the main elements of the circuit. It should be as quiet and filtered as possible. VDD Digital Output Power Supply A large number of output pins (up to 52) switching at high speed (up to 110 MHz) generates a lot of power supply transients (noise). These supply pins are identified separately from the VD pins, so special care can be taken to mini- mize output noise transferred into the sensitive analog circuitry. If the AD9888 is interfacing with lower voltage logic, VDD may be connected to a lower supply voltage (as low as 2.5 V) for compatibility. PVD Clock Generator Power Supply The most sensitive portion of the AD9888 is the clock generation circuitry. These pins provide power to the clock PLL and help the user design for optimal performance. The designer should provide “quiet,” noise-free power to these pins. GND Ground The ground return for all circuitry on chip. It is recommended that the AD9888 be assembled on a single solid ground plane, with careful attention to ground current paths. Serial Port (2-Wire) SDA Serial Port Data I/O SCL ISerial Port Data Clock A0 Serial Port Address Input 1 For a full description of the 2-wire serial register and how it works, refer to the Control Register section. DESIGN GUIDE General Description The AD9888 is a fully integrated solution for capturing analog RGB signals and digitizing them for display on flat panel monitors or projectors. The circuit is ideal for providing a computer inter- face for HDTV monitors or as the front-end to high-performance video scan converters. Implemented in a high-performance CMOS process, the inter- face can capture signals with pixel rates of up to 205 MHz, and with an Alternate Pixel Sampling mode, up to 340 MHz. The AD9888 includes all necessary input buffering, signal dc restoration (clamping), offset and gain (brightness and contrast) adjustment, pixel clock generation, sampling phase control, and output data formatting. All controls are programmable via a 2-wire serial interface. Full integration of these sensitive analog functions makes system design straightforward and less sensitive to the physical and electrical environment. With a typical power dissipation of only 650 mW and an operat- ing temperature range of 0 °C to 70°C, the device requires no special environmental considerations. Input Signal Handling The AD9888 has six high-impedance analog input pins for the red, green, and blue channels. They will accommodate signals ranging from 0.5 V to 1.0 V p-p. Signals are typically brought onto the interface board via a DVI-I connector, a 15-pin D connector, or via BNC connectors. The AD9888 should be located as close as practical to the input connector. Signals should be routed via matched-impedance traces (normally 75 Ω) to the IC input pins. At that point, the signal should be resistively terminated (to the signal ground return) and capacitively coupled to the AD9888 inputs through 47 nF capacitors. These capacitors form part of the dc restoration circuit. In an ideal world of perfectly matched impedances, the best performance can be obtained with the widest possible signal bandwidth. The ultrawide bandwidth inputs of the AD9888 (500 MHz) can track the input signal continuously as it moves from one pixel level to the next, and digitize the pixel during a long, flat pixel time. In many systems, however, there are mismatches, reflections, and noise, which can result in excessive ringing and distortion of the input waveform. This makes it more difficult to establish a sampling phase that provides good image quality. The AD9888 can digitize graphics signals over a very wide range of frequencies (10 MHz to 205 MHz). Often characteristics that are beneficial at one frequency can be detri- mental at another. Analog bandwidth is one such characteristic. For UXGA resolutions (up to 205 MHz), a very high analog bandwidth is desirable because of the fast input signal slew rates. For VGA and lower resolutions (down to 12.5 MHz), a very high bandwidth is not desirable, because it allows excess noise to pass through. To accommodate these varying needs, the AD9888 includes variable analog bandwidth control. Four settings are available (75 MHz, 150 MHz, 300 MHz, and 500 MHz), allowing the analog bandwidth to be matched with the resolution of the incoming graphics signal. RAIN GAIN BAIN 75 RGB INPUT 47nF Figure 1. Analog Input Interface Circuit |
同様の部品番号 - AD9888KS-140 |
|
同様の説明 - AD9888KS-140 |