データシートサーチシステム |
|
ML376RAA121_LZ データシート(PDF) 1 Page - Coilcraft lnc. |
|
ML376RAA121_LZ データシート(HTML) 1 Page - Coilcraft lnc. |
1 / 2 page ® © Coilcraft, Inc. 2012 1102 Silver Lake Road Cary, IL 60013 Phone 800-981-0363 Fax 847-639-1508 Email cps@coilcraft.com www.coilcraft-cps.com This product may not be used in medical or high risk applications without prior Coilcraft approval. Specifications subject to change without notice. Please check our web site for latest information. High-Reliability ChipInductors ML376RAA 1206 CHIP INDUCTORS Inductance2 Percent SRF min4 DCR max5 Imax Part number1 (nH) tolerance Q min3 (MHz) (Ohms) (mA) ML376RAA030JLZ 3.3 @ 100 MHz 5 29 @ 300 MHz >5000 0.050 900 ML376RAA060JLZ 6.8 @ 100 MHz 5 24 @ 300 MHz 4380 0.070 900 ML376RAA100JLZ 10 @ 100 MHz 5,2,1 31 @ 300 MHz 3440 0.080 900 ML376RAA120_LZ 12 @ 100 MHz 5,2,1 40 @ 300 MHz 2560 0.100 900 ML376RAA150_LZ 15 @ 100 MHz 5,2,1 38 @ 300 MHz 2520 0.100 900 ML376RAA180_LZ 18 @ 100 MHz 5,2,1 50 @ 300 MHz 2260 0.100 900 ML376RAA220_LZ 22 @ 100 MHz 5,2,1 50 @ 300 MHz 2120 0.100 900 ML376RAA270_LZ 27 @ 100 MHz 5,2,1 50 @ 300 MHz 1800 0.110 900 ML376RAA330_LZ 33 @ 100 MHz 5,2,1 55 @ 300 MHz 1800 0.110 900 ML376RAA390_LZ 39 @ 100 MHz 5,2,1 55 @ 300 MHz 1800 0.120 900 ML376RAA470_LZ 47 @ 100 MHz 5,2,1 55 @ 300 MHz 1500 0.130 900 ML376RAA560_LZ 56 @ 100 MHz 5,2,1 55 @ 300 MHz 1400 0.140 900 ML376RAA680_LZ 68 @ 100 MHz 5,2,1 48 @ 150 MHz 1180 0.260 600 ML376RAA820_LZ 82 @ 100 MHz 5,2,1 52 @ 150 MHz 1120 0.210 700 ML376RAA101_LZ 100 @ 100 MHz 5,2,1 55 @ 150 MHz 1040 0.260 650 ML376RAA121_LZ 120 @ 100 MHz 5,2,1 53 @ 150 MHz 1040 0.260 620 ML376RAA151_LZ 150 @ 100 MHz 5,2,1 53 @ 150 MHz 920 0.310 720 ML376RAA181_LZ 180 @ 50 MHz 5,2,1 53 @ 150 MHz 780 0.430 580 ML376RAA221_LZ 220 @ 50 MHz 5,2,1 51 @ 150 MHz 700 0.500 550 ML376RAA271_LZ 270 @ 50 MHz 5,2,1 53 @ 150 MHz 630 0.560 470 ML376RAA331_LZ 330 @ 50 MHz 5,2,1 30 @ 35 MHz 570 0.620 370 ML376RAA391_LZ 390 @ 50 MHz 5,2,1 31 @ 35 MHz 540 0.750 370 ML376RAA471_LZ 470 @ 50 MHz 5,2,1 31 @ 35 MHz 500 1.30 320 ML376RAA561_LZ 560 @ 35 MHz 5,2,1 31 @ 35 MHz 440 1.34 300 ML376RAA621_LZ 620 @ 35 MHz 5,2,1 32 @ 35 MHz 440 1.60 270 ML376RAA681_LZ 680 @ 35 MHz 5,2,1 32 @ 35 MHz 410 1.58 260 ML376RAA751_LZ 750 @ 35 MHz 5,2,1 32 @ 35 MHz 400 2.20 220 ML376RAA821_LZ 820 @ 35 MHz 5,2,1 31 @ 35 MHz 370 1.82 240 ML376RAA911_LZ 910 @ 35 MHz 5,2,1 31 @ 35 MHz 350 2.85 190 ML376RAA102_LZ 1000 @ 35 MHz 5,2,1 32 @ 35 MHz 360 2.80 190 ML376RAA122_LZ 1200 @ 35 MHz 5,2,1 32 @ 35 MHz 320 3.20 170 The ML376RAA inductors feature high SRF and excellent Q values.Their ceramic cores make 1% tolerances prac‑ tical and economical and ensure the utmost in thermal stability, predictability and consistency. This robust version of Coilcraft’s standard 1206CS series features high temperature materials that allow operation in ambient temperatures up to 155°C. 1. When ordering, please specify tolerance and testing codes: ML376RAA122JLZ Tolerance: F = 1% G = 2% J = 5% Testing: Z = COTS H = Screening per Coilcraft CP‑SA‑10001 N = Screening per Coilcraft CP‑SA‑10003 C = Custom screening (please specify when ordering) 2. Inductance measured using a Coilcraft SMD‑A fixture in an Agilent/HP 4286A impedance analyzer or equivalent with Coilcraft‑provided correlation pieces. 3. Q measured using an Agilent/HP 4291A impedance Analyzer with an Agilent/HP 16197 test fixture or equivalents. 4. SRF measured using an Agilent/HP 8753ES network analyzer or equivalent and a Coilcraft CCF1297 test fixture. 5. DCR measured on a Keithley 580 micro‑ohmmeter or equivalent and a Coilcraft CCF858 fixture. 6. Electrical specifications at 25°C. Refer to Doc 362 “Soldering Surface Mount Components” before soldering. Document ML104‑1 Revised 11/06/12 |
同様の部品番号 - ML376RAA121_LZ |
|
同様の説明 - ML376RAA121_LZ |