データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML416PJB104MLZ データシート(PDF) 1 Page - Coilcraft lnc.

部品番号 ML416PJB104MLZ
部品情報  High-Reliability Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COILCRAFT [Coilcraft lnc.]
ホームページ  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML416PJB104MLZ データシート(HTML) 1 Page - Coilcraft lnc.

  ML416PJB104MLZ Datasheet HTML 1Page - Coilcraft lnc. ML416PJB104MLZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
High-Reliability PowerInductorsML414PJB
3314 POWER INDUCTORS
Document ML541-1 Revised 09/24/12
Inductance DCR
Isat (A)5
Irms (A)6
±20%2
max3 SRF (MHz)
4
10% 20%
30% 20°C 40°C
Part number1
(µH)
(Ohms) min
typ
drop drop drop rise rise
ML414PJB102MLZ
1.0
0.055 150
215
1.8
1.9
1.9
1.3
1.7
ML414PJB222MLZ
2.2
0.100
98.0 140
1.1
1.4
1.5
0.96 1.3
ML414PJB332MLZ
3.3
0.145
80.5 115
0.98
1.2
1.3
0.80 1.1
ML414PJB472MLZ
4.7
0.175
60.2
86
0.97
0.99
1.0
0.72 1.0
ML414PJB562MLZ
5.6
0.220
51.8
74
0.92
0.95
0.98 0.66 0.88
ML414PJB682MLZ
6.8
0.240
50.4
72
0.82
0.83
0.86 0.66 0.88
ML414PJB822MLZ
8.2
0.270
42.0
60
0.58
0.75
0.78 0.56 0.80
ML414PJB103MLZ
10
0.330
38.5
55
0.56
0.66
0.70 0.52 0.70
ML414PJB153MLZ
15
0.440
31.5
45
0.46
0.56
0.59 0.50 0.66
ML414PJB183MLZ
18
0.575
25.9
37
0.44
0.51
0.54 0.42 0.54
ML414PJB223MLZ
22
0.720
23.8
34
0.44
0.48
0.49 0.36 0.48
ML414PJB333MLZ
33
0.920
18.9
27
0.30
0.38
0.40 0.34 0.46
ML414PJB473MLZ
47
1.40
15.4
22
0.28
0.33
0.34 0.28 0.38
ML414PJB563MLZ
56
1.55
13.3
19
0.26
0.30
0.31 0.26 0.34
ML414PJB683MLZ
68
1.80
11.9
17
0.22
0.26
0.29 0.24 0.32
ML414PJB823MLZ
82
2.00
9.8
14
0.20
0.24
0.26 0.23 0.31
ML414PJB104MLZ
100
2.75
9.1
13
0.19
0.23
0.24 0.21 0.30
ML414PJB124MLZ
120
3.45
7.7
11
0.19
0.21
0.22 0.18 0.24
ML414PJB154MLZ
150
4.10
7.0
10
0.16
0.19
0.20 0.16 0.22
ML414PJB184MLZ
180
4.80
6.3
9.0 0.14
0.17
0.18 0.15 0.20
ML414PJB224MLZ
220
6.00
4.90
7.0 0.14
0.16
0.17 0.13 0.18
ML414PJB334MLZ
330
9.30
4.20
6.0 0.11
0.12
0.13 0.10 0.14
ML414PJB474MLZ
470
12.0
3.15
4.5 0.080 0.11
0.11 0.10 0.13
ML414PJB564MLZ
560
14.0
3.15
4.5 0.095 0.105 0.11 0.090 0.12
ML414PJB684MLZ
680
18.5
2.80
4.0 0.092 0.100 0.105 0.080 0.10
ML414PJB824MLZ
820
24.0
2.59
3.7 0.086 0.099 0.100 0.070 0.090
ML414PJB105MLZ 1000
31.0
2.10
3.0 0.090 0.099 0.100 0.065 0.080
ML414PJB155MLZ 1500
44.0
1.89
2.7 0.080 0.086 0.090 0.050 0.060
Core material Ferrite
Terminations Silver-palladium-platinum-glass frit.
Weight 44.1 – 46.5 mg
Ambient temperature –55°C to +105°C with Irms current, +105°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Tape and reel packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 1000/7
″reel
Plastic tape: 12 mm wide, 0.3 mm thick, 8 mm pocket spacing,
1.52 mm pocket depth
Recommended pick and place nozzle OD: 3.3 mm; ID:
≤ 1.65 mm
High temperature material allows operation in ambient
temperatures up to 155°C
Special construction allows it to pass vibration testing to
80 G and shock testing to 1000 G.
1. When ordering, please specify
testing code:
ML414PJB105MLZ
Testing: Z = COTS
H = Screening per Coilcraft CP-SA-10001
N = Screening per Coilcraft CP-SA-10004
2. Inductance tested at 100 kHz, 0.1 Vrms using an
Agilent/HP 4192A. Inductance at 1 MHz is the
same for parts with SRF
≥10 MHz.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using Agilent/HP 8753ES or
equivalent.
5. DC current that causes the specified inductance
drop from its value without current.
6. Current that causes the specified temperature
rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Compo-
nents” before soldering.


同様の部品番号 - ML416PJB104MLZ

メーカー部品番号データシート部品情報
logo
Coilcraft lnc.
ML410PZA COILCRAFT-ML410PZA Datasheet
199Kb / 2P
   High Reliability Power Inductors
ML410PZA102MLZ COILCRAFT-ML410PZA102MLZ Datasheet
199Kb / 2P
   High Reliability Power Inductors
ML410PZA152MLZ COILCRAFT-ML410PZA152MLZ Datasheet
199Kb / 2P
   High Reliability Power Inductors
ML410PZA221MLZ COILCRAFT-ML410PZA221MLZ Datasheet
199Kb / 2P
   High Reliability Power Inductors
ML410PZA222MLZ COILCRAFT-ML410PZA222MLZ Datasheet
199Kb / 2P
   High Reliability Power Inductors
More results

同様の説明 - ML416PJB104MLZ

メーカー部品番号データシート部品情報
logo
Coilcraft lnc.
MS433PZA COILCRAFT-MS433PZA Datasheet
271Kb / 2P
   High Reliability Power Inductors
MS483PYA COILCRAFT-MS483PYA Datasheet
245Kb / 3P
   High Reliability Power Inductors
ML486PJB COILCRAFT-ML486PJB Datasheet
291Kb / 2P
   High-Reliability Power Inductors
ML512PYA COILCRAFT-ML512PYA Datasheet
292Kb / 3P
   High Reliability Power Inductors
MS512PJB COILCRAFT-MS512PJB Datasheet
324Kb / 2P
   High-Reliability Power Inductors
MS512PYA COILCRAFT-MS512PYA Datasheet
287Kb / 3P
   High Reliability Power Inductors
MS515PYA COILCRAFT-MS515PYA Datasheet
296Kb / 4P
   High-Reliability Power Inductors
MS558PTA COILCRAFT-MS558PTA Datasheet
270Kb / 2P
   High-Reliability Power Inductors
MS566PNB COILCRAFT-MS566PNB Datasheet
373Kb / 2P
   High-Reliability Power Inductors
ML563PKA COILCRAFT-ML563PKA Datasheet
699Kb / 2P
   High-Reliability Power Inductors
ML598PTA COILCRAFT-ML598PTA Datasheet
341Kb / 2P
   High-Reliability Power Inductors
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com