データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML465PYA821MLZ データシート(PDF) 3 Page - Coilcraft lnc.

部品番号 ML465PYA821MLZ
部品情報  High Reliability Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COILCRAFT [Coilcraft lnc.]
ホームページ  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML465PYA821MLZ データシート(HTML) 3 Page - Coilcraft lnc.

  ML465PYA821MLZ Datasheet HTML 1Page - Coilcraft lnc. ML465PYA821MLZ Datasheet HTML 2Page - Coilcraft lnc. ML465PYA821MLZ Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2012
Specifications subject to change without notice.
Please check our website for latest information.
4040 POWER INDUCTORS
Document ML803-3 Revised 03/22/12
ML465PYASeries
L vs Frequency
0.1
1
10
100
0.1
1
100
10
Frequency (MHz)
15 µH 10 µH
8.2 µH
6.8 µH
4.7 µH
3.3 µH
2.2 µH
1.5 µH
1.0 µH
0.52 µH
0.82 µH
0.68 µH
Dimensions are in
inches
mm
0.157 ±0.012
4,0 ±0,3
0.157 ±0.012
4,0 ±0,3
0.031 ±0.002
0,85 ±0,05
0.062 ±0.010
1,57 ±0,25
0.038
0,98
0.093
2,37
Recommended
Land Pattern
Dash
number
0.161
4,10
max
A
Dash
B
number (in / mm)
(in / mm)
±0.008 in
±0,20 mm
-521
0.142 / 3.6
0.15 / 3.80
-681
0.142 / 3.6
0.15 / 3.80
-821
0.142 / 3.6
0.15 / 3.80
-102
0.142 / 3.6
0.15 / 3.80
-152
0.142 / 3.6
0.15 / 3.80
-222
0.138 / 3.5
0.144 / 3.65
-332
0.134 / 3.4
0.138 / 3.50
-472
0.134 / 3.4
0.138 / 3.50
-682
0.134 / 3.4
0.138 / 3.50
-822
0.132 / 3.36
0.135 / 3.44
-103
0.131 / 3.32
0.133 / 3.38
-153
0.131 / 3.32
0.133 / 3.38
A
(see table)
B
(see table)
ESR vs Frequency
0
5
10
15
20
25
30
35
40
45
50
0.1
1
100
10
Frequency (MHz)
Irms Derating
-40
-55
-20
020406080
100
160
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Suggested
Land Pattern


同様の部品番号 - ML465PYA821MLZ

メーカー部品番号データシート部品情報
logo
Pulse A Technitrol Comp...
ML4652 PULSE-ML4652 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Micro Linear Corporatio...
ML4658 MICRO-LINEAR-ML4658 Datasheet
230Kb / 17P
   10BASE-T Transceiver
logo
Pulse A Technitrol Comp...
ML4658 PULSE-ML4658 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Tyco Electronics
ML46580S-992 MACOM-ML46580S-992 Datasheet
463Kb / 4P
   High Reliability Semiconductor . Beam Lead Gallium Arsenide Tuning Varactor Diode
logo
Micro Linear Corporatio...
ML4658CP MICRO-LINEAR-ML4658CP Datasheet
230Kb / 17P
   10BASE-T Transceiver
More results

同様の説明 - ML465PYA821MLZ

メーカー部品番号データシート部品情報
logo
Coilcraft lnc.
MS433PZA COILCRAFT-MS433PZA Datasheet
271Kb / 2P
   High Reliability Power Inductors
MS483PYA COILCRAFT-MS483PYA Datasheet
245Kb / 3P
   High Reliability Power Inductors
ML486PJB COILCRAFT-ML486PJB Datasheet
291Kb / 2P
   High-Reliability Power Inductors
ML512PYA COILCRAFT-ML512PYA Datasheet
292Kb / 3P
   High Reliability Power Inductors
MS512PJB COILCRAFT-MS512PJB Datasheet
324Kb / 2P
   High-Reliability Power Inductors
MS512PYA COILCRAFT-MS512PYA Datasheet
287Kb / 3P
   High Reliability Power Inductors
MS515PYA COILCRAFT-MS515PYA Datasheet
296Kb / 4P
   High-Reliability Power Inductors
MS558PTA COILCRAFT-MS558PTA Datasheet
270Kb / 2P
   High-Reliability Power Inductors
MS566PNB COILCRAFT-MS566PNB Datasheet
373Kb / 2P
   High-Reliability Power Inductors
ML563PKA COILCRAFT-ML563PKA Datasheet
699Kb / 2P
   High-Reliability Power Inductors
ML598PTA COILCRAFT-ML598PTA Datasheet
341Kb / 2P
   High-Reliability Power Inductors
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com