データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST312RAA8N2_LZ データシート(PDF) 2 Page - Coilcraft lnc.

部品番号 ST312RAA8N2_LZ
部品情報  Chip Inductors for Critical Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COILCRAFT [Coilcraft lnc.]
ホームページ  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ST312RAA8N2_LZ データシート(HTML) 2 Page - Coilcraft lnc.

  ST312RAA8N2_LZ Datasheet HTML 1Page - Coilcraft lnc. ST312RAA8N2_LZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
ST312RAA Series (0603)
SRF
DCR
Inductance2
Percent
Q
900 MHz
1.7 GHz
min4
max5
Imax Color
Part number1
(nH)
tolerance min3 L typ Q typ
L typ Q typ
(MHz) (Ohms) (mA)
code
ST312RAA1N6JLZ
1.6 @ 250 MHz
5
26
1.67
49
1.65
63
>5000
0.022
700
Red
ST312RAA1N8JLZ
1.8 @ 250 MHz
5
21
1.83
35
1.86
50
>5000
0.045
700
Black
ST312RAA3N3_LZ
3.3 @ 250 MHz
5,2
35
3.31
75
3.38
88
>5000
0.045
700
Blue
ST312RAA3N6_LZ
3.6 @ 250 MHz
5,2
18
3.72
53
3.71
65
>5000
0.063
700
Red
ST312RAA3N9_LZ
3.9 @ 250 MHz
5,2
20
3.95
49
3.96
67
>5000
0.080
700
Brown
ST312RAA4N3_LZ
4.3 @ 250 MHz
5,2
29
4.32
50
4.33
70
>5000
0.063
700 Orange
ST312RAA4N7_LZ
4.7 @ 250 MHz
5,2
18
4.72
47
4.75
57
>5000
0.116
605
Violet
ST312RAA5N1_LZ
5.1 @ 250 MHz
5,2
20
4.93
47
4.95
56
>5000
0.140
510
Green
ST312RAA5N6_LZ
5.6 @ 250 MHz
5,2,1
25
5.77
63
6.05
80
4760
0.075
700
Black
ST312RAA6N8_LZ
6.8 @ 250 MHz
5,2,1
28
6.75
60
7.10
81
4660
0.110
700
Red
ST312RAA7N5_LZ
7.5 @ 250 MHz
5,2,1
23
7.70
60
7.82
65
4320
0.106
700
Brown
ST312RAA8N2_LZ
8.2 @ 250 MHz
5,2,1
26
8.25
82
8.37
87
3880
0.115
700 Orange
ST312RAA8N7_LZ
8.7 @ 250 MHz
5,2,1
27
8.86
62
9.32
58
3680
0.109
700
Yellow
ST312RAA9N5_LZ
9.5 @ 250 MHz
5,2,1
22
9.70
59
9.92
61
4100
0.135
700
Blue
ST312RAA10N_LZ
10 @ 250 MHz
5,2,1
28
10.0
66
10.6
83
3860
0.130
700 Orange
ST312RAA11N_LZ
11 @ 250 MHz
5,2,1
26
11.0
53
11.5
56
3640
0.130
700
Gray
ST312RAA12N_LZ
12 @ 250 MHz
5,2,1
29
12.3
72
13.5
83
3220
0.130
620
Yellow
ST312RAA15N_LZ
15 @ 250 MHz
5,2,1
28
15.4
64
16.8
89
3020
0.170
600
Green
ST312RAA16N_LZ
16 @ 250 MHz
5,2,1
29
16.2
55
17.3
52
3040
0.170
600
White
ST312RAA18N_LZ
18 @ 250 MHz
5,2,1
29
18.7
70
21.4
69
2680
0.170
600
Blue
ST312RAA22N_LZ
22 @ 250 MHz
5,2,1
31
22.8
73
26.1
71
2380
0.190
560
Violet
ST312RAA23N_LZ
23 @ 250 MHz
5,2,1
39
24.1
71
28.0
67
2380
0.190
560 Orange
ST312RAA24N_LZ
24 @ 250 MHz
5,2,1
36
24.5
45
28.7
39
2380
0.190
560
Black
ST312RAA27N_LZ
27 @ 250 MHz
5,2,1
32
29.2
74
34.6
65
2380
0.220
530
Gray
ST312RAA30N_LZ
30 @ 250 MHz
5,2,1
32
31.4
47
39.9
28
2240
0.220
500
Brown
ST312RAA33N_LZ
33 @ 250 MHz
5,2,1
33
36.0
67
49.5
42
1900
0.220
500
White
ST312RAA36N_LZ
36 @ 250 MHz
5,2,1
32
39.4
47
52.7
24
1960
0.250
460
Red
ST312RAA39N_LZ
39 @ 250 MHz
5,2,1
36
42.7
60
60.2
40
1740
0.250
460
Black
ST312RAA43N_LZ
43 @ 250 MHz
5,2,1
28
47.0
44
64.9
21
1580
0.280
440 Orange
ST312RAA47N_LZ
47 @ 200 MHz
5,2,1
35
52.2
62
77.2
35
1560
0.280
440
Brown
ST312RAA51N_LZ
51 @ 200 MHz
5,2,1
38
55.5
69
82.2
34
1560
0.270
420
Blue
ST312RAA56N_LZ
56 @ 200 MHz
5,2,1
37
62.5
56
97.0
26
1480
0.310
420
Red
ST312RAA68N_LZ
68 @ 200 MHz
5,2,1
35
80.5
54
168
21
1380
0.340
410 Orange
ST312RAA72N_LZ
72 @ 150 MHz
5,2,1
35
82.0
53
135
20
1360
0.490
340
Yellow
ST312RAA82N_LZ
82 @ 150 MHz
5,2,1
29
96.2
54
177
21
1300
0.540
340
Green
ST312RAAR10_LZ
100 @ 150 MHz
5,2,1
28
124
49
1140
0.580
310
Blue
ST312RAAR11_LZ
110 @ 150 MHz
5,2,1
30
138
43
1080
0.610
310
Violet
ST312RAAR12_LZ
120 @ 150 MHz
5,2,1
28
166
39
1020
0.650
270
Gray
ST312RAAR15_LZ
150 @ 150 MHz
5,2,1
28
250
25
900
0.915
250
White
ST312RAAR18_LZ
180 @ 100 MHz
5,2,1
25
305
22
820
1.25
210
Black
1. When ordering, specify
tolerance, termination and testing codes:
ST312RAAR39JLZ
Tolerance:
F = 1% G = 2% J = 5%
Termination: L = RoHS compliant silver-palladium-platinum glass frit.
Special order:
S = Tin-lead (63/37) over silver-platinum-glass frit.
T = Tin-silver-copper (95.5/4/0.5) over silver-platinum-
glass frit.
R = Tin over nickel over silver-platinum-glass frit.
P = Tin-lead (63/37) over tin over nickel over silver-
platinum-glass frit.
Q = Tin-silver-copper (95.5/4/0.5) over tin over nickel
over silver-platinum-glass frit.
Testing:
Z = COTS
H = Screening per Coilcraft CP-SA-10001
0603 CHIP INDUCTORS
2. Inductance measured at 250 MHz using a Coilcraft SMD-A test fixture
and Coilcraft-provided correlation pieces with an Agilent/HP 4286A
impedance analyzer or equivalent.
3. Q measured at the same frequency as inductance using an Agilent/
HP 4291A with an Agilent/HP 16197A test fixture or equivalents.
4. SRF measured using an Agilent/HP 8753ES network analyzer and a
Coilcraft CCF1232 test fixture.
5. DCR measured on a Keithley 580 micro-ohmmeter and a Coilcraft
CCF1010 test fixture.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Document ST195-2 Revised 11/06/12


同様の部品番号 - ST312RAA8N2_LZ

メーカー部品番号データシート部品情報
logo
Coilcraft lnc.
ST312RAG COILCRAFT-ST312RAG Datasheet
188Kb / 2P
   Chip Inductors for Critical Applications
ST312RAG10N_LZ COILCRAFT-ST312RAG10N_LZ Datasheet
188Kb / 2P
   Chip Inductors for Critical Applications
ST312RAG11N_LZ COILCRAFT-ST312RAG11N_LZ Datasheet
188Kb / 2P
   Chip Inductors for Critical Applications
ST312RAG12N_LZ COILCRAFT-ST312RAG12N_LZ Datasheet
188Kb / 2P
   Chip Inductors for Critical Applications
ST312RAG15N_LZ COILCRAFT-ST312RAG15N_LZ Datasheet
188Kb / 2P
   Chip Inductors for Critical Applications
More results

同様の説明 - ST312RAA8N2_LZ

メーカー部品番号データシート部品情報
logo
Coilcraft lnc.
ST413RAE COILCRAFT-ST413RAE Datasheet
186Kb / 2P
   Chip Inductors for Critical Applications
ST413RAA COILCRAFT-ST413RAA Datasheet
229Kb / 2P
   Chip Inductors for Critical Applications
ST413RAD COILCRAFT-ST413RAD Datasheet
176Kb / 2P
   Chip Inductors for Critical Applications
ST413RAM COILCRAFT-ST413RAM Datasheet
187Kb / 2P
   Chip Inductors for Critical Applications
ST450RAB COILCRAFT-ST450RAB Datasheet
178Kb / 2P
   Chip Inductors for Critical Applications
ST312RAG COILCRAFT-ST312RAG Datasheet
188Kb / 2P
   Chip Inductors for Critical Applications
ST312RAM COILCRAFT-ST312RAM Datasheet
201Kb / 2P
   Chip Inductors for Critical Applications
ST336RAM COILCRAFT-ST336RAM Datasheet
203Kb / 2P
   Chip Inductors for Critical Applications
ST235RAA COILCRAFT-ST235RAA Datasheet
183Kb / 2P
   Chip Inductors for Critical Applications
ST235RAG COILCRAFT-ST235RAG Datasheet
176Kb / 2P
   Chip Inductors for Critical Applications
ST319RAD COILCRAFT-ST319RAD Datasheet
170Kb / 2P
   Chip Inductors for Critical Applications
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com