データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST312RAA22N_LZ データシート(PDF) 1 Page - Coilcraft lnc.

部品番号 ST312RAA22N_LZ
部品情報  Chip Inductors for Critical Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COILCRAFT [Coilcraft lnc.]
ホームページ  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ST312RAA22N_LZ データシート(HTML) 1 Page - Coilcraft lnc.

  ST312RAA22N_LZ Datasheet HTML 1Page - Coilcraft lnc. ST312RAA22N_LZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
ChipInductorsforCriticalApplicationsST312RAA
0603 CHIP INDUCTORS
Document ST195-1 Revised 11/06/12
Small size, exceptional Q and high SRFs make these
inductors ideal for high frequency applications where
size is at a premium. They also have excellent DCR and
current carrying characteristics.
Typical L vs Frequency
Typical Q vs Frequency
A
B
C
D
max
max
max
ref
E
F
G
H
I
J
0.071 0.044
0.040 0.015 0.030 0.013 0.034 0.040 0.025 0.025
1,80
1,12
1,02
0,38
0,76 0,33 0,86 1,02 0,64 0,64
Current Derating
Core material Ceramic
Terminations Silver-palladium-platinum-glass frit. Other termina-
tions available at additional cost.
Ambient temperature –40°C to +125°C with Imax current, +125°C
to +140°C with derated current
Storage temperature Component: –55°C to +140°C.
Tape and reel packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +25 to +155 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Packaging 2000 per 7
″ reel Paper tape: 8 mm wide, 1.0 mm thick,
4 mm pocket spacing
Note: Dimensions are before optional solder application. For maximum
overall dimensions including solder, add 0.0025 in / 0,064 mm to
B and 0.006 in / 0,15 mm to A and C.
I
I
J
H
A
B
overall
F
G
E
terminal
F
C
D
Terminal wraparound:
approx 0.007/0,18 both ends
Suggested
Land Pattern
-40
-20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
10
100
Frequency (MHz)
1000
10000
200
175
0
25
50
75
100
125
150
120 nH
68 nH
33 nH
3.9 nH
12 nH
120 nH
33 nH
3.9 nH
68 nH
12 nH
0
10
20
30
40
50
60
70
80
90
100
110
120
110
10000
100
1000
Frequency (MHz)


同様の部品番号 - ST312RAA22N_LZ

メーカー部品番号データシート部品情報
logo
Coilcraft lnc.
ST312RAG COILCRAFT-ST312RAG Datasheet
188Kb / 2P
   Chip Inductors for Critical Applications
ST312RAG10N_LZ COILCRAFT-ST312RAG10N_LZ Datasheet
188Kb / 2P
   Chip Inductors for Critical Applications
ST312RAG11N_LZ COILCRAFT-ST312RAG11N_LZ Datasheet
188Kb / 2P
   Chip Inductors for Critical Applications
ST312RAG12N_LZ COILCRAFT-ST312RAG12N_LZ Datasheet
188Kb / 2P
   Chip Inductors for Critical Applications
ST312RAG15N_LZ COILCRAFT-ST312RAG15N_LZ Datasheet
188Kb / 2P
   Chip Inductors for Critical Applications
More results

同様の説明 - ST312RAA22N_LZ

メーカー部品番号データシート部品情報
logo
Coilcraft lnc.
ST413RAE COILCRAFT-ST413RAE Datasheet
186Kb / 2P
   Chip Inductors for Critical Applications
ST413RAA COILCRAFT-ST413RAA Datasheet
229Kb / 2P
   Chip Inductors for Critical Applications
ST413RAD COILCRAFT-ST413RAD Datasheet
176Kb / 2P
   Chip Inductors for Critical Applications
ST413RAM COILCRAFT-ST413RAM Datasheet
187Kb / 2P
   Chip Inductors for Critical Applications
ST450RAB COILCRAFT-ST450RAB Datasheet
178Kb / 2P
   Chip Inductors for Critical Applications
ST312RAG COILCRAFT-ST312RAG Datasheet
188Kb / 2P
   Chip Inductors for Critical Applications
ST312RAM COILCRAFT-ST312RAM Datasheet
201Kb / 2P
   Chip Inductors for Critical Applications
ST336RAM COILCRAFT-ST336RAM Datasheet
203Kb / 2P
   Chip Inductors for Critical Applications
ST235RAA COILCRAFT-ST235RAA Datasheet
183Kb / 2P
   Chip Inductors for Critical Applications
ST235RAG COILCRAFT-ST235RAG Datasheet
176Kb / 2P
   Chip Inductors for Critical Applications
ST319RAD COILCRAFT-ST319RAD Datasheet
170Kb / 2P
   Chip Inductors for Critical Applications
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com