データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST336PHA392KLZ データシート(PDF) 1 Page - Coilcraft lnc.

部品番号 ST336PHA392KLZ
部品情報  Power Inductor for Critical Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COILCRAFT [Coilcraft lnc.]
ホームページ  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ST336PHA392KLZ データシート(HTML) 1 Page - Coilcraft lnc.

  ST336PHA392KLZ Datasheet HTML 1Page - Coilcraft lnc. ST336PHA392KLZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2011
Specifications subject to change without notice.
Please check our website for latest information.
0805 POWER INDUCTORS
Document ST265-1 Revised 03/04/11
L2
DCR4 SRF5
Part
±10% Q min3
max
typ
Isat6 Irms7
number1
(µH) at 1 MHz (Ohms) (MHz) (A)
(A)
ST336PHA102KLZ
1.0
21
0.14
340
0.90 1.6
ST336PHA152KLZ
1.5
21
0.18
265
0.85 1.3
ST336PHA272KLZ
2.7
21
0.35
190
0.60 0.88
ST336PHA332KLZ
3.3
21
0.50
180
0.55 0.70
ST336PHA392KLZ
3.9
21
0.74
165
0.50 0.61
ST336PHA472KLZ
4.7
21
0.85
155
0.43 0.59
ST336PHA562KLZ
5.6
21
0.91
143
0.38 0.57
ST336PHA682KLZ
6.8
21
1.37
118
0.32 0.46
ST336PHA103KLZ
10
21
1.51
66
0.27 0.43
ST336PHA153KLZ
15
21
2.04
34
0.22 0.34
ST336PHA223KLZ
22
25
2.48
22
0.18 0.33
ST336PHA333KLZ
33
25
3.00
17
0.16 0.28
ST336PHA473KLZ
47
25
3.85
15
0.15 0.26
ST336PHA683KLZ
68
28
4.42
12
0.12 0.24
ST336PHA823KLZ
82
30
6.00
12
0.11 0.21
ST336PHA104KLZ
100
32
6.96
9.0 0.10 0.19
ST336PHA124KLZ
120
32
7.51
7.7 0.10 0.18
ST336PHA154KLZ
150
32
8.33
5.0 0.08 0.18
ST336PHA224KLZ
220
32
13.71
5.0 0.07 0.14
ST336PHA334KLZ
330
32
20.53
3.5 0.06 0.11
1. When ordering, please specify
termination and testing codes:
ST336PHA334KLZ
Termination: L = RoHS compliant silver-palladium-platinum-glass
frit. Special order:
T = RoHS tin-silver-copper
(95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Testing:
Z = COTS
H = Screening per Coilcraft CP-SA-10001
2. Inductance measured at 100 kHz, 0.1 Vrms, using a Coilcraft SMD-A
fixture in Agilent/HP 4263B LCR meter.
3. Q measured on an Agilent/HP 4291 with an Agilent/HP 16193 test
fixture.
4. DCR measured on a micro-ohmmeter and a Coilcraft CCF840 test
fixture.
5. SRF measured using an Agilent/HP 8753D network analyzer and a
Coilcraft SMD-D test fixture.
6. DC current at which the inductance drops 10% (typ) from its value
without current.
7. Current that causes a 40°C temperature rise from 25°C ambient.
8. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
PowerInductorforCriticalApplicationsST336PHA
Shielded power inductors
Excellent current handling for a part this size; low DCR
Core material Ceramic/Ferrite
Terminations Silver-palladium-platinum-glass frit. Other termina-
tions available at additional cost.
Weight 57.6 – 62.4 mg
Ambient temperature –40°C to +65°C with Irms current, +65°C to
+105°C with derated current
Storage temperature Component: –55°C to +105°C.
Packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +100 to +250 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Packaging 1500/7
″reel; 7500/13″ reel Plastic tape: 8 mm wide,
0.23 mm thick, 4 mm pocket spacing, 2.34 mm pocket depth


同様の部品番号 - ST336PHA392KLZ

メーカー部品番号データシート部品情報
logo
Coilcraft lnc.
ST336RAA COILCRAFT-ST336RAA Datasheet
187Kb / 2P
   Chip Inductors for Critical Applications
ST336RAA020JLZ COILCRAFT-ST336RAA020JLZ Datasheet
187Kb / 2P
   Chip Inductors for Critical Applications
ST336RAA030JLZ COILCRAFT-ST336RAA030JLZ Datasheet
187Kb / 2P
   Chip Inductors for Critical Applications
ST336RAA050JLZ COILCRAFT-ST336RAA050JLZ Datasheet
187Kb / 2P
   Chip Inductors for Critical Applications
ST336RAA060JLZ COILCRAFT-ST336RAA060JLZ Datasheet
187Kb / 2P
   Chip Inductors for Critical Applications
More results

同様の説明 - ST336PHA392KLZ

メーカー部品番号データシート部品情報
logo
Coilcraft lnc.
ST312PHA COILCRAFT-ST312PHA Datasheet
462Kb / 2P
   Power Inductor for Critical Applications
ST358PWA COILCRAFT-ST358PWA Datasheet
258Kb / 2P
   Power Inductor for Critical Applications
ST432PNA COILCRAFT-ST432PNA Datasheet
322Kb / 2P
   Power Inductor for Critical Applications
ST413PHA COILCRAFT-ST413PHA Datasheet
455Kb / 2P
   Power Inductor for Critical Applications
ST511PNA COILCRAFT-ST511PNA Datasheet
638Kb / 2P
   Power Inductor for Critical Applications
ST515PMM COILCRAFT-ST515PMM Datasheet
299Kb / 3P
   Power Inductor for Critical Applications
ST573RAS COILCRAFT-ST573RAS Datasheet
431Kb / 2P
   Air Core Inductor for Critical Applications
ST598PTA COILCRAFT-ST598PTA Datasheet
354Kb / 2P
   Power Inductors for Critical Applications
logo
List of Unclassifed Man...
LP-10-250 ETC-LP-10-250 Datasheet
181Kb / 1P
   For Low Power and Critical Height Applications
logo
Bel Fuse Inc.
LP-10-250 BEL-LP-10-250 Datasheet
175Kb / 2P
   For Low Power and Critical Height Applications
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com