データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM1232ARN データシート(PDF) 1 Page - Analog Devices

部品番号 ADM1232ARN
部品情報  Microprocessor Supervisory Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM1232ARN データシート(HTML) 1 Page - Analog Devices

  ADM1232ARN Datasheet HTML 1Page - Analog Devices ADM1232ARN Datasheet HTML 2Page - Analog Devices ADM1232ARN Datasheet HTML 3Page - Analog Devices ADM1232ARN Datasheet HTML 4Page - Analog Devices ADM1232ARN Datasheet HTML 5Page - Analog Devices ADM1232ARN Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADM1232
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1997
Microprocessor
Supervisory Circuit
FUNCTIONAL BLOCK DIAGRAM
GND
PB RESET
TOLERANCE
TD
RESET
ADM1232
RESET
GENERATOR
RESET
DEBOUNCE
WATCHDOG
TIMEBASE
SELECT
WATCHDOG
TIMER
VCC
5%/10%
TOLERANCE
SELECT
VREF
FEATURES
Superior Upgrade for MAX1232 and Dallas DS1232
Low Power Consumption (500
A max)
Adjustable Precision Voltage Monitor with +4.5 V and
+4.75 V Options
Adjustable STROBE Monitor with 150 ms, 600 ms or
1.2 sec Options
No External Components
APPLICATIONS
Microprocessor Systems
Portable Equipment
Computers
Controllers
Intelligent Instruments
Automotive Systems
Protection Against Damage Caused by
P Failure
GENERAL DESCRIPTION
The ADM1232 is a superior, pin-compatible upgrade for the
MAX1232 and the DS1232LP and DS1232. The Analog
Devices ADM1232 is a microprocessor monitoring circuit that
can monitor:
1. Microprocessor Supply Voltage.
2. Whether a Microprocessor has locked-up.
3. An External Interrupt.
The ADM1232 is available in four different packages:
1. The ADM1232ARM in an 8-lead microSOIC (RM-8).
2. The ADM1232AN in an 8-lead PDIP (N-8).
3. The ADM1232ARW in a 16-lead wide SOIC (R-16).
4. The ADM1232ARN is an 8-lead narrow SOIC (R-8).
ADM1232
ADM1232
STROBE
TOLERANCE
RESET
GND
TD
ADM1232
RESET
MICROPROCESSOR
STROBE
TOLERANCE
I/O
+5V
RESET
10k
+5V
Figure 1. Typical Supply Monitoring Application


同様の部品番号 - ADM1232ARN

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1232ARN AD-ADM1232ARN Datasheet
263Kb / 12P
   Microprocessor Supervisory Circuit
REV. C
ADM1232ARN-REEL AD-ADM1232ARN-REEL Datasheet
263Kb / 12P
   Microprocessor Supervisory Circuit
REV. C
ADM1232ARN-REEL7 AD-ADM1232ARN-REEL7 Datasheet
263Kb / 12P
   Microprocessor Supervisory Circuit
REV. C
ADM1232ARNZ-REEL1 AD-ADM1232ARNZ-REEL1 Datasheet
263Kb / 12P
   Microprocessor Supervisory Circuit
REV. C
ADM1232ARNZ-REEL71 AD-ADM1232ARNZ-REEL71 Datasheet
263Kb / 12P
   Microprocessor Supervisory Circuit
REV. C
More results

同様の説明 - ADM1232ARN

メーカー部品番号データシート部品情報
logo
Linear Technology
LTC1235 LINER-LTC1235_15 Datasheet
232Kb / 16P
   Microprocessor Supervisory Circuit
logo
RICOH electronics devic...
R5106N RICOH-R5106N Datasheet
446Kb / 14P
   Microprocessor Supervisory Circuit
R5108G RICOH-R5108G Datasheet
458Kb / 13P
   Microprocessor Supervisory Circuit
R5107G RICOH-R5107G Datasheet
532Kb / 15P
   Microprocessor Supervisory Circuit
logo
Analog Devices
ADM1232 AD-ADM1232_08 Datasheet
263Kb / 12P
   Microprocessor Supervisory Circuit
REV. C
logo
Linear Technology
LTC1232 LINER-LTC1232 Datasheet
378Kb / 7P
   Microprocessor Supervisory Circuit
LTC699 LINER-LTC699 Datasheet
156Kb / 4P
   Microprocessor Supervisory Circuit
logo
Analog Devices
ADM809-5SL AD-ADM809-5SL Datasheet
96Kb / 6P
   Microprocessor Supervisory Circuit
REV. 0
ADM809-5S AD-ADM809-5S_15 Datasheet
238Kb / 8P
   Microprocessor Supervisory Circuit
REV. B
ADM1232 AD-ADM1232_15 Datasheet
263Kb / 12P
   Microprocessor Supervisory Circuit
REV. C
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com