データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

D051515NXT-1W データシート(PDF) 2 Page - Microdc power Technology Co., Ltd

部品番号 D051515NXT-1W
部品情報  1W,FIXEDINPUT, ISOLATED & UNREGULATEDTWIN OUTPUT ULTRAMINIATURESMD PACKAGE DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICRODC [Microdc power Technology Co., Ltd]
ホームページ  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

D051515NXT-1W データシート(HTML) 2 Page - Microdc power Technology Co., Ltd

  D051515NXT-1W Datasheet HTML 1Page - Microdc power Technology Co., Ltd D051515NXT-1W Datasheet HTML 2Page - Microdc power Technology Co., Ltd D051515NXT-1W Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
D-
D-
D-
D-
D-
D-
D-
D-N
N
N
N
N
N
N
NXT-1W
XT-1W
XT-1W
XT-1W
XT-1W
XT-1W
XT-1W
XT-1W Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 3
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL CHARECTERISTICS
CHARECTERISTICS
CHARECTERISTICS
CHARECTERISTICS
CHARECTERISTICS
CHARECTERISTICS
CHARECTERISTICS
CHARECTERISTICS
1)
1)
1)
1) Requirement
Requirement
Requirement
Requirement On
On
On
On Output
Output
Output
Output Load
Load
Load
Load
To ensure this module can operate efficiently and reliably, a minimum load is specified for
this
kind
of
DC/DC
converter
in
addition
to
a
maximum
load
(namely
full
load). During
operation, make sure
the specified range of
input voltage
is
not exceeded,
the minimum output
load could not be less than 10% of the full load. If the actual output power
is very small, please connect
a resistor with proper resistance at the output end in parallel to increase the load, or use our company 
products with a lower rated output power (D-NXT -W2/W5).
2)
2)
2)
2) Recommended
Recommended
Recommended
Recommended testing
testing
testing
testing circuit
circuit
circuit
circuit
If
you want
to
further decrease
the
input/output
ripple , an "LC" filtering network may be
connected to the input and output ends of the DC/DC converter , see (Figure1).
It
should
also
be
noted
that
the
inductance
and
the
frequency
of
the
"LC"
Filtering network should be
staggered with
the DC/DC
frequency
to
avoid mutual
interference.
However , the capacitance of the output filter
capacitor
must
be
proper . If
the capacitance
is
too
big , a startup problem
might
arise . For every channel of output,provided the safe and reliable
operation is ensured, the greatest capacitance of its filter capacitor sees (Table 1).
3)
3)
3)
3) Output
Output
Output
Output Voltage
Voltage
Voltage
Voltage Regulation
Regulation
Regulation
Regulation and
and
and
and Over-voltage
Over-voltage
Over-voltage
Over-voltage Protection
Protection
Protection
Protection Circuit
Circuit
Circuit
Circuit
The
simplest
device
for
output
voltage
regulation , over-voltage
and
over-current
protection is a linear voltage regulator with overheat protection that is connected to the input or output
end in series (Figure2).
4)
4)
4)
4) Overload
Overload
Overload
Overload Protection
Protection
Protection
Protection
Under
normal
operating
conditions , the
output
circuit
of
these
products
has
no
protection against overload . The simplest method
is
to connect a self-recovery
fuse
in series at
the input end or add a circuit breaker to the circuit.
5)
5)
5)
5) Cannot
Cannot
Cannot
Cannot use
use
use
use in
in
in
in parallel
parallel
parallel
parallel and
and
and
and hot
hot
hot
hot swap
swap
swap
swap
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION NOTE
NOTE
NOTE
NOTE
NOTE
NOTE
NOTE
NOTE
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
EXTERNAL
EXTERNAL
EXTERNAL
EXTERNAL CAPACITOR
CAPACITOR
CAPACITOR
CAPACITOR TABLE
TABLE
TABLE
TABLE (TABLE
(TABLE
(TABLE
(TABLE 1)
1)
1)
1)
It's not recommended to connect any external capacitor
in the application field with less than 0.5 watt output.
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Item
Item
Item
Item
Test
Test
Test
Test Conditions
Conditions
Conditions
Conditions
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Units
Units
Units
Units
Output power
0.1
1
W
Line regulation
For Vin change of ±1%
±1.2
%
Load regulation
10% to 100% load(5V output)
12.8
15
%
Load regulation
10% to 100% load(9V output)
8.3
10
%
Load regulation
10% to 100% load(12V output)
6.8
10
%
Load regulation
10% to 100% load(15V output)
6.0
10
%
Output voltage accuracy
See tolerance envelope graph
Temperature drift
100% full load
±0.03
%/℃
Ripple & Noise*
20MHz Bandwidth
50
75
mVp-p
Switching frequency
Full load, nominal input
100
KHz
*Test ripple and noise by "Parallel cable"method . See detailed operation
instructions
at Testing of Power
Converter section, application notes.
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED REFLOW
REFLOW
REFLOW
REFLOW
REFLOW
REFLOW
REFLOW
REFLOW SOLDERING
SOLDERING
SOLDERING
SOLDERING
SOLDERING
SOLDERING
SOLDERING
SOLDERING PROFILE
PROFILE
PROFILE
PROFILE
PROFILE
PROFILE
PROFILE
PROFILE
Remark: The curve applies only to the hot air reflow soldering


同様の部品番号 - D051515NXT-1W

メーカー部品番号データシート部品情報
logo
Microdc power Technolog...
D051515NXT MICRODC-D051515NXT Datasheet
582Kb / 4P
   2W, FIXED INPUT, ISOLATED & UNREGULATED TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE DC-DC CONVERTER
More results

同様の説明 - D051515NXT-1W

メーカー部品番号データシート部品情報
logo
Microdc power Technolog...
NTA-X MICRODC-NTA-X Datasheet
1Mb / 6P
   1W, FIXEDINPUT, ISOLATED DUALOUTPUT SMD DC-DC CONVERTER
NTE-X MICRODC-NTE-X Datasheet
972Kb / 6P
   1W, FIXEDINPUT, ISOLATED SINGLEOUTPUTSMD DC-DCCONVERTER
logo
Bothhand USA, LP.
SM1L-LF-SERIES BOTHHAND-SM1L-LF-SERIES Datasheet
187Kb / 2P
   1W Isolated DC/DC Converter
ST1-LF-SERIES BOTHHAND-ST1-LF-SERIES Datasheet
186Kb / 2P
   1W Isolated DC/DC Converter
B1LF BOTHHAND-B1LF Datasheet
308Kb / 2P
   1W Isolated DC/DC Converter
ST1L-LF-SERIES BOTHHAND-ST1L-LF-SERIES Datasheet
179Kb / 2P
   1W Isolated DC/DC Converter
SM1-LF-SERIES BOTHHAND-SM1-LF-SERIES Datasheet
178Kb / 2P
   1W Isolated DC/DC Converter
B1-LF-SERIES BOTHHAND-B1-LF-SERIES Datasheet
308Kb / 2P
   1W Isolated DC/DC Converter
logo
GAPTEC Electronic GmbH ...
1S7AE GAPTEC-1S7AE Datasheet
625Kb / 3P
   1W - Dual separate Output DC-DC Converter - Isolated & Unregulated
logo
Bothhand USA, LP.
BALF BOTHHAND-BALF Datasheet
167Kb / 2P
   0.5~1W Isolated DC/DC Converter
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com