データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS1ADWG データシート(PDF) 5 Page - Pan Jit International Inc.

部品番号 GS1ADWG
部品情報  SURFACE MOUNT GENERAL PURPOSE RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GS1ADWG データシート(HTML) 5 Page - Pan Jit International Inc.

  GS1ADWG Datasheet HTML 1Page - Pan Jit International Inc. GS1ADWG Datasheet HTML 2Page - Pan Jit International Inc. GS1ADWG Datasheet HTML 3Page - Pan Jit International Inc. GS1ADWG Datasheet HTML 4Page - Pan Jit International Inc. GS1ADWG Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PAGE . 5
February 6,2013-REV.01
GS1ADWG SERIES
Disclaimer
Reproducing and modifying information of the document is prohibited without permission
from Panjit International Inc..
Panjit International Inc. reserves the rights to make changes of the content herein the
document anytime without notification. Please refer to our website for the latest
document.
Panjit International Inc. disclaims any and all liability arising out of the application or use of
any product including damages incidentally and consequentially occurred.
Panjit International Inc. does not assume any and all implied warranties, including warranties
of fitness for particular purpose, non-infringement and merchantability.
Applications shown on the herein document are examples of standard use and operation.
Customers are responsible in comprehending the suitable use in particular applications.
Panjit International Inc. makes no representation or warranty that such applications will be
suitable for the specified use without further testing or modification.
The products shown herein are not designed and authorized for equipments requiring high
level of reliability or relating to human life and for any applications concerning life-saving
or life-sustaining, such as medical instruments, transportation equipment, aerospace
machinery et cetera. Customers using or selling these products for use in such applications
do so at their own risk and agree to fully indemnify Panjit International Inc. for any damages
resulting from such improper use or sale.
Since Panjit uses lot number as the tracking base, please provide the lot number for tracking
when complaining.


同様の部品番号 - GS1ADWG

メーカー部品番号データシート部品情報
logo
Schneider Electric
GS1AD010 SCHNEIDER-GS1AD010 Datasheet
89Kb / 2P
   TeSys GS - NFPA 79 internal handle kit for 5mm shaft
GS1AD10 SCHNEIDER-GS1AD10 Datasheet
97Kb / 2P
   TeSys GS - auxiliary contact support - 30 A
GS1AD10 SCHNEIDER-GS1AD10 Datasheet
109Kb / 2P
   TeSys GS - auxiliary contact support - 30 A
Jun 30, 2022
GS1AD10 SCHNEIDER-GS1AD10_V01 Datasheet
109Kb / 2P
   TeSys GS - auxiliary contact support - 30 A
Jun 30, 2022
More results

同様の説明 - GS1ADWG

メーカー部品番号データシート部品情報
logo
Central Semiconductor C...
CXR1-04 CENTRAL-CXR1-04 Datasheet
99Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Yangzhou yangjie electr...
GS3ABQ YANGJIE-GS3ABQ Datasheet
764Kb / 4P
   Surface Mount General Purpose Rectifier
GS5AQ YANGJIE-GS5AQ Datasheet
215Kb / 4P
   Surface Mount General Purpose Rectifier
GS1A YANGJIE-GS1A Datasheet
360Kb / 4P
   Surface Mount General Purpose Rectifier
logo
Pan Jit International I...
GS1AW PANJIT-GS1AW Datasheet
113Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Yangzhou yangjie electr...
G1AQ YANGJIE-G1AQ Datasheet
219Kb / 5P
   Surface Mount General Purpose Rectifier
logo
Pan Jit International I...
GS1AWG PANJIT-GS1AWG Datasheet
117Kb / 5P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
GS1AWZ PANJIT-GS1AWZ Datasheet
109Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Yangzhou yangjie electr...
GS2AAQ YANGJIE-GS2AAQ Datasheet
239Kb / 4P
   Surface Mount General Purpose Rectifier
GS8AQ YANGJIE-GS8AQ Datasheet
224Kb / 4P
   Surface Mount General Purpose Rectifier
logo
Pan Jit International I...
GS1GAFC PANJIT-GS1GAFC Datasheet
343Kb / 4P
   Surface Mount General Purpose Rectifier
July 4,2020 GS1GAFC_SERIES-REV.00
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com