データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS240S データシート(PDF) 1 Page - Pan Jit International Inc.

部品番号 TS240S
部品情報  MICRO SURFACE MOUNT SCHOTTKY BRIDGE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

TS240S データシート(HTML) 1 Page - Pan Jit International Inc.

  TS240S Datasheet HTML 1Page - Pan Jit International Inc. TS240S Datasheet HTML 2Page - Pan Jit International Inc. TS240S Datasheet HTML 3Page - Pan Jit International Inc. TS240S Datasheet HTML 4Page - Pan Jit International Inc. TS240S Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
January 14 2013-REV.01
TS240S
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
• Exceeds environmental standards of MIL-S-19500/228
• Low power loss, high efficiency.
• Low forward voltage, high current capability
• High surge capacity.
• Super fast recovery times, high voltage.
• Epitaxial chip construction.
• Lead free in comply with EU RoHS 2011/65/EU directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MICRO SURFACE MOUNT SCHOTTKY BRIDGE
VOLTAGE
40 Volts
CURRENT
2 Amperes
MECHANICAL DATA
• Case: TDI Molded plastic
• Terminals: Lead solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Standard packaging: Any
• Weight: 0.003 ounces, 0.090 grams.
NOTES : 1.Mounted on an FR4 PCB, single-sided copper, mini pad.
ABSOLUTE MAXIMUM RATINGS (TA=25oC unless otherwise noted)
PARAM ETER
SYM BO L
VAL UE
UNITS
M a xi m um P eak Repet i t ve Re ve r s e Vo lt a g e
V RRM
40
V
M axi m um RM S Rever s e Voltage
V RMS
28
V
Ma xi m um D C B lo c k i ng Vo lta g e
V R
40
V
M axi m um A ver ag e F or war d C ur r ent
IF(AV)
2A
Non- Repet i t i ve P eak S ur g e C ur r ent ( S ur ge appli ed at r a t e L oad
c ondi t i ons halfwar e , s i ngle phas e, 60Hz)
I FS M
50
A
Typi c a l Ther m a l Re si s t anc e , Junc t i on t o A m bi ent ( Not e 1 )
R JA
14 5
O C/ W
Oper ati ng Junc t i on Te m per at ur e Ra ng e
TJ
- 55 t o + 150
O C
S tor a ge Tem per at ur e Range
TSTG
- 55 t o + 150
O C
0.012(0.30)
0.007(0.20)
0.006(0.15)
0.002(0.05)
0.203(5.15)
0.190(4.85)
+
-
0.028(0.7)
0.023(0.6)
0.162(4.10)
0.153(3.90)


同様の部品番号 - TS240S

メーカー部品番号データシート部品情報
logo
Zibo Seno Electronic En...
TS240S ZSELEC-TS240S Datasheet
143Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
logo
Pan Jit International I...
TS240S-AU PANJIT-TS240S-AU Datasheet
128Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS240S PANJIT-TS240S_14 Datasheet
203Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
More results

同様の説明 - TS240S

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
TS240S-AU PANJIT-TS240S-AU Datasheet
128Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS260S PANJIT-TS260S_14 Datasheet
198Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS2100S PANJIT-TS2100S_14 Datasheet
146Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS1100S PANJIT-TS1100S Datasheet
76Kb / 3P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS260S PANJIT-TS260S Datasheet
220Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS360ILS PANJIT-TS360ILS Datasheet
92Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS140S PANJIT-TS140S Datasheet
134Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS240S PANJIT-TS240S_14 Datasheet
203Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
SDI260 PANJIT-SDI260 Datasheet
92Kb / 4P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS340IS PANJIT-TS340IS_14 Datasheet
115Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com