データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

7446622002 データシート(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 7446622002
部品情報  CURRENT-COMPENSATED CHOKE WE-LF
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7446622002 データシート(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7446622002 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bezeichnung :
description :
Gehäuse / case: SH
a
13,0 max
mm
b
18,0 max
mm
c
15,0 ± 0,2
mm
d
10,0 ± 0,2
mm
e
3,0 ± 0,5
mm
ø
0,6 x 0,6 typ
mm
@@FRM 1@@
Eigenschaften /
properties
Wert / value
Einheit / unit
tol.
Leerlauf-Induktivität /
inductance
DC-Widerstand /
DC-resistance
Nennstrom /
nominal current
Nennspannung /
nominal voltage
33%
+25°C
1500 V,50 Hz
HasA
Version 4
12-08-07
MST
Version 3
05-11-21
MST
Version 2
05-01-18
MST
Version 1
04-10-11
Name
Änderung / modification
Datum / date
Betriebstemp. / operating temperature:
-40°C - + 125°C
Übertemperatur / temperature rise:
< 55 K
It is recommended that the temperature of the part does
not exceed 125°C under worst case operating conditions.
HP 34401 A für/for IN und/and RDC
Klimabeständigkeit/ climatic class:
40/125/21
UL94V-0
P155 IEC317-20
mH
Luftfeuchtigkeit / humidity:
Umgebungstemperatur / temperature:
Prüfspannung / testing voltage
FLUKE PM 6306 für/for L0/LN
UN
V
Artikelnummer / part number :
IN
E Testbedingungen / test conditions:
250
50 Hz
RDC
A Mechanische Abmessungen / dimensions:
10 kHz / 50 mV / 25°C
Kunde / customer :
STROMKOMPENSIERTE DROSSEL WE-LF
CURRENT-COMPENSATED CHOKE WE-LF
F Werkstoffe & Zulassungen / material & approvals:
G Eigenschaften / general specifications:
0.095
±30%
C Lötpad / soldering spec.:
LO
2.2
7446622002
B Elektrische Eigenschaften / electrical properties:
Geprüft / checked
..................................................................................
.............................................................
D Prüfgeräte / test equipment:
Freigabe erteilt / general release:
Kunde / customer
D-74638 Waldenburg · Max-Eyth-Strasse 1 -3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Würth Elektronik
..................................................................................
Spezifikation für Freigabe / specification for release
DATUM / DATE : 2012-07-08
max.
A
Testbedingungen /
test conditions
2.0
Gehäuse / case:
Draht / wire:
Verguß / molding:
UL94V-0
http://www.we-online.com
Datum / date
..................................................................................
Unterschrift / signature
Kontrolliert / approved
Würth Elektronik eiSos GmbH & Co. KG
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety
and reliability is especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine,
transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be
informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that
require high safety and reliability functions or performance.
e
Ø
LF
SEITE 1 VON 1


同様の部品番号 - 7446622002

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
7446622001 WURTH-7446622001 Datasheet
91Kb / 1P
   CURRENT-COMPENSATED CHOKE WE-LF
7446622003 WURTH-7446622003 Datasheet
91Kb / 1P
   CURRENT-COMPENSATED CHOKE WE-LF
More results

同様の説明 - 7446622002

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
7446222002 WURTH-7446222002 Datasheet
80Kb / 1P
   CURRENT-COMPENSATED CHOKE WE-LF
7446121007 WURTH-7446121007 Datasheet
87Kb / 1P
   CURRENT-COMPENSATED CHOKE WE-LF
7446321033 WURTH-7446321033 Datasheet
93Kb / 1P
   CURRENT-COMPENSATED CHOKE WE-LF
7446422007 WURTH-7446422007 Datasheet
105Kb / 1P
   CURRENT-COMPENSATED CHOKE WE-LF
7446220047 WURTH-7446220047 Datasheet
80Kb / 1P
   CURRENT-COMPENSATED CHOKE WE-LF
74462250007 WURTH-74462250007 Datasheet
80Kb / 1P
   CURRENT-COMPENSATED CHOKE WE-LF
7446321050 WURTH-7446321050 Datasheet
93Kb / 1P
   CURRENT-COMPENSATED CHOKE WE-LF
7446121010 WURTH-7446121010 Datasheet
87Kb / 1P
   CURRENT-COMPENSATED CHOKE WE-LF
7446221027 WURTH-7446221027 Datasheet
80Kb / 1P
   CURRENT-COMPENSATED CHOKE WE-LF
7446222004 WURTH-7446222004 Datasheet
80Kb / 1P
   CURRENT-COMPENSATED CHOKE WE-LF
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com