データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

D-XNM-1W データシート(PDF) 1 Page - Microdc power Technology Co., Ltd

部品番号 D-XNM-1W
部品情報  1W,FIXED INPUT,1000V ISOLATED & UNREGULATEDTWINOUTPUTDC-DCCONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICRODC [Microdc power Technology Co., Ltd]
ホームページ  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

D-XNM-1W データシート(HTML) 1 Page - Microdc power Technology Co., Ltd

  D-XNM-1W Datasheet HTML 1Page - Microdc power Technology Co., Ltd D-XNM-1W Datasheet HTML 2Page - Microdc power Technology Co., Ltd D-XNM-1W Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
D-X
D-X
D-X
D-X
D-X
D-X
D-X
D-XN
N
N
N
N
N
N
NM-1W
M-1W
M-1W
M-1W
M-1W
M-1W
M-1W
M-1W Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 3
PRODUCT
PRODUCT
PRODUCT
PRODUCT
PRODUCT
PRODUCT
PRODUCT
PRODUCT PROGRAM
PROGRAM
PROGRAM
PROGRAM
PROGRAM
PROGRAM
PROGRAM
PROGRAM
Part
Number
Input
Output
Efficiency
(%,Typ)
Voltage(VDC)
Voltage
(VDC)
Current(MA)
Nominal
Range
Max
Min.
D030505XNM-1W
3.3
2.97-3.63
5
100
10
70
D050303XNM-1W
5
4.5-5.5
3.3
152
15
62
D050505XNM-1W
5
4.5-5.5
5
100
10
71
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
D
D
D
D
D
D
D
D
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
X
X
X
X
X
X
X
X
N
N
N
N
N
N
N
N
M
M
M
M
M
M
M
M
--------1
1
1
1
1
1
1
1W
W
W
W
W
W
W
W
①Product Series
②Input Voltage
③The 1st Output Voltage ④The 2nd Output Voltage
⑤Fixed Input
⑥Negation output
⑦Mini SIP Package
Rated Power
1W,FIXED
1W,FIXED
1W,FIXED
1W,FIXED INPUT,1000V
INPUT,1000V
INPUT,1000V
INPUT,1000V ISOLATED
ISOLATED
ISOLATED
ISOLATED &
&
&
& UNREGULATED
UNREGULATED
UNREGULATED
UNREGULATED TWIN
TWIN
TWIN
TWIN OUTPUT
OUTPUT
OUTPUT
OUTPUT DC-DC
DC-DC
DC-DC
DC-DC CONVERTER
CONVERTER
CONVERTER
CONVERTER
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
Small footprint
SIP6 package
Temperature range: -40℃~+85℃
1KVDC isolation
No Heat sink required
No external component required
Internal SMD Construction
Industry standard pinout
RoHS Compliance
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
The
D-XNM-1W
Series
are
specially
designed
for
applications where a group of polar power supplies are
isolated from the input power supply in a distributed power
supply system on a circuit board.
These products apply to:
1)
Where the voltage of the input power supply is fixed
(voltage variation ≤±10%);
2) Where
isolation
is necessary between
input and
output (isolation voltage ≤1000VDC);
3) Where the regulation of the output voltage and the
output ripple noise are not demanding.
Such as:purely digital circuits, ordinary low frequency
analog circuits,and IGBT power device driving circuits.
MICRODC reserves the copyright
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Item
Item
Item
Item
Test
Test
Test
Test Conditions
Conditions
Conditions
Conditions
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Units
Units
Units
Units
Isolation voltage (Vin/Vout)
Tested for 1 minute and 1mA max
1000
VDC
Isolation voltage (Vo1/Vo2)
Tested for 1 minute and 1mA max
1000
VDC
Isolation resistance (Vin/Vout)
Test at 500VDC
1000
MΩ
Isolation resistance (Vo1/Vo2)
Test at 500VDC
1000
MΩ
Isolation capacitance(Vin/Vout)
30
pF
Isolation capacitance(Vo1/Vo2)
30
pF
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Item
Item
Item
Item
Test
Test
Test
Test Conditions
Conditions
Conditions
Conditions
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Units
Units
Units
Units
Storage humidity range
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Lead temperature
1.5mm from case for 10 seconds
300
Temp. rise at full load
15
25
Short circuit protection*
1
S
Cooling
Free air convection
Case material
Plastic(UL94-V0)
MTBF
3500
K hours
Weight
1.4
g
*Supply voltage must be discontinued at the end of short circuit duration.


同様の部品番号 - D-XNM-1W

メーカー部品番号データシート部品情報
logo
Microdc power Technolog...
D-XNM MICRODC-D-XNM Datasheet
418Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED UNREGULATED TWIN OUTPUT DC-DC CONVERTER
More results

同様の説明 - D-XNM-1W

メーカー部品番号データシート部品情報
logo
Microdc power Technolog...
D-XM-1W MICRODC-D-XM-1W Datasheet
586Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED & UNREGULATEDTWINOUTPUTDC-DCCONVERTER
IB-XT-1W MICRODC-IB-XT-1W Datasheet
607Kb / 3P
   1W,FIXED INPUT,ISOLATED & REGULATEDSINGLE OUTPUT,SMD DC-DCCONVERTER
ID-XH30M-1W MICRODC-ID-XH30M-1W Datasheet
970Kb / 2P
   1W,FIXED INPUT,3000VDCISOLATED & REGULATEDTWINOUTPUTDC-DCCONVERTER
ID-XH30S-1W MICRODC-ID-XH30S-1W Datasheet
571Kb / 2P
   1W,FIXED INPUT,3000VDCISOLATED & REGULATEDTWINOUTPUTDC-DCCONVERTER
WRB-YT-1W MICRODC-WRB-YT-1W Datasheet
1Mb / 5P
   1W,WIDE INPUT, ISOLATED & REGULATEDSINGLEOUTPUT DC/DCCONVERTER
B-NXT-1W MICRODC-B-NXT-1W Datasheet
1Mb / 6P
   1W, FIXEDINPUT, ISOLATED SINGLEOUTPUTSMDC-DCCONVERTER
A-XT-1W MICRODC-A-XT-1W Datasheet
1Mb / 6P
   1W, FIXEDINPUT, ISOLATED DUALOUTPUTSMDC-DCCONVERTER
D-XNM MICRODC-D-XNM Datasheet
418Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED UNREGULATED TWIN OUTPUT DC-DC CONVERTER
D-XM MICRODC-D-XM Datasheet
415Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED & UNREGULATED TWIN OUTPUT DC-DC CONVERTER
D-XMS MICRODC-D-XMS Datasheet
391Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED UNREGULATED TWIN OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com