データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM201 データシート(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

部品番号 FM201
部品情報  2.0A Surface Mount General Purpose
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
ホームページ  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

FM201 データシート(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  FM201 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd FM201 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd FM201 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd FM201 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd FM201 Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd FM201 Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd FM201 Datasheet HTML 7Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page 1
1
2
2
2
2
3
4
4
4
5
6
6
7
List
List.................................................................................................
Package outline...............................................................................
Features..........................................................................................
Maximum ratings .............................................................................
Rating and characteristic curves........................................................
Pinning information...........................................................................
Marking...........................................................................................
Suggested solder pad layout.............................................................
Packing information..........................................................................
Reel packing....................................................................................
Suggested thermal profiles for soldering processes.............................
High reliability test capabilities...........................................................
Mechanical data...............................................................................
Chip Silicon Rectifier
Formosa MS
FM201 THRU FM207
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121107
2008/02/10
2010/03/09
D
7


同様の部品番号 - FM201

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
FM201 RECTRON-FM201 Datasheet
22Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Formosa MS
FM201 FORMOSA-FM201 Datasheet
67Kb / 2P
   Glass passivated type
FM201 FORMOSA-FM201 Datasheet
56Kb / 7P
   Chip General Purpose Rectifiers
FM201-BS FORMOSA-FM201-BS Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM201-L FORMOSA-FM201-L Datasheet
69Kb / 2P
   Chip Silicon Rectifier - Glass passivated type
More results

同様の説明 - FM201

メーカー部品番号データシート部品情報
logo
E-CMOS Corporation
ECCP201 E-CMOS-ECCP201 Datasheet
254Kb / 5P
   2.0A Surface Mount General Purpose Rectifiers - 50V-1000V
logo
Formosa MS
FM201-L FORMOSA-FM201-L_17 Datasheet
57Kb / 7P
   2.0A Surface Mount General Purpose Rectifiers - 50V-1000V
logo
Diotec Semiconductor
BC807 DIOTEC-BC807_15 Datasheet
109Kb / 2P
   Surface Mount General Purpose
logo
Central Semiconductor C...
CXR1-04 CENTRAL-CXR1-04 Datasheet
99Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Shenzhen Taychipst Elec...
S2A TAYCHIPST-S2A Datasheet
1Mb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Compact Technology Corp...
M1 CTC-M1 Datasheet
74Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Nantong Hornby Electron...
S1XF HORNBY-S1XF_18 Datasheet
202Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Yangzhou yangjie electr...
GS3ABQ YANGJIE-GS3ABQ Datasheet
764Kb / 4P
   Surface Mount General Purpose Rectifier
GS5AQ YANGJIE-GS5AQ Datasheet
215Kb / 4P
   Surface Mount General Purpose Rectifier
logo
Compact Technology Corp...
S2A CTC-S2A Datasheet
108Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com