データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM201 データシート(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

部品番号 FM201
部品情報  2.0A Surface Mount General Purpose
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
ホームページ  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

FM201 データシート(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  FM201 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd FM201 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd FM201 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd FM201 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd FM201 Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd FM201 Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd FM201 Datasheet HTML 7Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Mechanical data
Case : Molded plastic,
Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.05 gram
Epoxy:UL94-V0 rated flame retardant
DO-214AC / SMA
Package outline
Page 2
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage@I =2.0A
F
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
High current capability.
High surge capability.
Glass passivated chip junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Suffix "-H" indicates Halogen-free parts, ex. FM201-H.
FM201
FM202
FM203
35
70
140
50
100
200
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
V
F
(V)
*4
FM204
FM205
280
420
400
600
1.10
-55 to +150
FM206
FM207
800
1000
560
700
50
100
200
400
600
800
1000
Chip Silicon Rectifier
Formosa MS
FM201 THRU FM207
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
Diode junction capacitance
Storage temperature
See Fig.2
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
f=1MHz and applied 4V DC reverse voltage
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
C
J
T
STG
A
A
μA
OC
pF
2.0
50
5.0
+175
-65
O
V
= V
T = 25 C
R
RRM
J
O
V
= V
T = 125 C
R
RRM
J
30
125
2.0A Surface Mount General Purpose
Rectifiers - 50V-1000V
O
( C)
Operating
temperature
T ,
J
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
0.196(4.9)
0.180(4.5)
0.012(0.3) Typ.
0.106(2.7)
0.091(2.3)
0.068(1.7)
0.060(1.5)
0.032 (0.8) Typ.
0.032(0.8) Typ.
Dimensions in inches and (millimeters)
SMA
DS-121107
2008/02/10
2010/03/09
D
7
Maximum ratings and Electrical Characteristics (AT T =25
A
oC unless otherwise noted)


同様の部品番号 - FM201

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
FM201 RECTRON-FM201 Datasheet
22Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Formosa MS
FM201 FORMOSA-FM201 Datasheet
67Kb / 2P
   Glass passivated type
FM201 FORMOSA-FM201 Datasheet
56Kb / 7P
   Chip General Purpose Rectifiers
FM201-BS FORMOSA-FM201-BS Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM201-L FORMOSA-FM201-L Datasheet
69Kb / 2P
   Chip Silicon Rectifier - Glass passivated type
More results

同様の説明 - FM201

メーカー部品番号データシート部品情報
logo
E-CMOS Corporation
ECCP201 E-CMOS-ECCP201 Datasheet
254Kb / 5P
   2.0A Surface Mount General Purpose Rectifiers - 50V-1000V
logo
Formosa MS
FM201-L FORMOSA-FM201-L_17 Datasheet
57Kb / 7P
   2.0A Surface Mount General Purpose Rectifiers - 50V-1000V
logo
Diotec Semiconductor
BC807 DIOTEC-BC807_15 Datasheet
109Kb / 2P
   Surface Mount General Purpose
logo
Central Semiconductor C...
CXR1-04 CENTRAL-CXR1-04 Datasheet
99Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Shenzhen Taychipst Elec...
S2A TAYCHIPST-S2A Datasheet
1Mb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Compact Technology Corp...
M1 CTC-M1 Datasheet
74Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Nantong Hornby Electron...
S1XF HORNBY-S1XF_18 Datasheet
202Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Yangzhou yangjie electr...
GS3ABQ YANGJIE-GS3ABQ Datasheet
764Kb / 4P
   Surface Mount General Purpose Rectifier
GS5AQ YANGJIE-GS5AQ Datasheet
215Kb / 4P
   Surface Mount General Purpose Rectifier
logo
Compact Technology Corp...
S2A CTC-S2A Datasheet
108Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com