データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSAU125 データシート(PDF) 1 Page - Minmax Technology Co., Ltd.

部品番号 MSAU125
部品情報  DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINMAX [Minmax Technology Co., Ltd.]
ホームページ  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSAU125 データシート(HTML) 1 Page - Minmax Technology Co., Ltd.

  MSAU125 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSAU125 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSAU125 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSAU125 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MSAU100 SERIES
DC/DC CONVERTER 1W, SMD-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2011/08/11 REV:5
Page 1 of 4
FEATURES
SMD Package with Industry Standard Pinout
Package Dimension:
12.7 x 8.0 x 7.1 mm (0.5”x 0.31”x 0.28”)
I/O-Isolation 1000 VDC
Operating Temp. Range –40° to +85°C
High Accuracy of Pin Planarity
Qualified for lead-free reflow solder process according
IPC/JEDEC J-STD-020D
Tape & Reel Package available
3 Year Product Warranty
PRODUCT OVERVIEW
The MINMAX MSAU100 series is a range of 1W DC/DC converters in a SMD- Package featuring I/O-isolation of 1000VDC.The small footprint makes this
product the ideal solution for many applications where a voltage has to be isolated i.e for noise reduction, ground loop elimination, in digital interfaces or
where a converted voltage is required.
An excellent efficiency allows an operating temperature range of–40°C to +85°C. These converters are fully qualified for the higher temperature profile
used in lead-free reflow solder processes. For automated SMD production lines the product can also be supplied in tape& reel package.
Model Selection Guide
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Load
Regulation
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
% (max.)
uF
%
MSAU105
3.3
300
6
264
10
75
MSAU101
5
200
4
250
10
80
MSAU102
9
110
2
254
10
78
MSAU103
12
84
1.5
252
8
80
MSAU104
5
(4.5 ~ 5.5)
15
67
1
248
30
7
33
81
MSAU115
3.3
300
6
110
8
75
MSAU111
5
200
4
103
8
81
MSAU112
9
110
2
106
8
78
MSAU113
12
84
1.5
104
5
81
MSAU114
12
(10.8 ~ 13.2)
15
67
1
102
15
5
33
82
MSAU125
3.3
300
6
57
8
73
MSAU121
5
200
4
53
8
79
MSAU122
9
110
2
54
8
77
MSAU123
12
84
1.5
53
5
80
MSAU124
24
(21.6 ~ 26.4)
15
67
1
52
8
5
33
80
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
5V Input Models
4.5
5
5.5
12V Input Models
10.8
12
13.2
Input Voltage Range
24V Input Models
21.6
24
26.4
5V Input Models
-0.7
---
9
12V Input Models
-0.7
---
18
Input Surge Voltage (1 sec. max.)
24V Input Models
-0.7
---
30
VDC
Reverse Polarity Input Current
---
---
0.3
A
Input Filter
Internal Capacitor
Internal Power Dissipation
All Models
---
---
450
mW


同様の部品番号 - MSAU125

メーカー部品番号データシート部品情報
logo
Minmax Technology Co., ...
MSAU125 MINMAX-MSAU125 Datasheet
463Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
logo
Total Power Internation...
MSAU125 TOTAL-POWER-MSAU125 Datasheet
454Kb / 4P
   SMD Package with Industry Standard Pinout
More results

同様の説明 - MSAU125

メーカー部品番号データシート部品情報
logo
MIC GROUP RECTIFIERS
MSLU100 MIC-MSLU100_11 Datasheet
277Kb / 5P
   DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
logo
Minmax Technology Co., ...
MSAU200 MINMAX-MSAU200_11 Datasheet
268Kb / 4P
   DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MSAU300 MINMAX-MSAU300_11 Datasheet
266Kb / 4P
   DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MAU100 MINMAX-MAU100_13 Datasheet
529Kb / 4P
   DC/DC CONVERTER 1W SIP-Package with Industry Standard Pinout
MAU200 MINMAX-MAU200_13 Datasheet
527Kb / 4P
   DC/DC CONVERTER 1W SIP Package with Industry Standard Pinout
MSLU300 MINMAX-MSLU300_11 Datasheet
271Kb / 4P
   DC/DC CONVERTER 1W, High Isolation, SMD Package with Industry Standard Pinout
MFU100 MINMAX-MFU100_12 Datasheet
254Kb / 4P
   DC/DC CONVERTER 1W Miniature DIP-Package with Industry Standard Pinout
MBU100 MINMAX-MBU100_13 Datasheet
516Kb / 4P
   DC/DC CONVERTER 1W Miniature SIP-Package with Industry Standard Pinout
MSKW2000 MINMAX-MSKW2000_12 Datasheet
284Kb / 5P
   DC/DC CONVERTER 5W, SMD Package with Industry Standard Pinout
MSIW1000 MINMAX-MSIW1000_12 Datasheet
282Kb / 4P
   DC/DC CONVERTER 3W, SMD Package with Industry Standard Pinout
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com