データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS1003IJ5T データシート(PDF) 8 Page - Touchstone Semiconductor Inc

部品番号 TS1003IJ5T
部品情報  THE ONLY 0.8V TO 5.5V, 0.6uA RAIL-TO-RAIL SINGLE OP AMP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOUCHSTONE [Touchstone Semiconductor Inc]
ホームページ  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1003IJ5T データシート(HTML) 8 Page - Touchstone Semiconductor Inc

Back Button TS1003IJ5T Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1003IJ5T Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1003IJ5T Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1003IJ5T Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1003IJ5T Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1003IJ5T Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1003IJ5T Datasheet HTML 9Page - Touchstone Semiconductor Inc TS1003IJ5T Datasheet HTML 10Page - Touchstone Semiconductor Inc TS1003IJ5T Datasheet HTML 11Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TS1003
Page 8
TS1003DS r1p0
RTFDS
The circuit in Figure 1 illustrates a typical
implementation used to amplify the output of an
oxygen detector. The TS1003 makes an excellent
choice for this application as it only draws 0.6µA of
supply current and operates on supply voltages
down to 0.8V. With the components shown in the
figure, the circuit consumes less than 0.7 μA of
supply current ensuring that small form-factor single-
or button-cell batteries (exhibiting low mAh charge
ratings) could last beyond the operating life of the
oxygen sensor. The precision specifications of the
TS1003, such as its low offset voltage, low TCVOS,
low input bias current, high CMRR, and high PSRR
are other factors which make the TS1003 an
excellent choice for this application. Since oxygen
sensors typically exhibit an operating life of one to
two years, an oxygen sensor amplifier built around a
TS1003 can operate from a conventionally-available
single 1.5-V alkaline AA battery for over 290 years!
At such low power consumption from a single cell,
the oxygen sensor could be replaced over 150 times
before the battery requires replacing!
MicroWatt, Buffered Single-pole Low-Pass Filters
When receiving low-level signals, limiting the
bandwidth of the incoming signals into the system is
often required. As shown in Figure 2, the simplest
way to achieve this objective is to use an RC filter at
the noninverting terminal of the TS1003.
If additional attenuation is needed, a two-pole
Sallen-Key filter can be used to provide the
additional attenuation as shown in Figure 3.
For best results, the filter’s cutoff frequency should
be 8 to 10 times lower than the TS1003’s crossover
frequency. Additional operational amplifier phase
margin shift can be avoided if the amplifier
bandwidth-to-signal bandwidth ratio is greater than
8.
The design equations for the 2-pole Sallen-Key low-
pass filter are given below with component values
selected to set a 400Hz low-pass filter cutoff
frequency:
R1 = R2 = R = 1MΩ
C1 = C2 = C = 400pF
Q = Filter Peaking Factor = 1
f–3dB = 1/(2 x π x RC) = 400 Hz
R3 = R4/(2-1/Q); with Q = 1, R3 = R4.
A Single +1.5 V Supply, Two Op Amp
Instrumentation Amplifier
The TS1003’s ultra-low supply current and ultra-low
voltage operation make it ideal for battery-powered
applications such as the instrumentation amplifier
shown in Figure 4.
The circuit utilizes the classic two op amp
instrumentation amplifier topology with four resistors
to set the gain. The equation is simply that of a
Figure 2: A Simple, Single-pole Active Low-Pass Filter.
Figure 3: A Micropower 2-Pole Sallen-Key Low-Pass Filter.
Figure 4: A Two Op Amp Instrumentation Amplifier.
Figure 1: A Micropower, Precision Oxygen Gas Sensor
Amplifier.


同様の部品番号 - TS1003IJ5T

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
TS1003IJ5T SILABS-TS1003IJ5T Datasheet
1Mb / 13P
   THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
More results

同様の説明 - TS1003IJ5T

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
TS1003 SILABS-TS1003 Datasheet
1Mb / 13P
   THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
logo
Touchstone Semiconducto...
TS1002 TOUCHSTONE-TS1002 Datasheet
830Kb / 13P
   THE ONLY 0.8V/0.6uA RAIL-TO-RAIL DUAL/QUAD OP AMPS
TS1001 TOUCHSTONE-TS1001 Datasheet
507Kb / 11P
   THE ONLY 0.8V/0.6 RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1001 SILABS-TS1001 Datasheet
1Mb / 12P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL OP AMP
logo
Touchstone Semiconducto...
TS1005 TOUCHSTONE-TS1005 Datasheet
855Kb / 11P
   A 0.8V TO 5.5V, 1.3uA, 20kHz RAIL-TO-RAIL SINGLE OP AMP
logo
List of Unclassifed Man...
TS1001 ETC-TS1001 Datasheet
518Kb / 11P
   THE ONLY 0.8V/0.6關A RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1002 SILABS-TS1002 Datasheet
1Mb / 14P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL DUAL/QUAD OP AMPS
logo
KODENSHI_AUK CORP.
S33201M KODENSHI-S33201M Datasheet
231Kb / 6P
   Rail to Rail Single OP AMP
logo
AUK corp
S33201M AUK-S33201M Datasheet
369Kb / 6P
   Rail to Rail Single OP AMP
logo
Silicon Laboratories
TS1005 SILABS-TS1005 Datasheet
1Mb / 13P
   RAIL-TO-RAIL SINGLE OP AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com