データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS1005 データシート(PDF) 7 Page - Touchstone Semiconductor Inc

部品番号 TS1005
部品情報  A 0.8V TO 5.5V, 1.3uA, 20kHz RAIL-TO-RAIL SINGLE OP AMP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOUCHSTONE [Touchstone Semiconductor Inc]
ホームページ  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1005 データシート(HTML) 7 Page - Touchstone Semiconductor Inc

Back Button TS1005 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 9Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 10Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 11Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TS1005
TS1005DS r1p0
Page 7
RTFDS
PIN FUNCTIONS
Pin
Label
Function
1
OUT
Amplifier Output.
2
VSS
Negative Supply or Analog GND. If applying a negative voltage to
this pin, connect a 0.1µF capacitor from this pin to analog GND.
3
+IN
Amplifier Non-inverting Input.
4
-IN
Amplifier Inverting Input.
5
VDD
Positive Supply Connection. Connect a 0.1µF bypass capacitor
from this pin to analog GND.
THEORY OF OPERATION
The TS1005 is fully functional for an input signal
from the negative supply (VSS or GND) to the
positive supply (VDD). The input stage consists of two
differential amplifiers, a p-channel CMOS stage and
an n-channel CMOS stage that are active over
different ranges of the input common mode voltage.
The p-channel input pair is active for input common
mode voltages, VINCM, between the negative supply
to approximately 0.4V below the positive supply. As
the common-mode input voltage moves closer
towards VDD, an internal current mirror activates the
n-channel input pair differential pair. The p-channel
input pair becomes inactive for the balance of the
input common mode voltage range up to the positive
supply. Because both input stages have their own
offset voltage (VOS) characteristic, the offset voltage
of the TS1005 is a function of the applied input
common-mode voltage, VINCM. The VOS has a
crossover point at ~0.4V from VDD (Refer to the VOS
vs.
VCM
curve
in
the
Typical
Operating
Characteristics section). Caution should be taken in
applications where the input signal amplitude is
comparable to the TS1005’s VOS value and/or the
design requires high accuracy. In these situations, it
is necessary for the input signal to avoid the
crossover point. In addition, amplifier parameters
such as PSRR and CMRR which involve the input
offset voltage will also be affected by changes in the
input common-mode voltage across the differential
pair transition region.
The second stage is a folded-cascode transistor
arrangement that converts the input stage
differential signals into a single-ended output. A
complementary drive generator supplies current to
the output transistors that swing rail to rail.
The TS1005 output stages voltage swings within
3.5mV from the rails at 1.8V supply when driving an
output load of 100kΩ - which provides the maximum
possible dynamic range at the output. This is
particularly important when operating on low supply
voltages. When driving a stiffer 10kΩ load, the
TS1005 swings within 30mV of VDD and within 13mV
of VSS (or GND).
APPLICATIONS INFORMATION
Portable Gas Detection Sensor Amplifier
Gas sensors are used in many different industrial
and medical applications. Gas sensors generate a
current that is proportional to the percentage of a
particular gas concentration sensed in an air
sample. This output current flows through a load
resistor and the resultant voltage drop is amplified.
Depending on the sensed gas and sensitivity of the
sensor, the output current can be in the range of
tens of microamperes to a few milliamperes. Gas
sensor datasheets often specify a recommended
load resistor value or a range of load resistors from
which to choose.
There are two main applications for oxygen sensors
– applications which sense oxygen when it is
abundantly present (that is, in air or near an oxygen
tank) and those which detect traces of oxygen in
parts-per-million
concentration.
In
medical
applications, oxygen sensors are used when air
quality or oxygen delivered to a patient needs to be
monitored. In fresh air, the concentration of oxygen
is 20.9% and air samples containing less than 18%
oxygen are considered dangerous. In industrial
applications, oxygen sensors are used to detect the


同様の部品番号 - TS1005

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
TS1005 SILABS-TS1005 Datasheet
1Mb / 13P
   RAIL-TO-RAIL SINGLE OP AMP
logo
Touchstone Semiconducto...
TS1005DB TOUCHSTONE-TS1005DB Datasheet
381Kb / 5P
   TS1005 Op Amp Demo Board
TS1005DB-SOT TOUCHSTONE-TS1005DB-SOT Datasheet
381Kb / 5P
   TS1005 Op Amp Demo Board
logo
Silicon Laboratories
TS1005IG5 SILABS-TS1005IG5 Datasheet
1Mb / 13P
   RAIL-TO-RAIL SINGLE OP AMP
TS1005IG5T SILABS-TS1005IG5T Datasheet
1Mb / 13P
   RAIL-TO-RAIL SINGLE OP AMP
More results

同様の説明 - TS1005

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
TS1003 SILABS-TS1003 Datasheet
1Mb / 13P
   THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
logo
Touchstone Semiconducto...
TS1003 TOUCHSTONE-TS1003 Datasheet
882Kb / 11P
   THE ONLY 0.8V TO 5.5V, 0.6uA RAIL-TO-RAIL SINGLE OP AMP
TS1001 TOUCHSTONE-TS1001 Datasheet
507Kb / 11P
   THE ONLY 0.8V/0.6 RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1001 SILABS-TS1001 Datasheet
1Mb / 12P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL OP AMP
logo
List of Unclassifed Man...
TS1001 ETC-TS1001 Datasheet
518Kb / 11P
   THE ONLY 0.8V/0.6關A RAIL-TO-RAIL OP AMP
logo
KODENSHI_AUK CORP.
S33201M KODENSHI-S33201M Datasheet
231Kb / 6P
   Rail to Rail Single OP AMP
logo
AUK corp
S33201M AUK-S33201M Datasheet
369Kb / 6P
   Rail to Rail Single OP AMP
logo
Silicon Laboratories
TS1005 SILABS-TS1005 Datasheet
1Mb / 13P
   RAIL-TO-RAIL SINGLE OP AMP
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
   Rail-to-Rail Output Op Amp
Rev. E
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
   Rail-to-Rail Output, Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com