データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS1005IJ5T データシート(PDF) 11 Page - Touchstone Semiconductor Inc

部品番号 TS1005IJ5T
部品情報  A 0.8V TO 5.5V, 1.3uA, 20kHz RAIL-TO-RAIL SINGLE OP AMP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOUCHSTONE [Touchstone Semiconductor Inc]
ホームページ  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1005IJ5T データシート(HTML) 11 Page - Touchstone Semiconductor Inc

Back Button TS1005IJ5T Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1005IJ5T Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1005IJ5T Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1005IJ5T Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1005IJ5T Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1005IJ5T Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1005IJ5T Datasheet HTML 9Page - Touchstone Semiconductor Inc TS1005IJ5T Datasheet HTML 10Page - Touchstone Semiconductor Inc TS1005IJ5T Datasheet HTML 11Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
TS1005
Touchstone Semiconductor, Inc.
Page 11
630 Alder Drive, Milpitas, CA 95035
TS1005DS r1p0
+1 (408) 215 - 1220 ▪ www.touchstonesemi.com
RTFDS
Package outline drawing
5-Pin SC70 Package Outline Drawing
(N.B., Drawings are not to scale)
Information furnished by Touchstone Semiconductor is believed to be accurate and reliable. However, Touchstone Semiconductor does not
assume any responsibility for its use nor for any infringements of patents or other rights of third parties that may result from its use, and all
information provided by Touchstone Semiconductor and its suppliers is provided on an AS IS basis, WITHOUT WARRANTY OF ANY KIND.
Touchstone Semiconductor reserves the right to change product specifications and product descriptions at any time without any advance
notice. No license is granted by implication or otherwise under any patent or patent rights of Touchstone Semiconductor. Touchstone
Semiconductor assumes no liability for applications assistance or customer product design. Customers are responsible for their products and
applications using Touchstone Semiconductor components. To minimize the risk associated with customer products and applications,
customers should provide adequate design and operating safeguards. Trademarks and registered trademarks are the property of their
respective owners.
1
3
4
5
0.65 TYP.
2
1.30 TYP.
0.15 - 0.30
1.80 - 2.20
1.15 - 1.35
0.26 - 0.46
0.275 - 0.575
2
1
LEAD FRAME THICKNESS
GAUGE PLANE
1
2
NOTES:
DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
DOES NOT INCLUDE INTER-LEAD FLASH OR PROTRUSIONS.
DIE IS FACING UP FOR MOLDING. DIE IS FACING DOWN FOR TRIM/FORM.
3.
5. CONTROLLING DIMENSIONS IN MILIMITERS.
ALL
SIDE
1.80 - 2.40
0.00 - 0.10
1.00
MAX
0.10 - 0.18
0.15
TYP.
8º - 12º
0º - 8º
0.800 – 0.925
0.40 – 0.55
4
ALL SPECIFICATION COMPLY TO JEDEC SPEC MO-203 AA
6.
ALL SPECIFICATIONS REFER TO JEDEC MO-203 AA
7. LEAD SPAN/STAND OFF HEIGHT/COPLANARITY ARE CONSIDERED AS SPECIAL CHARACTERISTIC
0.10 MAX


同様の部品番号 - TS1005IJ5T

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
TS1005IJ5T SILABS-TS1005IJ5T Datasheet
1Mb / 13P
   RAIL-TO-RAIL SINGLE OP AMP
More results

同様の説明 - TS1005IJ5T

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
TS1003 SILABS-TS1003 Datasheet
1Mb / 13P
   THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
logo
Touchstone Semiconducto...
TS1003 TOUCHSTONE-TS1003 Datasheet
882Kb / 11P
   THE ONLY 0.8V TO 5.5V, 0.6uA RAIL-TO-RAIL SINGLE OP AMP
TS1001 TOUCHSTONE-TS1001 Datasheet
507Kb / 11P
   THE ONLY 0.8V/0.6 RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1001 SILABS-TS1001 Datasheet
1Mb / 12P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL OP AMP
logo
List of Unclassifed Man...
TS1001 ETC-TS1001 Datasheet
518Kb / 11P
   THE ONLY 0.8V/0.6關A RAIL-TO-RAIL OP AMP
logo
KODENSHI_AUK CORP.
S33201M KODENSHI-S33201M Datasheet
231Kb / 6P
   Rail to Rail Single OP AMP
logo
AUK corp
S33201M AUK-S33201M Datasheet
369Kb / 6P
   Rail to Rail Single OP AMP
logo
Silicon Laboratories
TS1005 SILABS-TS1005 Datasheet
1Mb / 13P
   RAIL-TO-RAIL SINGLE OP AMP
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
   Rail-to-Rail Output Op Amp
Rev. E
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
   Rail-to-Rail Output, Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com