データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3004 データシート(PDF) 7 Page - Touchstone Semiconductor Inc

部品番号 TS3004
部品情報  A 1.55V to 5.25V, 1.9uA, 3.3us to 233s Silicon Timer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOUCHSTONE [Touchstone Semiconductor Inc]
ホームページ  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS3004 データシート(HTML) 7 Page - Touchstone Semiconductor Inc

Back Button TS3004 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS3004 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS3004 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS3004 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS3004 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS3004 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS3004 Datasheet HTML 9Page - Touchstone Semiconductor Inc TS3004 Datasheet HTML 10Page - Touchstone Semiconductor Inc TS3004 Datasheet HTML 11Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TS3004
TS3004DS r1p0
Page 7
RTFDS
BLOCK DIAGRAM
THEORY OF OPERATION
The TS3004 is a user-programmable oscillator where
the period of the square wave at its FOUT terminal is
generated by an external resistor connected to the
RSET pin. The output period is given by:
t O T s =
8
V2 0 x RS T
1.08 11
Equation 1. FOUT Frequency Calculation where
FDIV2:0 = 0 to 7
RSET (MΩ)
tFOUT(s)
0.360
6.99
1
19.42
2.49
48.35
4.32
83.89
6.81
132.27
9.76
189.39
12
233
Table 2: tFOUT vs RSET for FDIV2:0 = 111(7)
FDIV
2:0
tFOUT(s)
FOUT (Hz)
ICPWM (A)
000
3.3µ-111.1µs
300k-9k
001
26.4µ-888.88µs
37.5k-1.125k
010
211.2µ-7.11ms
4.69k-140.62
100n
011
1.7ms-56.88ms
586-17.578
100n
100
13.6ms-455.16ms
73.25-2.197
100n
101
108.8ms-3.64
9.16-0.2746
100n
110
870.4ms-29.15
1.14-0.0343
100n
111
6.99-233
0.143-0.00429
100n
Table 1: FOUT and PWMOUT Frequency Range per FDIV2:0 Combination


同様の部品番号 - TS3004

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
TS3004 SILABS-TS3004 Datasheet
935Kb / 3P
   LOWEST SUPPLY CURRENT FOR BATTERY-POWERED APPLICATIONS
TS3004 SILABS-TS3004 Datasheet
1Mb / 12P
   Single Resistor Sets Output Frequency
logo
Semtech Corporation
TS30041 SEMTECH-TS30041 Datasheet
1Mb / 18P
   High E! ciency 1A/2A Current-Mode Synchronous Buck Converter, 1MHz
Rev 2.2 July 27, 2016
TS30041-M000QFNR SEMTECH-TS30041-M000QFNR Datasheet
1Mb / 18P
   High E! ciency 1A/2A Current-Mode Synchronous Buck Converter, 1MHz
Rev 2.2 July 27, 2016
TS30041-M015QFNR SEMTECH-TS30041-M015QFNR Datasheet
1Mb / 18P
   High E! ciency 1A/2A Current-Mode Synchronous Buck Converter, 1MHz
Rev 2.2 July 27, 2016
More results

同様の説明 - TS3004

メーカー部品番号データシート部品情報
logo
Touchstone Semiconducto...
TS3006 TOUCHSTONE-TS3006 Datasheet
641Kb / 9P
   A 1.55V to 5.25V, 1.9uA, 9kHz to 300kHz Silicon Timer
TS3003 TOUCHSTONE-TS3003 Datasheet
868Kb / 10P
   A 1.55V to 5.25V, 10kHz to 300kHz Silicon Timer
TS3006DB TOUCHSTONE-TS3006DB Datasheet
305Kb / 3P
   A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
TS3005 TOUCHSTONE-TS3005 Datasheet
820Kb / 11P
   A 1.55V to 5.25V, 1.35uA, 1.7ms to 33hrs Silicon Timer
TS3003DB TOUCHSTONE-TS3003DB Datasheet
332Kb / 4P
   A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
TS3005DB TOUCHSTONE-TS3005DB Datasheet
346Kb / 4P
   A 1.55V to 5.25V, 1.35關A, 1.7ms to 33hrs Silicon Timer
TS3002 TOUCHSTONE-TS3002 Datasheet
889Kb / 11P
   A 1V/1uA Easy-to-Use Silicon Oscillator/Timer
logo
Maxim Integrated Produc...
MAX5498EVKIT MAXIM-MAX5498EVKIT Datasheet
313Kb / 13P
   2.7V to 5.25V Single-Supply Operation
Rev 1; 12/08
MAX3524EVKIT MAXIM-MAX3524EVKIT Datasheet
151Kb / 5P
   4.75V to 5.25V Single-Supply Operation
Rev 0; 12/00
MAX98307EVKIT MAXIM-MAX98307EVKIT Datasheet
1Mb / 7P
   2.6V to 5.25V Single-Supply Operation
19-5985; Rev 0; 7/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com