データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3004ITD1033TP データシート(PDF) 10 Page - Touchstone Semiconductor Inc

部品番号 TS3004ITD1033TP
部品情報  A 1.55V to 5.25V, 1.9uA, 3.3us to 233s Silicon Timer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOUCHSTONE [Touchstone Semiconductor Inc]
ホームページ  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS3004ITD1033TP データシート(HTML) 10 Page - Touchstone Semiconductor Inc

Back Button TS3004ITD1033TP Datasheet HTML 3Page - Touchstone Semiconductor Inc TS3004ITD1033TP Datasheet HTML 4Page - Touchstone Semiconductor Inc TS3004ITD1033TP Datasheet HTML 5Page - Touchstone Semiconductor Inc TS3004ITD1033TP Datasheet HTML 6Page - Touchstone Semiconductor Inc TS3004ITD1033TP Datasheet HTML 7Page - Touchstone Semiconductor Inc TS3004ITD1033TP Datasheet HTML 8Page - Touchstone Semiconductor Inc TS3004ITD1033TP Datasheet HTML 9Page - Touchstone Semiconductor Inc TS3004ITD1033TP Datasheet HTML 10Page - Touchstone Semiconductor Inc TS3004ITD1033TP Datasheet HTML 11Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TS3004
Page 10
TS3004DS r1p0
RTFDS
approximately 80µs. This is well above the required
minimum pulse width of 40µs.
Flashing Railroad Lights with the TS3004
With only three resistors and two off the shelf LEDs,
the TS3004 can be configured into a flashing railroad
lights
circuit.
With
the
input
divider
set
to
FDIV2:0 = 101 and RSET
= 3.24MΩ, the O T output
frequency is 1Hz. Refer to Figure 4. During the time
the output is HIGH, only the pull-down LED is on
while when the output is LOW, only the pull-up LED
is on. The supply voltage of the circuit is 5V.
Using the TS3004 and a Potentiometer to Dim an
LED
The TS3004 can be configured to dim an LED by
modulating the pulse width of the PWMOUT output.
With the input divider set to FDIV2:0 = 011 and
RSET=
2
MΩ, the
O T output frequency is
approximately 100Hz (or 10ms period). Refer to
Figure 5. The CPWM capacitor was calculated using
Equation 2 with a pulse width of 8.1ms. To reduce
the pulse width from 8.1ms and in turn, dim the LED,
a 1MΩ potentiometer is used. The potentiometer is
connected to the PWM_CNTRL pin in a voltage
divider configuration. The supply voltage of the circuit
is 5V.
.
Figure 5: TS3004 Configured to Dim an LED with a
Potentiometer
Figure 4: Flashing Railroad Lights with the
TS3004


同様の部品番号 - TS3004ITD1033TP

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
TS3004ITD1033T SILABS-TS3004ITD1033T Datasheet
1Mb / 12P
   Single Resistor Sets Output Frequency
More results

同様の説明 - TS3004ITD1033TP

メーカー部品番号データシート部品情報
logo
Touchstone Semiconducto...
TS3006 TOUCHSTONE-TS3006 Datasheet
641Kb / 9P
   A 1.55V to 5.25V, 1.9uA, 9kHz to 300kHz Silicon Timer
TS3003 TOUCHSTONE-TS3003 Datasheet
868Kb / 10P
   A 1.55V to 5.25V, 10kHz to 300kHz Silicon Timer
TS3006DB TOUCHSTONE-TS3006DB Datasheet
305Kb / 3P
   A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
TS3005 TOUCHSTONE-TS3005 Datasheet
820Kb / 11P
   A 1.55V to 5.25V, 1.35uA, 1.7ms to 33hrs Silicon Timer
TS3003DB TOUCHSTONE-TS3003DB Datasheet
332Kb / 4P
   A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
TS3005DB TOUCHSTONE-TS3005DB Datasheet
346Kb / 4P
   A 1.55V to 5.25V, 1.35關A, 1.7ms to 33hrs Silicon Timer
TS3002 TOUCHSTONE-TS3002 Datasheet
889Kb / 11P
   A 1V/1uA Easy-to-Use Silicon Oscillator/Timer
logo
Maxim Integrated Produc...
MAX5498EVKIT MAXIM-MAX5498EVKIT Datasheet
313Kb / 13P
   2.7V to 5.25V Single-Supply Operation
Rev 1; 12/08
MAX3524EVKIT MAXIM-MAX3524EVKIT Datasheet
151Kb / 5P
   4.75V to 5.25V Single-Supply Operation
Rev 0; 12/00
MAX98307EVKIT MAXIM-MAX98307EVKIT Datasheet
1Mb / 7P
   2.6V to 5.25V Single-Supply Operation
19-5985; Rev 0; 7/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com