データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2-1318115-3 データシート(PDF) 2 Page - Tyco Electronics

部品番号 2-1318115-3
部品情報  AMP Dynamic Series Connectors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1318115-3 データシート(HTML) 2 Page - Tyco Electronics

  2-1318115-3 Datasheet HTML 1Page - Tyco Electronics 2-1318115-3 Datasheet HTML 2Page - Tyco Electronics 2-1318115-3 Datasheet HTML 3Page - Tyco Electronics 2-1318115-3 Datasheet HTML 4Page - Tyco Electronics 2-1318115-3 Datasheet HTML 5Page - Tyco Electronics 2-1318115-3 Datasheet HTML 6Page - Tyco Electronics 2-1318115-3 Datasheet HTML 7Page - Tyco Electronics 2-1318115-3 Datasheet HTML 8Page - Tyco Electronics 2-1318115-3 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
17
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-2000 Series (Continued)
AMP Dynamic Series Connectors
Voltage Rating
Description
Material
Receptacle contact
Tab contact
Copper alloy
Copper alloy
Finish
Contact area 0.38 µm min. gold
plating underplated nickel
Contact area 0.38 µm min. gold
plating — Contact tail tin plated
underplated nickel
Tab post
Housing
UL94V-0 rated glass filled polyester (PBT)
Material and Finish
Pitch
Item
Current Rating
1-position : 5A
3-position : 5A
6-position : 5A
8-position : 4.5A
12-position : 4A
20-position : 3.2A
(when using #18 AWG wire)
Contact Resistance
Dielectric Withstanding Voltage
Operating Temperature
10 mΩ max.
1,500 V (1minute)
-55˚~+105˚C
*When connectors are used singly.
2.5mm
250 VAC
Performance Specifications


同様の部品番号 - 2-1318115-3

メーカー部品番号データシート部品情報
logo
Tyco Electronics
2-1318115-4 MACOM-2-1318115-4 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-6 MACOM-2-1318115-6 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-9 MACOM-2-1318115-9 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
More results

同様の説明 - 2-1318115-3

メーカー部品番号データシート部品情報
logo
Tyco Electronics
2-1318114-9 MACOM-2-1318114-9 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-9 MACOM-2-1318115-9 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318120-3 MACOM-2-1318120-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
1-1903128-1 MACOM-1-1903128-1 Datasheet
525Kb / 15P
   AMP Dynamic Series Connectors
2-1318116-3 MACOM-2-1318116-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318114-6 MACOM-2-1318114-6 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-4 MACOM-2-1318115-4 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318117-3 MACOM-2-1318117-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318119-4 MACOM-2-1318119-4 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-6 MACOM-2-1318115-6 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com