データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SAWX4A0X データシート(PDF) 7 Page - Seoul Semiconductor

部品番号 SAWX4A0X
部品情報  Designing with Acriche A4 Connect using a siple diode bridge directly to AC power
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEOUL [Seoul Semiconductor]
ホームページ  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAWX4A0X データシート(HTML) 7 Page - Seoul Semiconductor

Back Button SAWX4A0X Datasheet HTML 3Page - Seoul Semiconductor SAWX4A0X Datasheet HTML 4Page - Seoul Semiconductor SAWX4A0X Datasheet HTML 5Page - Seoul Semiconductor SAWX4A0X Datasheet HTML 6Page - Seoul Semiconductor SAWX4A0X Datasheet HTML 7Page - Seoul Semiconductor SAWX4A0X Datasheet HTML 8Page - Seoul Semiconductor SAWX4A0X Datasheet HTML 9Page - Seoul Semiconductor SAWX4A0X Datasheet HTML 10Page - Seoul Semiconductor SAWX4A0X Datasheet HTML 11Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
APCPCWM_4828539:WP_0000001WP_0000001
서식번호 : SSC-QP-7-07-25 (Rev.00)
7
Rev. 00
Rev. 00
September
September 2011
2011
www.acriche.com
www.acriche.com
Figure 7. Standard compact drive circuit configuration 220~240Vac
580 Ω
880 Ω
1180 Ω
1480 Ω
30 mA,rms
8 W
2180 Ω
2480 Ω
2780 Ω
3080 Ω
20 mA,rms
4 W
240 Vac
1390 Ω
1690 Ω
1990 Ω
2290 Ω
25 mA,rms
6 W
280 Ω
580 Ω
880 Ω
1180 Ω
30 mA,rms
8 W
1740 Ω
2040 Ω
2340 Ω
2640 Ω
20 mA,rms
4 W
230 Vac
1030 Ω
1330 Ω
1630 Ω
1930 Ω
25 mA,rms
6 W
880 Ω
1180 Ω
1480 Ω
1780 Ω
30 mA,rms
8 W
670 Ω
970 Ω
1270 Ω
1570 Ω
25 mA,rms
6 W
1300 Ω
1600 Ω
1900 Ω
2200 Ω
20 mA,rms
4 W
220 Vac
D
C
B
A
VF bins
Target
Drive Current
Power
dissipation
Input Voltage
Table 3. Resistor values in Figure 7.
Rout
Acriche A4
BD
Vin
2.3 Optional Components/Configurations
Acriche A4 can be operated in three additional optional configurations if higher efficiency or
less flicker is needed. These optional configurations can lower power factor as seen in Table 13.
The three different component configurations consist of a bridge diode, resistor, and capacitor(s).
Optional Configuration #1 : output resistor + output capcacitor(parallel)
Optional Configuration #2 : Input capacitor(series) + output resistor
Optional Configuration #3 : Input capacitor(series) + output capcacitor(parallel) + output resistor
Figure 8. Current waveforms of different circuit configurations
0.0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
0
5
10
15
20
25
30
35
40
Time [ms]
Standard AC driving
Optional Configuration#1
Optional Configuration#2
Optional Configuration#3


同様の部品番号 - SAWX4A0X

メーカー部品番号データシート部品情報
logo
Seoul Semiconductor
SAWX5B0X SEOUL-SAWX5B0X Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX5D0X SEOUL-SAWX5D0X Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX5X0X SEOUL-SAWX5X0X Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX5X0X-1A SEOUL-SAWX5X0X-1A Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX5X0X-1B SEOUL-SAWX5X0X-1B Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
More results

同様の説明 - SAWX4A0X

メーカー部品番号データシート部品情報
logo
Seoul Semiconductor
SMJC-2V08W2P4 SEOUL-SMJC-2V08W2P4 Datasheet
1Mb / 13P
   Acrich2 - 8.7W Candle Connect using a AIC directly to AC power
SMJE-3V12W2P4 SEOUL-SMJE-3V12W2P4 Datasheet
427Kb / 14P
   Acrich2 - 12.7W Bulb Connect using a AIC directly to AC power
SMJE-3V08W2P4 SEOUL-SMJE-3V08W2P4 Datasheet
484Kb / 14P
   Acrich2 - 8.7W Bulb Connect using a AIC directly to AC power
SMJC-3V08W2P4 SEOUL-SMJC-3V08W2P4 Datasheet
1Mb / 13P
   Acrich2 - 8.7W Candle Connect using a AIC directly to AC power
SMJE-2V08W2P4 SEOUL-SMJE-2V08W2P4 Datasheet
462Kb / 14P
   Acrich2 - 8.7W Bulb Connect using a AIC directly to AC power
SMJE-2V12W2P4 SEOUL-SMJE-2V12W2P4 Datasheet
468Kb / 14P
   Acrich2 -12.7W Bulb Connect using a AIC directly to AC power
SMJD-3V16W2P3 SEOUL-SMJD-3V16W2P3 Datasheet
570Kb / 14P
   Acrich2 220V 17W Module Connect using a AIC directly to AC power
SMJP-1V04W1P1 SEOUL-SMJP-1V04W1P1 Datasheet
868Kb / 15P
   Acrich2 - 100V 4.3W MR Connect using a AIC directly to AC power
SMJD-2D16W2P3 SEOUL-SMJD-2D16W2P3 Datasheet
563Kb / 14P
   Acrich2 120V 17W Module Connect using a AIC directly to AC power
SMJE-1V04W1P2 SEOUL-SMJE-1V04W1P2 Datasheet
708Kb / 15P
   Acrich2 - 100V 4.3W Bulb Connect using a AIC directly to AC power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com