データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SAWX5X0X-2A データシート(PDF) 11 Page - Seoul Semiconductor

部品番号 SAWX5X0X-2A
部品情報  Binning and Labeling Connect directly in AC Power Saving Long Life Time
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEOUL [Seoul Semiconductor]
ホームページ  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAWX5X0X-2A データシート(HTML) 11 Page - Seoul Semiconductor

Back Button SAWX5X0X-2A Datasheet HTML 7Page - Seoul Semiconductor SAWX5X0X-2A Datasheet HTML 8Page - Seoul Semiconductor SAWX5X0X-2A Datasheet HTML 9Page - Seoul Semiconductor SAWX5X0X-2A Datasheet HTML 10Page - Seoul Semiconductor SAWX5X0X-2A Datasheet HTML 11Page - Seoul Semiconductor SAWX5X0X-2A Datasheet HTML 12Page - Seoul Semiconductor SAWX5X0X-2A Datasheet HTML 13Page - Seoul Semiconductor SAWX5X0X-2A Datasheet HTML 14Page - Seoul Semiconductor SAWX5X0X-2A Datasheet HTML 15Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Rev. 01
Rev. 01
August 2012
August 2012
www.ACRICH.com
www.ACRICH.com
11
Document No. : SSC-QP-7-07-24 (Rev.00)
1. Cool White
Order Code
LF
CC
VF
A1
U2A1A~U2A1D
VA1A~VA1D
WA1A~WA1D
A3
U2A3A~U2A3D
VA3A~VA3D
WA3A~WA3D
A5
U2A5A~U2A5D
VA5A~VA5D
WA5A~WA5D
B8
U2B8A~U2B8D
VB8A~VB8D
WB8A~WB8D
B0
U2B0A~U2B0D
VB0A~VB0D
WB0A~WB0D
B2
U2B2A~U2B2D
VB2A~VB2D
WB2A~WB2D
B8
U2B8A~U2B8D
VB8A~VB8D
WB8A~WB8D
B0
U2B0A~U2B0D
VB0A~VB0D
WB0A~WB0D
B2
U2B2A~U2B2D
VB2A~VB2D
WB2A~WB2D
B9
U2B9A~U2B9D
VB9A~VB9D
WB9A~WB9D
B1
U2B1A~U2B1D
VB1A~VB1D
WB1A~WB1D
B3
U2B3A~U2B3D
VB3A~VB3D
WB3A~WB3D
B9
U2B9A~U2B9D
VB9A~VB9D
WB9A~WB9D
B1
U2B1A~U2B1D
VB1A~VB1D
WB1A~WB1D
B3
U2B3A~U2B3D
VB3A~VB3D
WB3A~WB3D
C8
U2C8A~U2C8D
VC8A~VC8D
WC8A~WC8D
C0
U2C0A~U2C0D
VC0A~VC0D
WC0A~WC0D
C2
U2C2A~U2C2D
VC2A~VC2D
WC2A~WC2D
C8
U2C8A~U2C8D
VC8A~VC8D
WC8A~WC8D
C0
U2C0A~U2C0D
VC0A~VC0D
WC0A~WC0D
C2
U2C2A~U2C2D
VC2A~VC2D
WC2A~WC2D
C9
U2C9A~U2C9D
VC9A~VC9D
WC9A~WC9D
C1
U2C1A~U2C1D
VC1A~VC1D
WC1A~WC1D
C3
U2C3A~U2C3D
VC3A~VC3D
WC3A~WC3D
Part No. – 2D
U2
V
W
A
B
C
D
Part No. – 2B
U2
V
W
A
B
C
D
Part No. – 2C
U2
V
W
A
B
C
D
Standard Order Codes for Cool White
Standard Order Codes for Cool White
Standard Order Codes for Cool White
Standard Order Codes for Cool White
Bin Codes
Part No. – 2A
U2
V
W
A
B
C
D


同様の部品番号 - SAWX5X0X-2A

メーカー部品番号データシート部品情報
logo
Seoul Semiconductor
SAWX4A0X SEOUL-SAWX4A0X Datasheet
1Mb / 22P
   Designing with Acriche A4 Connect using a siple diode bridge directly to AC power
SAWX7X0A SEOUL-SAWX7X0A Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
SAWX7X0A-1A SEOUL-SAWX7X0A-1A Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
SAWX7X0A-1B SEOUL-SAWX7X0A-1B Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
SAWX7X0A-1C SEOUL-SAWX7X0A-1C Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
More results

同様の説明 - SAWX5X0X-2A

メーカー部品番号データシート部品情報
logo
Seoul Semiconductor
AX32X0 SEOUL-AX32X0_12 Datasheet
316Kb / 16P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX7X0A SEOUL-SAWX7X0A Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
B42180 SEOUL-B42180 Datasheet
364Kb / 14P
   Binning and Labeling
logo
Cree, Inc
XL4550 CREE-XL4550 Datasheet
431Kb / 4P
   XLamp짰 4550 LEDs Binning and Labeling
XR7090AA-BC-0001 CREE-XR7090AA-BC-0001 Datasheet
311Kb / 6P
   XLamp짰 XR LED Binning and Labeling
logo
Seoul Semiconductor
SMJE-XD12W4PD SEOUL-SMJE-XD12W4PD Datasheet
1Mb / 25P
   Long Life Time
logo
Cree, Inc
XR-E CREE-XR-E Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 13P
   XLAMP XB-D LED BINNING & LABELING
logo
Seoul Semiconductor
SMJC-2V08W2P4 SEOUL-SMJC-2V08W2P4 Datasheet
1Mb / 13P
   Acrich2 - 8.7W Candle Connect using a AIC directly to AC power
SMJE-3V12W2P4 SEOUL-SMJE-3V12W2P4 Datasheet
427Kb / 14P
   Acrich2 - 12.7W Bulb Connect using a AIC directly to AC power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com