データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SAWX7X0A-2C データシート(PDF) 9 Page - Seoul Semiconductor

部品番号 SAWX7X0A-2C
部品情報  Binning and Labeling Connect in AC power with Bridge Diode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEOUL [Seoul Semiconductor]
ホームページ  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAWX7X0A-2C データシート(HTML) 9 Page - Seoul Semiconductor

Back Button SAWX7X0A-2C Datasheet HTML 5Page - Seoul Semiconductor SAWX7X0A-2C Datasheet HTML 6Page - Seoul Semiconductor SAWX7X0A-2C Datasheet HTML 7Page - Seoul Semiconductor SAWX7X0A-2C Datasheet HTML 8Page - Seoul Semiconductor SAWX7X0A-2C Datasheet HTML 9Page - Seoul Semiconductor SAWX7X0A-2C Datasheet HTML 10Page - Seoul Semiconductor SAWX7X0A-2C Datasheet HTML 11Page - Seoul Semiconductor SAWX7X0A-2C Datasheet HTML 12Page - Seoul Semiconductor SAWX7X0A-2C Datasheet HTML 13Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
APCPCWM_4828539:WP_0000001WP_0000001
Rev.
Rev. 01
01
July
July 2012
2012
www.ACRICH.com
www.ACRICH.com
9
Document No. : SSC-QP-7-07-24 (Rev.00)
1. Pure White
A7 Order Code (4W)
Order Code
LF
CC
VF
Z2
Y2Z2A~Y2Z2D
Z1Z2A~Z1Z2D
Z2Z2A~Z2Z2D
Z4
Y3Z4A~Y3Z4D
Z1Z4A~Z1Z4D
Z2Z4A~Z2Z4D
Z1
Y4Z1A~Y4Z1D
Z1Z1A~Z1Z1D
Z2Z1A~Z2Z1D
Z3
Y5Z3A~Y5Z3D
Z1Z3A~Z1Z3D
Z2Z3A~Z2Z3D
Z5
Y6Z5A~Y6Z5D
Z1Z5A~Z1Z5D
Z2Z5A~Z2Z5D
Z1
Y7Z1A~Y7Z1D
Z1Z1A~Z1Z1D
Z2Z1A~Z2Z1D
Z3
Y8Z3A~Y8Z3D
Z1Z3A~Z1Z3D
Z2Z3A~Z2Z3D
Z5
Y9Z5A~Y9Z5D
Z1Z5A~Z1Z5D
Z2Z5A~Z2Z5D
A0
Y10A0A~Y10A0DZ1A0A~Z1A0D
Z2A0A~Z2A0D
A2
Y11A2A~Y11A2DZ1A2A~Z1A2D
Z2A2A~Z2A2D
A4
Y12A4A~Y12A4DZ1A4A~Z1A4D
Z2A4A~Z2A4D
A0
Y13A0A~Y13A0DZ1A0A~Z1A0D
Z2A0A~Z2A0D
A2
Y14A2A~Y14A2DZ1A2A~Z1A2D
Z2A2A~Z2A2D
A4
Y15A4A~Y15A4DZ1A4A~Z1A4D
Z2A4A~Z2A4D
A1
Y16A1A~Y16A1DZ1A1A~Z1A1D
Z2A1A~Z2A1D
A3
Y17A3A~Y17A3DZ1A3A~Z1A3D
Z2A3A~Z2A3D
A5
Y18A5A~Y18A5DZ1A5A~Z1A5D
Z2A5A~Z2A5D
A1
Y19A1A~Y19A1DZ1A1A~Z1A1D
Z2A1A~Z2A1D
A3
Y20A3A~Y20A3DZ1A3A~Z1A3D
Z2A3A~Z2A3D
A5
Y21A5A~Y21A5DZ1A5A~Z1A5D
Z2A5A~Z2A5D
B0
Y22B0A~Y22B0DZ1B0A~Z1B0D
Z2B0A~Z2B0D
B2
Y23B2A~Y23B2DZ1B2A~Z1B2D
Z2B2A~Z2B2D
B4
Y24B4A~Y24B4DZ1B4A~Z1B4D
Z2B4A~Z2B4D
B0
Y25B0A~Y25B0DZ1B0A~Z1B0D
Z2B0A~Z2B0D
B2
Y26B2A~Y26B2DZ1B2A~Z1B2D
Z2B2A~Z2B2D
B4
Y27B4A~Y27B4DZ1B4A~Z1B4D
Z2B4A~Z2B4D
B1
Y28B1A~Y28B1DZ1B1A~Z1B1D
Z2B1A~Z2B1D
B3
Y29B3A~Y29B3DZ1B3A~Z1B3D
Z2B3A~Z2B3D
B5
Y30B5A~Y30B5DZ1B5A~Z1B5D
Z2B5A~Z2B5D
B1
Y31B1A~Y31B1DZ1B1A~Z1B1D
Z2B1A~Z2B1D
B3
Y32B3A~Y32B3DZ1B3A~Z1B3D
Z2B3A~Z2B3D
B5
Y33B5A~Y33B5DZ1B5A~Z1B5D
Z2B5A~Z2B5D
C0
Y34C0A~Y34C0DZ1C0A~Z1C0D
Z2C0A~Z2C0D
C2
Y35C2A~Y35C2DZ1C2A~Z1C2D
Z2C2A~Z2C2D
C4
Y36C4A~Y36C4DZ1C4A~Z1C4D
Z2C4A~Z2C4D
C0
Y37C0A~Y37C0DZ1C0A~Z1C0D
Z2C0A~Z2C0D
C2
Y38C2A~Y38C2DZ1C2A~Z1C2D
Z2C2A~Z2C2D
C4
Y39C4A~Y39C4DZ1C4A~Z1C4D
Z2C4A~Z2C4D
C1
Y40C1A~Y40C1DZ1C1A~Z1C1D
Z2C1A~Z2C1D
C3
Y41C3A~Y41C3DZ1C3A~Z1C3D
Z2C3A~Z2C3D
C5
Y42C5A~Y42C5DZ1C5A~Z1C5D
Z2C5A~Z2C5D
A
B
C
D
Y2
Z1
Z2
Part No. – 1C
Bin Codes
S tandard O rder Codes for Pure white
A
B
C
D
A
B
C
D
Y2
Z1
Z2
Part No. – 1A
Part No. – 1B
Y2
Z1
Z2
Part No. – 1D
Y2
Z1
Z2
A
B
C
D
Part No. – 1E
Y2
Z1
Z2
A
B
C
D
Part No. – 1G
Y2
Z1
Z2
A
B
C
D
Part No. – 1F
Y2
Z1
Z2
A
B
C
D
A7 series has an order code, use it as follows to purchase.
· Example : SAWX7X0A - 1A
Part Number
Order code


同様の部品番号 - SAWX7X0A-2C

メーカー部品番号データシート部品情報
logo
Seoul Semiconductor
SAWX4A0X SEOUL-SAWX4A0X Datasheet
1Mb / 22P
   Designing with Acriche A4 Connect using a siple diode bridge directly to AC power
SAWX5B0X SEOUL-SAWX5B0X Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX5D0X SEOUL-SAWX5D0X Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX5X0X SEOUL-SAWX5X0X Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX5X0X-1A SEOUL-SAWX5X0X-1A Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
More results

同様の説明 - SAWX7X0A-2C

メーカー部品番号データシート部品情報
logo
Seoul Semiconductor
AX32X0 SEOUL-AX32X0_12 Datasheet
316Kb / 16P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX5X0X SEOUL-SAWX5X0X Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
B42180 SEOUL-B42180 Datasheet
364Kb / 14P
   Binning and Labeling
logo
Cree, Inc
XL4550 CREE-XL4550 Datasheet
431Kb / 4P
   XLamp짰 4550 LEDs Binning and Labeling
XR7090AA-BC-0001 CREE-XR7090AA-BC-0001 Datasheet
311Kb / 6P
   XLamp짰 XR LED Binning and Labeling
XR-E CREE-XR-E Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 13P
   XLAMP XB-D LED BINNING & LABELING
logo
Seoul Semiconductor
SAWX4A0X SEOUL-SAWX4A0X Datasheet
1Mb / 22P
   Designing with Acriche A4 Connect using a siple diode bridge directly to AC power
logo
ON Semiconductor
AFGY120T65SPD-B4 ONSEMI-AFGY120T65SPD-B4 Datasheet
1Mb / 11P
   Field Stop Trench IGBT With Soft Fast Recovery Diode and VCESAT, VTH Binning
June, 2020 ??Rev. 2
AFGY160T65SPD-B4 ONSEMI-AFGY160T65SPD-B4 Datasheet
2Mb / 11P
   Field Stop Trench IGBT With Soft Fast Recovery Diode and VCESAT, VTH Binning
June, 2020 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com